Part Number Hot Search : 
PUMH13 BZT5271 1027D ICS94211 SEL4414G TS5215CS AP89010 TMP88
Product Description
Full Text Search
 

To Download CYNA16-1200PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  iso9001 certified power components absolute maximum ratings conditions symbol rating rms on-state current (full sine wave) tc = 110 ? c to-220ab i t(rms) 16a tc = 95 ? c to-220ab iso average on-state current tc = 110 ? c to-220ab i t(av) 10a to-220ab iso non repetitive surge peak on-state current f =50 hz 190a (full cycle, tj initial = 25 ? c) f =60 hz i tsm 200a i 2 t value for fusing tp = 10 ms i 2 t 180a 2 s critical rate of rise of on-state current i g =2 x i gt , tr<100 ns, t j = 125 ? c f =60 hz di/dt 50a/? peak gate current @ t j = 125?c tp = 20 ? i gm 4a average gate power dissipation @ tj = 125 ? c pg(av) 1w storage temperature range t stg -40 to +150 ? c operating junction temperature range t j -40 to +125 ? c isolation voltage (cyna series only) v iso 2500v rms maximum peak reverse gate voltage v rgm 5v electrical characteristics note 1 i gt max @ v d =12 v, r l = 30 ? 25ma v gt max @ v d =12 v, r l = 30 ? 1.3v v gd min @ v d =v drm , r l = 3.3k ? tj = 125 ? c0.2v i h max @ i t = 500 ma (gate open) 40ma i l max @ i g = 1.2 i gt 60ma dv/dt min @ v d = 67%v drm (gate open) tj = 125?c 500v/? v tm max @ i tm =32 a, tp = 380? tj = 25?c 1.6v v to max (threshold voltage) tj = 125?c 0.77v r d max (dynamic resistance) tj = 125?c 23m ? i drm max @ v drm = v rrm tj = 25?c 5? i rrm max @ v drm = v rrm tj = 125?c 2ma > suitable for general purpose ac switching > igt 25 ma max. > vdrm/vrmm 400, 600, 800, 1200v g a k to-220ab isolated (cyna25) to-220ab non-isolated (cynb25) g a a k g a k applications motor control overvoltage crowbar protection capacitive discharge ignition voltage regulation welding equipment capacitive filter soft start (inrush current control) general notes 1. all parameters at 25 degrees c unless otherwise specified. cyna/cynb16 16amp - 400/600/800/1200v - scr
dimensions millimeters inches ref. min. typ. max. min. typ. max. a 15.24 15.75 0.6 0.62 b 3.23 0.127 c 12.78 13.79 0.503 0.543 d 9.96 10.36 0.392 0.408 e 0.69 0.94 0.027 0.037 f 1.22 1.32 0.048 0.052 g 4.62 4.83 0.182 0.19 h 0.46 0.61 0.018 0.024 i 2.49 2.84 0.098 0.112 j 2.39 2.69 0.094 0.106 k 6.48 6.88 0.255 0.271 l 3.78 3.89 0.149 0.153 m 15.49 16 16.51 0.61 0.63 0.65 n 2.59 2.9 0.102 0.114 o 0.99 1.55 0.039 0.061 p 0.99 1.55 0.039 0.061 q 2.67 0.105 weight: 2.3g (0.08 oz) q d m g f c o i p e b a k n l j h cyna/cynb16 16amp - 400/600/800/1200v - scr usa sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 email: sales@crydom.com crydom corp 2320 paseo de las americas, suite 201 san diego, ca 92154 europe - uk telephone +44 (0) 1202 365070 fax +44 (0) 1202 365090 email: intsales@crydom.com crydom international ltd. 7 cobham road ferndown industrial estate wimborne, dorset bh21 7pe germany telephone +49 (0) 180 3000 506 asia - thailand telephone +66 (0)2 665 2517 fax +66 (0)2 665 2588 crydom asia 18/8 fico place 12th floor soi sukhumvit 21 (asoke) klongtoey nua, wattana bangkok, thailand 10110 iso9001 certified ?2004 crydom corp, all rights reserved. specifications are subject to change without prior notice. crydom and the crydom logo are trademarks of crydom corp. crydomcyn1 6_f1704.pdf thermal resistances symbol rating junction to case (ac) to-220ab r th(j-c) 1.2 ? c/w junction to case (ac) to-220ab isolated r th(j-c) 2.1 ? c/w junction to ambient to-220ab r th(j-a) 60 ? c/w junction to ambient to-220ab isolated r th(j-a) 60 ? c/w part number designation series isolation type a: isolated b: non-isolated rated current 16: 16 amp packaging blank: bulk pt: plastic tube maximum blocking voltage 400: 400vpk 600: 600vpk 800: 800vpk 1200: 1200vpk cyn 16 0 2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 024681012 i t(av) [a] fig. 1: power dissipation versus average on-state current. p [w] 80 85 90 95 100 105 110 115 120 125 130 t c [?c] fig. 2: rms on-state current versus case temperature (full cycle) i t(rms) [a] i tsm [a] v tm [v] fig. 3: on-state current versus on-state voltage (instantaneous values) i tm [a] 1 10 100 1000 number of cycles fig. 4: non-repetitive surge peak on-state current versus number of cycles. isolated non-isolated non-repetitive tj initial = 25 c 1.0 10.0 100.0 1000.0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 18 16 14 12 10 8 6 4 2 0 600 300 200 100 80 40 10 20 approvals ul - pending


▲Up To Search▲   

 
Price & Availability of CYNA16-1200PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X