Part Number Hot Search : 
7289NSC 1X392K SMA6J60A 01061 LD7513A FES2A SMB33C IN4746A
Product Description
Full Text Search
 

To Download CNS020135MOHM005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the models cns 020 and cns 021 resistors incorporate an ultrastable thin film element into the rck02 form factor thereby extending the existing range capability. dimensions in mm specifications performance mechanical .. substrate... alumina resistive element... passivated nichrome terminal leads... sn pb on cu alloy protection... epoxy coating electrical ... ohmic value range... 100 k ? ... 10 m ? (lower on request) resistance tolerance... 0,01 % tightest 1% looset temperature coefficient ... of resistance... 10 ppm/? standard (?5?, +125?) 5 ppm/? on request (0?, +70?) power rating... 0,25 w at +70? 0,125 w at +125? derating 0 w at +155? maximum working voltage... 300 v (higher on request) climatic ... operating temperature ... range... ?5? +155? marking in clear : series, model, sfernice trademark and manu- facturing code. on back side : ohmic value (in ? ), tolerance (in %). cns 020 cns 021 electrical diagram series model cns 020 021 020 ohmic value 100 k ? tolerance 0,02% 0,01 % 0,02 % 0,05 % ?,1 % 0 ? % ordering procedure 020 021 high precision resistors cns data sheet e 2/4.936 - 10499 4-46 5,08 0,508 3,17 min. 6,62 max. 0,254 2,54 max. 8,1 3,81 0,508 3,17 min. 6,62 max. 0,254 2,54 max. 8,1 tests overload 2,5 un / 5 s u max. < 2 un 0,01 % 0,05 % 0,05 % 0,01 % 0,01 % 0,01 % 0,01 % 0,01 % 0,05 % 0,02 % 0,05 % 0,05 % 0,02 % 0,02 % 0,02 % 0,05 % 0,01 % 0,01 % 0,01 % 0,01 % 0,05 % i. resist. >10 2 m ? 0,05 % i. resist. >10 2 m ? 0,05 % 0,05 % 55 c/+155 c 5 cycles cei 68-2-14 test na cei 68-2-21 test ua (pulling) ub (bending) uc (twisting) +260 c / 10 s cei 68-2-20a test tb (met 1a) 10 hz to 500 hz 10 g. 6 hours met b4 cei 68-2-6 test fc 55 c / +155 c 6 cycles 95% rh 85mbar cei 68-2-61 56 days 95% rh + 40 c cei 68-2-3 1000 hours pn at 70 c 90 /30 1000 hours / +155 c cei 68-2-2 test b temperature cycling terminal strength resistance to solder heat vibration climatic sequence moisture load life high temperature storage conditions requirements nfc 83-220 cecc 40 300 mil r-55182e drifts max. 4 thin film products
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of CNS020135MOHM005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X