Part Number Hot Search : 
18030 MB90574 GRM32D 500CA MB90574 L7824AC PBM99090 23221
Product Description
Full Text Search
 

To Download CM300DU-12H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sep.1998 dimensions inches millimeters a 4.25 108.0 b 2.44 62.0 c 1.14 +0.04/-0.02 29 +1.0/-0.5 d 3.66 0.01 93.0 0.25 e 1.88 0.01 48.0 0.25 f 0.87 22.0 g 0.16 4.0 h 0.24 6.0 j 0.59 15.0 dimensions inches millimeters k 0.71 18.0 l 0.87 22.0 m 0.33 8.5 n 0.10 2.5 p 0.85 21.5 q 0.98 25.0 r 0.11 2.8 s 0.25 dia. 6.5 dia. t 0.6 15.15 description: mitsubishi igbt modules are de- signed for use in switching applica- tions. each module consists of two igbts in a half- bridge configuration with each transistor having a re- verse-connected super-fast recov- ery free-wheel diode. all compo- nents and interconnects are iso- lated from the heat sinking base- plate, offering simplified system assembly and thermal manage- ment. features: u low drive power u low v ce(sat) u discrete super-fast recovery free-wheel diode u high frequency operation u isolated baseplate for easy heat sinking applications: u ac motor control u motion/servo control u ups u welding power supplies ordering information: example: select the complete module number you desire from the table - i.e. CM300DU-12H is a 600v (v ces ), 300 ampere dual igbt module. current rating v ces type amperes volts (x 50) cm 300 12 mitsubishi igbt modules CM300DU-12H high power switching use insulated type outline drawing and circuit diagram cm a s(4 - mounting holes) b 3 - m6 nuts e d q k k k f r qn g p h j u c l m h t c measured point e2 g1 e1 g2 e2 c1 c2e1 t
sep.1998 mitsubishi igbt modules CM300DU-12H high power switching use insulated type absolute maximum ratings, t j = 25 c unless otherwise specified ratings symbol CM300DU-12H units junction temperature t j -40 to 150 c storage temperature t stg -40 to 125 c collector-emitter voltage (g-e short) v ces 600 volts gate-emitter voltage (c-e short) v ges 20 volts collector current (t c = 25 c) i c 300 amperes peak collector current (t j 150 c) i cm 600* amperes emitter current** (t c = 25 c) i e 300 amperes peak emitter current** i em 600* amperes maximum collector dissipation (t c = 25 c) p c 890 watts mounting torque, m6 main terminal C 3.5~4.5 n m mounting torque, m6 mounting C 3.5~4.5 n m weight C 400 grams isolation voltage (main terminal to baseplate, ac 1 min.) v iso 2500 vrms * pulse width and repetition rate should be such that the device junction temperature (t j ) does not exceed t j(max) rating. **represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (fwdi). static electrical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units collector-cutoff current i ces v ce = v ces , v ge = 0v C C 1 ma gate leakage voltage i ges v ge = v ges , v ce = 0v C C 0.5 m a gate-emitter threshold voltage v ge(th) i c = 30ma, v ce = 10v 4.5 6 7.5 volts collector-emitter saturation voltage v ce(sat) i c = 300a, v ge = 15v, t j = 25 c C 2.4 3.0 volts i c = 300a, v ge = 15v, t j = 125 c C 2.6 C volts total gate charge q g v cc = 300v, i c = 300a, v ge = 15v C 600 C nc emitter-collector voltage* v ec i e = 300a, v ge = 0v C C 2.6 volts * pulse width and repetition rate should be such that the device junction temperature (t j ) does not exceed t j(max) rating. dynamic electrical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units input capacitance c ies C C 26.4 nf output capacitance c oes v ce = 10v, v ge = 0v C C 14.4 nf reverse transfer capacitance c res CC4nf resistive turn-on delay time t d(on) v cc = 300v, i c = 300a, C C 250 ns load rise time t r v ge1 = v ge2 = 15v, C C 600 ns switch turn-off delay time t d(off) r g = 2.1 w , resistive C C 350 ns times fall time t f load switching operation C C 300 ns diode reverse recovery time t rr i e = 300a, di e /dt = -600a/ m s C C 160 ns diode reverse recovery charge q rr i e = 300a, di e /dt = -600a/ m s C 0.72 C m c thermal and mechanical characteristics, t j = 25 c unless otherwise specified characteristics symbol test conditions min. typ. max. units thermal resistance, junction to case r th(j-c) q per igbt 1/2 module C C 0.14 c/w thermal resistance, junction to case r th(j-c) d per fwdi 1/2 module C C 0.24 c/w contact thermal resistance r th(c-f) per module, thermal grease applied C 0.020 C c/w
sep.1998 mitsubishi igbt modules CM300DU-12H high power switching use insulated type gate charge, q g , (nc) gate-emitter voltage, v ge , (volts) gate charge, v ge 20 0 200 400 16 12 8 4 0 600 800 v cc = 300v v cc = 200v i c = 300a emitter current, i e , (amperes) reverse recovery time, t rr , (ns) reverse recovery characteristics (typical) 10 3 10 1 10 2 10 3 10 2 10 1 t rr i rr -di/dt = 600a/ m sec t j = 25? 10 2 10 1 10 0 reverse recovery current, i rr , (amperes) collector current, i c , (amperes) 10 3 10 1 10 2 10 3 10 2 10 1 t d(off) t d(on) t r v cc = 300v v ge = ?5v r g = 2.1 w t j = 125? t f switching time, (ns) half-bridge switching characteristics (typical) collector-emitter voltage, v ce , (volts) capacitance, c ies , c oes , c res , (nf) capacitance vs. v ce (typical) 10 -1 10 0 10 2 10 2 10 1 10 0 10 -1 v ge = 0v 10 1 c ies c oes c res 0.6 1.0 1.4 1.8 2.6 2.2 3.0 10 1 emitter-collector voltage, v ec , (volts) free-wheel diode forward characteristics (typical) 10 2 10 3 emitter current, i e , (amperes) t j = 25? gate-emitter voltage, v ge , (volts) collector-emitter saturation voltage, v ce(sat) , (volts) collector-emitter saturation voltage characteristics (typical) 10 0 4 8 12 16 20 8 6 4 2 0 t j = 25? i c = 120a i c = 600a i c = 300a collector-current, i c , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts ) collector-emitter saturation voltage characteristics (typical) 5 0 120 240 360 480 4 3 2 1 0 600 v ge = 15v t j = 25? t j = 125? gate-emitter voltage, v ge , (volts) collector current, i c , (amperes) transfer characteristics (typical) 0 4 8 12 16 20 480 360 240 120 0 600 v ce = 10v t j = 25? t j = 125? collector-emitter voltage, v ce , (volts) collector current, i c , (amperes) output characteristics (typical) 0246810 360 120 0 v ge = 20v 14 13 12 11 8 t j = 25 o c 240 480 600 10 9 15
sep.1998 mitsubishi igbt modules CM300DU-12H high power switching use insulated type time, (s) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (igbt) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 single pulse t c = 25 c per unit base = r th(j-c) = 0.14 c/w z th = r th ?(normalized value) 10 -1 10 -2 10 -3 time, (s) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (fwdi) 10 1 10 -5 10 -4 10 -3 10 0 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 -2 10 -3 single pulse t c = 25 c per unit base = r th(j-c) = 0.24 c/w z th = r th ?(normalized value)


▲Up To Search▲   

 
Price & Availability of CM300DU-12H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X