Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download CE02-2A18-10PYS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ce02-2a series the products in the ce02-2 series are interchangeable with tho se in the dms series, because both are indentical in installation dimensions. the inserts are of a three-piece design. their contacts will no t break when used under normal operating conditions. the inserts, which are made of silicone rubber, may be used at temperature of up to 125 coupling a receptacle connector in the ce02-2a series with a pl ug connector in the ce02-6a series or the dms (d190) series allows the entire joint between the two c onnectors to be moistureproof. moistureproof rece ptacle type conforming to mil-c-5015 feature material/finish shell aluminum alloy/zinc plating, olive drab chromate finish front insert silicone rubber middle insert pps resin rear insert pps resin contact copper alloy/silver plating flange gasket silicone rubber ddk's ce02-2a series provides a set of vibration- resistant, moistureproof, and oilproof receptacle connectors. this series uses synthetic rubber for its front inserts to cope with the various environ - ments in which industrial machines are installed. the products in the ce02-2a series are compatible with those in the dms series and comply to mil-c- 5015. they prevent the entry of water moisture, cutting oil, and other foreign matter into machines where these connectors are employed, helping enhance the reliability of the machines. typically, their best applications are in servo motors, machine tools, and equipment relating to factory automation as well as in extremely dusty environments. for plug connectors to mate with these receptacle connec - tors, ddk recommends that you use the ce02-6a series or the dms (d190) series available from ddk. 1
ce02-2a series wire size contact size awg #16 #16-#22 #12 #12-#14 #8 #8-#10 specification current rating contact size #16 #12 #8 max.value/per contact 13a 23a 26a voltage rating ac (rms) 250v 350v 350v dc 350v 500v 500v dielectric withstanding voltage ac (rms), 1minute 1,000v 1,500v 1,5 00v contact resistance less than m 5m max. operating temperature 40 to 125 2
ce02-2a series the inserts in the ce02-2a series are indentical to those in t he dms series. only the pin inserts are shown below. note : each of the inserts in the ce02 series is viewed from it s coupling side; all keys are set at their standard positions. when more than one connector (of the same model ) is used in a single device, the key positions should be changed as shown in order to prevent the wrong connec tors from being coupled together. insert arrangements insertno. 18-10 18-12 20-15 22-22 arrangements insertno. 22-14 22-22 22-23 24-10 arrangements alternate insert positions a b c d #12-4 a b c d e f #16-6 a b c d e f g #12-7 t b c d e a r p f g m s k j h l n #16-17 t b c d e a r p f g m s k j h l n #16-19 u v a b c d #8-4 a b c d e f g h #12-8 a c d e f g #8-7 b insert no. contact size/ no of contact non-standard key positions w x x z 18-10p #12/4 120 240 18-12p #16/6 80 280 20-15p #12/7 80 280 20-29p #16/17 80 280 22-14p #16/19 80 110 250 280 22-22p #8/4 110 250 22-23p #12/8 35 250 24-10p #8/7 80 280 1 8 1 0 a b d c =120b front view of pin insert (for model ce2-2a18-10p ) 3
ce02-2a series unit : mm ce02-2 20-29 p ws part number threads a b c d f g h j k l ce02-2a18-10p 1 1 / 8 -18unef-2a 19.2 3.35 7.44 13.8 25.4 15.88 26.97 34.9 3.05 ce02-2a18-12p 11.5 ce02-2a20-15p 1 1 / 4 -18unef-2a 19.2 3.35 7.44 13.8 28.6 15.88 29.36 38.1 3.05 ce02-2a20-29p 11.5 ce02-2a22-14p 1 3 / 8 -18unef-2a 19.2 3.35 7.44 11.5 31.8 15.88 31.75 41.3 3.05 ce02-2a22-22p 16.9 ce02-2a22-23p 13.8 ce02-2a24-10p 1 1 / 2 -18unef-2a 20.8 3.35 7.44 15.4 34.9 15.88 34.93 44.4 3.73 shell style 2a : receptacle shell size 18, 20, 22, 24 insert arrangement see page 3 flange gasket omit : less gasket s : with gasket alternate insert position omit : standard position. w,x,y,z : altenate position. contact style p : pin j 0.15 k l h b d c f max. g 0.5 +0.25 -0.12 a 4
ce02-6a series first-make, last-break contact to prevent damage to electronic circuitry. intermateable with mil-c-5015 style connectors commonly used on existing factory automation and other electrical equipment. designed to offer protection against moisture and oil. a gasket located between the coupling ring and receptacle shell seals the connection. available water resistan t backshells and cable clamps complete the sealed connection. plug connector is also designed to accep t conduit fittings. when used in this method and mated to ddk's ce02-2a series connectors, the entire connection system from the cable to the inside of the equipment is sealed from moisture, oil, and d ust. moistureproof plug type conforming to mil- c-5015 and jis-b-6015 feature material/finish shell aluminum alloy/zinc plating,olive drab chromate finish coupling ring aluminum alloy/zinc plating, olive drab chromate finish insert diallyl phthalate/blue contact copper alloy/silver plating retaining ring copper alloy/zinc plating, olive drab chromate finish ground lug copper alloy/silver plating gasket nitrile butadiene rubber/black the ce02 series circular connectors are designed to protect connections to electrical equipment from moisture, oil and surges in current which may damage electronic circuitry. the ce02 series is intermateable with mil- c-5015 style connectors such as the dms series available from ddk. factory automation equipment, machines, electri - calequipment in industrial outside applications where : electrical connection must be protected against exposure to moisture, oil, or dust. the equipment contains electronic circuits which need to be protected by a first-make, last-break contact. application 1
ce02-6a series wire size contact size wire size #16 awg#16-#22 #12 awg#12-#14 #8 awg#8-#10 specification current rating contact size #16 #12 #8 max.value per contact 13a 23a 46a voltage rating service rating a d ac (rms) 500v 900v dc 700v 1250v withstanding voltage ac (rms) 2000v 2800v insulation resistance more than 5000m at 500v dc contact resistance contact size #16 #12 #8 less than m 6 3 2 test current 13a 23a 46a operating temperature 55 to 125 alternate insert positions insert no. contact size/ number w x y z 10sl-3 #16/3 18-10 #12/4 120 240 18-12 #16/6 80 280 20-15 #12/7 80 280 20-29 #16/17 80 280 22-14 #16/19 80 280 22-22 #8/4 110 250 22-23 #12/8 35 250 24-10 #8/7 80 280 front view of socket insert z y x w 2
ce02-6a series insert arrangements insert no. 10sl-3 18-10 18-12 20-15 20-29 arrangements contact size #16 #12 #16 #12 #16 no. of contacts 3 4 6 7 17 grounding contact position c terminal d terminal d terminal d terminal n terminal service rating a a a a current capacity 13a (29.4a) 23a (62.5a) 13a (43.6a) 23a (83.7a) 13a (81.7a) insert no. 22-14 22-22 22-23 24-10 (d) 24-10 (g) arrangements contact size #16 #8 #12 #8 #8 no. of contacts 19 4 8 7 7 grounding contact position n terminal d terminal d terminal d terminal g terminal service rating a a d (h), a (others) a a current capacity 13a (88.9a) 46a (125.1a) 23a (90.1a) 46a (167.4a) 46a (167.4a) ca b a b d c a b d c e f a b c d e f g a b c d e f g h j k l t m s r p n a b c d e f g h j k l t m sr p n u v a b c d a b c d e f g h a b c d e f g a b c d e f g 3
ce02-6a series unit : mm ce02-6a 18-12d s w shell size coupling threads a b c rear threads d e g 10sl 5 / 8 -24unef 22.22 23.30 9 / 16 -24unef-2a 7.50 12.5 18 1 1 / 8 -18unef 34.13 33.72 1-20unef-2a 11.74 23.5 20 1 1 / 4 -18unef 37.28 34.11 1 1 / 8 -18unef-2a 12.16 26.8 22 1 3 / 8 -18unef 40.48 34.11 1 1 / 4 -18unef-2a 12.15 29.9 24 1 1 / 2 -18unef 43.67 36.58 1 3 / 8 -18unef-2a 13.42 32.9 contact size #16 #12 #8 #8 (shell size 24) h 7.0 7.5 10.0 8.5 shell style 6a : straight plug shell size 10sl, 18, 20, 22, 24 insert arrangement see page 3 alternate insert position omit : standard position w,x,y,z : alternate position contact style s : socket premating contact position refer to insert arrangements gasket a c e h max d g b 4


▲Up To Search▲   

 
Price & Availability of CE02-2A18-10PYS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X