Part Number Hot Search : 
0437DWR ZL50019 C5125D M628032 EK107 CSNB121 STK532X TC310
Product Description
Full Text Search
 

To Download C49Z-A1B2C4150-FREQD16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cardinal components, inc., 155 rt. 46 w, wayne, nj. 07470 tel: (973)785-1333 fax: (973)785-0053 http://www.cardinalxtal.com cardinal components cardinal components microprocessor crystals cardinal provides the most comprehensive range of crystal components available. from standard microprocessors to custom-made crystals, cardinal engineers and salespeople are dedicated to providing the best technical support and services possible. specifications: frequency range: 1.8432 ~ 150.000 mhz custom crystals available. operating temperature: -10 c ~ + 70 c standard -40 c ~ + 85 c -55 c ~ +125 c frequency stability: 100 ppm 50 ppm standard 30 ppm 10 ppm frequency tolerance: 100 ppm (at 25 c) 50 ppm standard 30 ppm 10 ppm load capacitance: standard 18 pf or series. please specify your required load. resistance: maximum resistance corresponds to frequency. see chart below. standard: mode: fundamental, 3rd, 5th, or 7th overtone shunt capacitance: 7 pf max aging: 5 ppm/year drive level: 1.0 mw max optional features: formed leads vinyl sleeves insulator pads third lead radial tape and reel (1k per reel) note 1: not all combinations of the above tolerances, stabilities, and temperature ranges are available. consult the factory if your requirement is not standard. c49 part numbering example: c49 x - a1 b2 c2 180 - 3.579545 d18 - 3 * note: the above abc combinations cover basic specification options. we tailor our crystal specifications to meet customer requirements. please contact our sales department if you don ? t see exactly what you need. load cap. d16,18,20,etc. ds = series d18 overtone blank: fund. -3: 3rd ot -5: 5th ot -7: 7th ot -bt: bt cut frequency 3.579545 resistance see chart below 180 tolerance c1 = 100 c2 = 50 c3 = 30 c4 = 10 c2 operating temp. a0 = -10 c ~ +60 c a1 = -10 c ~ +70 c a2 = -40 c ~ +85 c a3 = -55 c ~ +125 c a1* stability b1 = 100 b2 = 50 b3 = 30 b4 = 10 b2 added features f = formed leads w = vinyl sleeving x = insulator pad y = third lead z = tape and reel blank=bulk pack x series c49 c49 series equivalent series resistance (esr), mode of operation (mode), and cut resistance chart: all resistances are maximum values. frequency mhz esr( ? ) mode/cut frequency mhz esr ( ? ) mode/cut 1.8432~1.999 650 max fund./at 5.000~5.999 75 max fund./at 2.000~2.399 550 max fund./at 6.000~6.999 50 max fund./at 2.400~2.999 350 max fund./at 7.000~7.999 40 max fund./at 3.000~3.199 250 max fund./at 8.000~9.999 35 max fund./at 3.200~3.499 200 max fund./at 10.000~12.999 30 max fund./at 3.500~3.599 180 max fund./at 13.000~32.768 25 max fund./at 3.600~3.899 150 max fund./at 24.000~29.999 60 max 3rd overtone/at 3.900~3.999 120 max fund./at 30.000~74.999 40 max 3rd overtone/at 4.000~4.099 100 max fund./at 75.000~119.999 80 max 5th overtone/at 4.100~4.999 80 max fund/at 120.000~150.000 100 max 5th overtone/at - 3 c49 e-mail: sales@cardinalxtal.com 10


▲Up To Search▲   

 
Price & Availability of C49Z-A1B2C4150-FREQD16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X