Part Number Hot Search : 
IC16F1 NASF1 SC5009 2N350707 P40NE P1037 BD3202 40430
Product Description
Full Text Search
 

To Download BYS11-90HE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bys11-90 document number 86014 15-aug-05 vishay general semiconductor www.vishay.com 1 do-214ac (sma) surface mount schottky barrier rectifier major ratings and characteristics i f(av) 1.5 a v rrm 90 v i fsm 40 a v f 0.75 v t j max. 150 c features  low profile package  ideal for automated placement  guardring for overvoltage protection  low power losses, high efficiency  very low switching losses  high surge capability  meets msl level 1, per j-std-020c  solder dip 260 c, 40 seconds typical applications for use in high frequency inverters, switching power supplies, freewheeling diodes, oring diode, dc-to-dc converters and reverse battery protection. mechanical data case: do-214ac (sma) epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes the cathode end maximum ratings t a = 25 c unless otherwise specified parameter symbol bys11-90 unit device marking code bys 109 maximum repetitive peak reverse voltage v rrm 90 v maximum average forward rectified current i f(av) 1.5 a peak forward surge current single half sine-wave superimposed on rated load at 8.3 ms at 10 ms i fsm 40 30 a voltage rate of change (rated v r ) dv/dt 10000 v/s junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com 2 document number 86014 15-aug-05 bys11-90 vishay general semiconductor electrical characteristics t a = 25 c unless otherwise specified notes: (1) pulse test: 300 s pulse width, 1 % duty cycle thermal characteristics t a = 25 c unless otherwise specified notes: (1) mounted on epoxy-glass hard tissue (2) mounted on epoxy-glass hard tissue, 50 mm 2 35 m cu (3) mounted on al-oxide-ceramic (al 2 o 3 ), 50 mm 2 35 m cu ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol bys11-90 unit maximum instantaneous forward voltage at 1.0 a (1) v f 750 mv maximum dc reverse current at v rrm (1) t j = 25 c t j = 100 c i r 100 1 a ma parameter symbol bys11-90 unit maximum thermal resistance - junction lead r jl 25 c/w maximum thermal resistance - junction ambient r ja 150 (1) 125 (2) 100 (3) c/w figure 1. forward current vs. forward voltage 10.000 1.000 0.100 0.010 0.001 t j = 150 c t j = 25 c 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 2.2 v f - for w ard v oltage ( v ) i f - for w ard c u rrent (a) figure 2. max. average forward current vs. ambient temperature i fa v - a v erage for w ard c u rrent (a) t am b - am b ient temperat u re (c) 040 8 0 120 160 200 2.0 1.6 1.2 0. 8 0.4 0.0 v r = v rrm , half sine w a v e, r thja = 25 k/ w
bys11-90 document number 86014 15-aug-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. max. aver age forward current vs. ambient temperature figure 4. reverse current vs . junction temperature v r = 0 v , half sine w a v e r thja = 25 k/ w 100 k/ w 125 k/ w 150 k/ w 040 8 0 120 160 200 2.0 1.6 1.2 0. 8 0.4 0 t am b - am b ient temperat u re (c) i fa v - a v erage for w ard c u rrent (a) v r = v rrm 040 8 0 120 160 200 t j - j u nction temperat u re (c) i r - re v erse c u rrent (ma) 1000 100 10 1 0.1 figure 5. max reverse power dissipation vs. junction temperature figure 6. diode capacitance vs. reverse voltage r thja = 25 k/ w 100 k/ w v r = v rrm 040 8 0 120 100 200 2.0 1.6 1.2 0. 8 0.4 0 p r - max. re v erse po w er dissipation ( w ) t j - j u nction temperat u re (c) f = 1 mhz 0.1 1.0 10.0 100.0 v r - re v erse v oltage ( v ) 1 8 0 160 140 120 100 8 0 60 40 20 0 c d - diode capacitance (pf) 0.157 (3.99) 0.177 (4.50) 0.006 (0.152) 0.012 (0.305) 0.030 (0.76) 0.060 (1.52) 0.00 8 (0.203) 0.194 (4.93) 0.20 8 (5.2 8 ) 0.100 (2.54) 0.110 (2.79) 0.07 8 (1.9 8 ) 0.090 (2.29) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac (sma) 0.074 max. (1. 88 max.) 0.20 8 (5.2 8 ) ref 0.066 mi n . (1.6 8 mi n .) 0.060 mi n . (1.52 mi n .) mountin g pad layout


▲Up To Search▲   

 
Price & Availability of BYS11-90HE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X