Part Number Hot Search : 
AM2520 STA481 TK11335B SP668206 M62417SP BCR2P 12S05 GBI15B
Product Description
Full Text Search
 

To Download BYQ28E-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byq28e, byq28ef, byq28eb, ug10dct, ugf10dct, ugb10dct series vishay semiconductors formerly general semiconductor document number 88549 www.vishay.com 27-jun-03 1 dual ultrafast soft recovery rectifiers reverse voltage 100 to 200 v forward current 10 a reverse recovery time 20ns features ?plastic package has underwriters laboratories flammability classification 94v-0 ?high reverse energy capability ?excellent high temperature switching ?high temperature soldering guaranteed: 250?/10 seconds at terminals ?glass passivated chip junction ?soft recovery characteristics mechanical data case: jedec to-220ab, ito-220ab & to-263ab molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08 oz., 2.24 g 0.08 (2.032) 0.24 (6.096) 0.42 (10.66) 0.63 (17.02) 0.12 (3.05) 0.33 (8.38) mounting pad layout to-263ab dimensions in inches and (millimeters) 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k k 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.090 (2.29) 0.110 (2.79) 0.047 (1.19) 0.055 (1.40) pin 1 pin 2 k - heatsink 0-0.01 (0-0.254) 0.027 (0.686) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 1 3 pin 2 0.060 (1.52) 0.405 (10.27) 0.383 (9.72) 0.191 (4.85) 0.171 (4.35) 0.600 (15.5) 0.580 (14.5) 0.560 (14.22) 0.530 (13.46) 0.037 (0.94) 0.027 (0.69) 0.140 (3.56) 0.130 (3.30) 0.350 (8.89) 0.330 (8.38) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.131 (3.39) 0.122 (3.08) 0.110 (2.80) 0.100 (2.54) 0.022 (0.55) 0.014 (0.36) dia. dia. 0.676 (17.2) 0.646 (16.4) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) pin 2 pin 1 pin 3 ito-220ab (byq28ef, ugf10 series) to-220ab (byq28e, ug10 series) to-263ab (byq28eb, ugb10 series) 123 pin 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) case 1.148 (29.16) 1.118 (28.40) pin 2 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.160 (4.06) 0.140 (3.56) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.415 (10.54) max. 0.370 (9.40) 0.360 (9.14) pin 1 pin 3 0.028 (0.70) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41)
byq28e, byq28ef, byq28eb, ug10dct, ugf10dct, ugb10dct series vishay semiconductors formerly general semiconductor www.vishay.com document number 88549 2 27-jun-03 electrical characteristics (t c = 25 c unless otherwise noted) parameter symbol value unit maximum instantaneous forward voltage per leg (note 4) at i f = 10a, t j = 25 c 1.25 at i f = 5a, t j = 25 cv f 1.10 v at i f = 5a, t j = 150 c 0.895 maximum reverse current per leg t j = 25 c10 at working peak reverse voltage (note 4) t j = 100 c i r 200 a maximum reverse recovery time per leg at i f = 1.0a, di/dt = 100a/ s, v r = 30v, i rr = 0.1 i rm t rr 25 ns maximum reverse recovery time per leg at i f = 0.5a, i r = 1.0a, i rr = 0.25a t rr 20 ns maximum stored charge per leg i f = 2a, di/dt = 20a/ s, v r = 30v, i rr = 0.1 i rm q rr 9nc thermal characteristics (t c = 25 c unless otherwise noted) ug10 ugf10 ugb10 parameter symbol byq28e byq28ef byq28eb unit typical thermal resistance junction to ambient r ja 50 55 50 c/w per leg junction to case r jc 4.5 6.7 4.5 c/w notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110 offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19 ) (4) pulse test: 300 s pulse width, 1% duty cycle maximum ratings (t c = 25 c unless otherwise noted) ug10bct ug10cct ug10dct parameter symbol byq28e-100 BYQ28E-150 byq28e-200 unit maximum repetitive peak reverse voltage v rrm 100 150 200 v working peak reverse voltage v rwm 100 150 200 v maximum dc blocking voltage v dc 100 150 200 v maximum average forward rectified current total device 10 at t c = 100 c per leg i f(av) 5 a peak forward surge current 8.3ms single half sine-wave superimposed i fsm 55 a on rated load (jedec method) per leg non-repetitive peak reverse current per leg i rsm 0.2 a at t p = 100 s electrostatic discharge capacitor voltage, human body model: c = 250pf, r = 1.5k ? v c 8kv operating junction and storage temperature range t j , t stg 40 to +150 c rms isolation voltage (byq28ef, ugf types) 4500 (note 1) from terminals to heatsink with t = 1 second, rh 30% v isol 3500 (note 2) v 1500 (note 3)
byq28e, byq28ef, byq28eb, ug10dct, ugf10dct, ugb10dct series vishay semiconductors formerly general semiconductor document number 88549 www.vishay.com 27-jun-03 3 ratings and characteristic curves (t a = 25 c unless otherwise noted) i f instantaneous forward current (a) 100 10 i r instantaneous reverse current ( a) typical reverse characteristics per leg 1.0 0.1 0.01 forward current derating curve 0 5 15 0 50 100 150 10 average forward current (a) peak forward surge current (a) number of cycles at 60 h z maximum non-repetitive peak forward surge current per leg 1 10 100 110 100 case temperature ( c) 1.0 10 100 1000 0.1 t j = 125 c 100 c 25 c resistive or inductive load t j = 25 c t j = 125 c 110 100 10 100 1 0.1 reverse voltage (v) t j = 125 c f = 1.0 mh z v sig = 50mvp-p 0.2 0.4 0.8 1.4 0.6 1.0 1.2 pulse width = 300 s 1% duty cycle t c = 105 c 8.3ms single half sine-wave (jedec method) t j = 100 c reverse switching characteristics per leg 0 50 25 50 75 100 125 10 20 30 stored charge/reverse recovery time (nc/ns) 40 @5a, 50a/ s @2a, 20a/ s @2a, 20a/ s @1a, 100a/ s @5a, 50a/ s 20 100 40 60 80 percent of rated peak reverse voltage (%) typical junction capacitance per leg pf junction capacitance typical instantaneous forward characteristics per leg instantaneous forward voltage (v) junction temperature ( c) @1a, 100a/ s t rr q rr
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of BYQ28E-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X