Part Number Hot Search : 
RLZ27C STRX6729 P82C211 P82C211 2N1900 1PMT4120 T01KO 2N1900
Product Description
Full Text Search
 

To Download BY252GP4E-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  by251gp thru by255gp document number 88541 14-oct-05 vishay general semiconductor www.vishay.com 1 do-201ad p a t e n t e d * ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, and brazed-lead assembly by patent no. 3,930,306 glass passivated junction plastic rectifier major ratings and characteristics i f(av) 3.0 a v rrm 200 v to 1300 v i fsm 100 a i r 5.0 a v f 1.1 v t j max. 175 c features  superectifier struct ure for high reliability application  cavity-free glass-passivated junction  low forward voltage drop  low leakage current, i r less than 0.1 a  high forward surge capability  meets environmental standard mil-s-19500  solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes for both consuer and automotive applications mechanical data case: do-201ad, molded epoxy over glass body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol by251gp by252gp by253gp by254gp by255gp unit maximum repetitive peak reverse voltage v rrm 200 400 600 800 1300 v maximum rms voltage v rms 140 280 420 560 910 v maximum dc blocking voltage v dc 200 400 600 800 1300 v maximum average forward rectified current 10 mm lead length at t a = 55 c i f(av) 3.0 a peak forward surge current 10 ms single half sine-wave superimposed on rated load i fsm 100 a maximum full load reverse curr ent, full cycle average 10 mm lead length at t a = 55 c i r(av) 100 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com 2 document number 88541 14-oct-05 by251gp thru by255gp vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, p.c.b. mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol by251gp by252gp by253gp by254gp by255gp unit maximum instantaneous forward voltage at 3.0 a v f 1.1 v maximum reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a typical reverse recovery time i f = 0.5 a, i r = 1.0 v, i rr = 0.25 a t rr 3.0 s typical junction capacitance at 4.0 v, 1 mhz c j 40 pf parameter symbol by251gp by252gp by253g p by254gp by255g p unit typical thermal resistance (1) r ja r jl 20 10 c/w figure 1. forward current derating curve 10mm lead length 60 hz resisti v e or ind u cti v e load 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 am b ient temperat u re, c a v erage for w ard rectified c u rrent (a) figure 2. maximum non-repetitive peak forward surge current t j = t j max. 10 ms single half sine- w a v e 200 100 10 1 10 100 nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
by251gp thru by255gp document number 88541 14-oct-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. maximum non-repetitive peak forward surge current figure 4. typical instantaneous forward characteristics t j = 125 c t j = 25 c t j = 75 c 0204060 8 0 100 10 1 0.1 0.01 percent of rated peak re v erse v oltage (%) instantaneo u s re v erse leakage c u rrent ( a) t j = 25 c p u lse w idth = 300 s 1% d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 100 10 1 0.1 0.6 0.7 0. 8 0.9 1.0 1.1 1.2 1.3 figure 5. typical junction capacitance t j = 25 c f = 1.0 mhz v sig = 50m v p-p re v erse v oltage ( v ) j u nction capacitance (pf) 100 10 110100 0.210 (5.3) 0.190 (4.8) dia. 0.052 (1.32) 0.048 (1.22) dia. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2) 1.0 (25.4) min. do-201ad
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of BY252GP4E-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X