Part Number Hot Search : 
2SC5566 APT801 TMP88 G1000 JANTX1N 224001 8162Z X28C64DM
Product Description
Full Text Search
 

To Download BS740102MY3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  connectors a comprehensive range in addition to micronectors we supply a comprehensive range of connectors for a variety of applications including general industrial, i.t. and military. itw mcmurdo connectors division of itw limited norway road hilsea portsmouth po3 5ht united kingdom tel: 02392 656200 fax: 02392 666352 e-mail: info@itwmcmurdo.co.uk www.itwmcmurdo.co.uk ordering information series 201 ?single row 202 ?two row bs style b5740 ?female crimp b5741 ?female p.c. b5743 ?male all contact type m ?male f ?female contact arrangement single row ? 02, 03, 04, 05, 06, 07 and 17 two row ?04, 06, 08, 10, 12, 14, 16, 20, 26 and 34 due to our policy of continuous product development, itw mcmurdo connectors retain the right to change the specification at any time without prior notice. designed & printed in the uk. 34 18 17 1 17 1 b5743 1 17 m t 3 bs series 1 ?single row 2 ?two row bs contact arrangement single row ? 02, 03, 04, 05, 06, 07 and 17 two row ?04, 06, 08, 10, 12, 14, 16, 20, 26 and 34 bs termination type l 90? p.c. (male only) t straight p.c. (male & female) y straight p.c. (male only) x straight p.c. (male only) n straight p.c. (short female only, for flexible circuits) c crimp 24-28 a.w.g. (female only) d crimp 22 a.w.g. (female only) bs termination finish 0 ?tin alloy without latches 1 ?tin alloy with latches fitted (male only) 2 ?gold without latches 3 ?gold with latches fitted (male only) bs contact type m ?male f ?female tool ordering information hand crimp tool 8 indent die set . . . m22520/2-01 (bs style 5310-3a-300) connector separating tool . . . . . . . . t5746 (bs style t5746) retaining strap . . . . . . . . . . . . . . . . mp6759 contact insertion tool . . . . . . . . . . . mp6811 (bs style t5748-19) contact withdrawal tool . . . . . . . . . . mp6808 crimp tool positioner . . . . . . . . . . . . mp6818 (bs style t5747) mcmurdo reference for connectors 201 m 17 t 01 l termination type l 90? p.c. (male only) t straight p.c. (male & female) y straight p.c. (male only) x straight p.c. (male only) n straight p.c. (short female only, for flexible circuits) c crimp 24-28 a.w.g. (female only) d crimp 22 a.w.g. (female only) termination finish 01 ?gold 03 ?tin alloy variant u ?no latches l - latches bs reference for connectors contact arrangement(viewed from mating face of male connector)
connectors micronector 200 high density 2mm pitch connectors connectors
micronector a range of high specification 2mm pitch connectors meeting demanding performance requirements and available released to bs 9525 ?f0033 high density 2mm pitch connectors technical data materials insulator glass filled thermoplastic rated ul94v-0 contact copper alloy plated hard acid gold termination hard acid gold or tin/lead mechanical operations 500 insertion and withdrawal force (per contact pair) 2.0n max., 0.2n min. contact retention 10n min. crimp barrel accommodation 22 awg ?28awg to bs g 210 type a electrical current ?individual contact at 25?c tamb 2.0a max (in isolation) at 85?c tamb 1.75a max - all contacts (simultaneously) at 25?c tamb 1.75a max at 85?c tamb 1.5a max working voltage (dc or ac peak) 120v proof voltage (dc or ac peak) 360v contact resistance - (initially) 20m ? max - (after conditioning) 25m ? max insulation resistance ?(initially) 1000m ? min - (after conditioning) 100m ? min environmental temperature range -55?c to +125?c vibration severity (general) 10 hz, 2000hz 0.75mm/98m/ s 2 (10g n ) duration 6h bump severity 390m/s 2 (40g n ) 4000 ?0 bumps shock 981m/s 2 (100g n ), for 6ms acceleration severity 490m/s 2 (50g n ) crimp details features 2mm pitch high reliability circular contacts for increased vibration and shock resistance connector polarisation small footprint for increased packing density low profile 7 sizes single row (2 to 17 way) 11 sizes two row (4 to 34 way) positive latching available male straight and 90? p.c. terminations female straight p.c. and crimp terminations retaining strap available for extra strain relief manufactured as a commercial connector or released to bs 9525 ?f0033 special versions available including surface mount. please contact sales department for further details. minimum spacing end to end dimensions board preferred wire type bs g 210 (type a) *also suitable for use with 24 a.w.g. def-stan 61-12 (part 6 type 1) pvc termination crimp barrel wire size/crimp tool setting type accommodation 22 a.w.g. 24 a.w.g. 26 a.w.g. 28 a.w.g. c* 24-28 a.w.g. 7 6 6 d 22 a.w.g. 6 2mm + 0.15 minimal gap extraction claw 8.35 min. spacing between adjacent pcb hole drillings 7.4/7.6 note: whilst a crimp contact withdrawal tool (mp6808) is available as an optional accessory, it is only suitable for removal of all contacts when the moulding must be replaced prior to reinsertion of the contacts.
micronector contact arrangement single row 234567 17 contact arrangement two row 4 6 8 10 12 14 16 18 20 26 34 a 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 24.0 32.0 b 7.6 9.6 11.6 13.6 15.6 17.6 19.6 21.6 23.6 29.6 37.6 c 8.1 10.1 12.1 14.1 16.1 18.1 20.1 22.1 24.1 30.1 38.1 d 7.3 9.3 11.3 13.3 15.3 17.3 19.3 21.3 23.3 29.3 37.3 termination type t y x n e (nom.) 2.9 5.35 9.35 1.1 female straight p.c. termination type t and n le str. bs style b5741 e 4.0 a 2.0 b (latch not fitted) c (latch fitted) 2.0 5.56 8.91 6.0 e 8.55 6.0 2.0 6.15 2.4 nom. b (latch not fitted) c (latch fitted) a 2.0 8.55 4.0 2.6 min 4.75 nom. retaining strap 4.6 5.6 6.15 ?0.52 5.2 3.5 a d 2.0 2.0 e 2.1 0.33 nom. 5.5 female crimp termination type c and d female crimp bs style b5740 2.25 a 2.25 0.5 n holes ?0.70/0.80 1.4/1.8 4.75 0.10 m pcb edge ?0.1 m 4 holes ?1.0/1.1 2.25 a 2.25 0.5 2.0 4.75 1.4/1.8 ?0.1 m (nx2) holes ?0.7/0.8 male straight p.c. termination type t, x and y bs style b5743 male 90 ? p.c. termination type l pcb layouts for male connectors type l for male and female types t, x, y and n omit 1.1/1.0mm holes 3.5 a 2.0 d 2.0 8.15 5.5 plug viewed from above, socket viewed from below. single row two row m bs style b5743 8.15


▲Up To Search▲   

 
Price & Availability of BS740102MY3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X