Part Number Hot Search : 
AS1105WL 4DFT2 AH49E 23844 2SD1769 MS6714GU 40128 AX125
Product Description
Full Text Search
 

To Download B02B-PAFYK-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  61 pa shorouded header (top entry type) retainer retainer retainer paf receptacle (idc style) pal (crimp style wire-to-wire) paf receptacle (idc style) retainer pa receptacle (crimp style retainer mountable type) pa receptacle (crimp style standard type) pa shorouded header (side entry type) pa shorouded header (top entry type) features ?secure locking device the housing has a locking device to prevent accidental disconnection because of routing of wires or of vibration, and also reverse and different circuit numbers mating. ?interchangeable between crimp and idc socket both crimp and idc sockets use the same headers and wire-to- wire mating halves. ?secondary retainers secondary retainers enhance safety in case of partial insertion or accidental release of the contact. ?harness variation pal, wire-to-wire crimp style connector, increases wire harness variation. pa connector (standard type, retainer mountable type) ?highly reliable contact the box contact supplies stable contact performance even under conditions of vibration, distortion, low voltage or low current. ?insertion guide mechanism header has housing insertion guides for easy and secure insertion. ?flanged press pin top entry type header has flanged press pins, preventing accidental removal of the pins that might result from the distorted unmating especially in the case of small no. of circuits. paf connector ?the industrys first secure lock idc connectors by separating id section and secure lock section, the industry s first secure lock specification has been achieved for idc that was said to be impossible. our fully automatic idc machines, bcd-m5bp (for simple harness) and cam-m12b, sad-m12e (for multi- harness), can be applied for harness making. ?metallic strain relief metallic strain relief on the contact securely grips wire insulation that can avoid direct stress of vibration or impact. the same grip strength as insulation barrel of crimp style contact could be achieved. ?retainer with four locking points the new four locking points design ensures wire retention force of every direction that is almost superior to contact retention force of crimp style connectors. it also completely covers exposed terminated id contact. pal connector ?the industrys first wire to wire 2.0mm (.079") pitch retainer mountable type connector. ?either with or without panel lock can be selected according to application. * contact jst if lead-free product is required. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. standards 0 recognized e60389 1 certified lr20812 pa family series/pa?af?al connector 2.0mm (.079") pitch wire-to-board (crimp style/idc) / wire-to-wire (crimp style/idc) based upon wire-to-board crimp style pa connectors, the pa series family of connector have been expanded to meet the requirement of complex wire harness of 2.0mm (.079") pitch connectors with secure locking mechanism thanks to the additional line up of wire-to-board idc style paf connectors and wire-to-wire crimp style pal connectors.
62 pa family series /pa paf pal connector list of combinations crimp style retainer mountable type insulation displacement type crimp style standard type contact spa - 001t - p0.5 housing parp - ( )v retainer pms - ( )v - s contact sphd - 001t - p0.5 sphd - 002t - p0.5 housing pap-( )v-s receptacle ( )paf - 6s retainer pafs - ( )v - s wire to wire connectors high box type smt type top entry type side entry type top entry type side entry type shrouded header #. 
#  1"44 #. 
#  1"44   4. 
#  1"44 4. 
#  1"44   shrouded header # 
#  1"4, # 
#  1"4,   4 
#  1"4,   shrouded header #) 
#  1"4, #) 
#  1"4,   contact 41"-  5  1 41"-  5  1 receptacle housing 1"-3  
7 '
retainer 1.4  
7  4 pa connector (standard type) current rating: 3a ac, dc (awg#22) voltage rating: 250v ac, dc temperature range: -25 ? c to +85 ? c (including temperature rise in applying electrical current) contact resistance: initial value/10m ? max. after environmental testing/20m ? max. insulation resistance: 1,000m ? min. withstanding voltage: 800v ac/minute applicable wire: awg #28 to #22 applicable pc board thickness: 1.6mm(.063") pa connector (retainer mountable type) current rating: 3a ac, dc (awg#22) voltage rating: 100v ac, dc temperature range: -25 ? c to +85 ? c (including temperature rise in applying electrical current) contact resistance: initial value/15m ? max. after environmental testing/25m ? max. insulation resistance: 1,000m ? min. withstanding voltage: 800v ac/minute applicable wire: awg #28 to #22 paf connector current rating: 1.0a ac, dc (awg#26) voltage rating: 100v ac, dc temperature range: -25 ? c to +85 ? c (including temperature rise in applying electrical current) contact resistance: initial value/15m ? max. after environmental testing/25m ? max. insulation resistance: 1,000m ? min. withstanding voltage: 800v ac/minute applicable wire: ul1061 (contact jst for details regarding other ul wires.) awg #26 conductor/7 strands, tin-coated annealed copper insulation o.d./0.9 to 1.0mm(.035" to .039") pal connector current rating: 3a ac, dc (awg#22) voltage rating: 100v ac, dc temperature range: -25 ? c to +85 ? c (including temperature rise in applying electrical current) contact resistance: initial value/15m ? max. after environmental testing/25m ? max. insulation resistance: 1,000m ? min. withstanding voltage: 800v ac/minute applicable wire: awg #28 to #22 applicable panel thickness : 0.5 to 2.0mm(.020" to .079") specifications
63 pa family series /pa connector (crimp style standard type) contact housing 1.5(.059) 6.5(.256) 2.85(.112) 1.3(.051) a b 7.3(.287) 4.6(.181) 5.8(.228) 8.0(.315) circuit no.1 a b 7.3(.287) 4.6(.181) 5.8(.228) 8.0(.315) circuit no.1 a b 7.3(.287) 4.6(.181) 5.8(.228) 8.0(.315) circuit no.1 [2.0(.079)] 2.0(.079) [2.0(.079)] 2.0(.079) [2.0(.079)] 2.0(.079) model no. applicable wire insulation o.d. mm(in.) material and finish q'ty / reel phosphor bronze, tin-plated sphd-001t-p0.5 sphd-002t-p0.5 0.13 to 0.33 0.08 to 0.21 26 to 22 28 to 24 1.0 to 1.5(.039 to .059) 0.9 to 1.5(.035 to .059) 8,000 mm 2 awg # circuits model no. dimensions mm(in.) ab material nylon 66, ul94v-0, natural (white) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 pap-02v-s pap-03v-s pap-04v-s pap-05v-s pap-06v-s pap-07v-s pap-08v-s pap-09v-s pap-10v-s pap-11v-s pap-12v-s pap-13v-s pap-14v-s pap-15v-s pap-16v-s 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 32.0(1.260) 34.0(1.339) 5,000 5,000 5,000 5,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 q'ty / bag (2 to 9 circuits) (10 to 15 circuits) (16 circuits) as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. pap-02v-s - s?atural (white) k?lack r?ed e?lue m?reen o?range n?rown p?urple pk?ink y?ellow l?emon yellow fy?ivid yellow le?ight blue h?ray tr?omato red
64 pa family series /pa connector (crimp style standard type) through-hole type shrouded header 5.3(.209) 5.9(.232) 1.7(.067) " #  (.020)  (.079) 1.5(.059) 1.2(.047)  (.303)  (.118) 0.8(.031)dia. circuit no.1 " # 0.5(.020)  (.079) 5.3(.209) 5.9(.232) 1.5(.059) 1.7(.067) 1.2(.047)  (.303)  (.118) 0.8(.031)dia. circuit no.1 0.5(.020) " #  (.079) 1.5(.059) 1.2(.047)  (.303)  (.118) 0.8(.031)dia. 5.3(.209) 5.9(.232) 1.7(.067) circuit no.1 circuits dimensions mm(in.) model no. ab material and finish without a boss with a boss post: copper alloy, copper-undercoated, tin/lead-plated wafer: glass-filled pbt, ul94v-0, natural (white) (note1) nylon 66, ul94v-0, vivid yellow 2 (note1) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 b02b-pafyk-a b02b-pask b03b-pask b04b-pask b05b-pask b06b-pask b07b-pask b08b-pask b09b-pask b10b-pask b11b-pask b12b-pask b13b-pask b14b-pask b15b-pask b16b-pask B02B-PAFYK-1A b02b-pa s k-1 b03b-pa s k-1 b04b-pa s k-1 b05b-pa s k-1 b06b-pa s k-1 b07b-pa s k-1 b08b-pa s k-1 b09b-pa s k-1 b10b-pa s k-1 b11b-pa s k-1 b12b-pa s k-1 b13b-pa s k-1 b14b-pa s k-1 b15b-pa s k-1 b16b-pa s k-1 2.0( .079) 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 6.0( .236) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 32.0(1.260) 34.0(1.339) q'ty / box 1,000 1,000 1,000 1,000 500 500 500 500 500 500 250 250 250 250 250 250 (2 to 9 circuits) (10 to 15 circuits) (16 circuits) top entry type as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. b02b-pas k - s?atural (white) k?lack r?ed e?lue m?reen o?range n?rown p?urple pk?ink y?ellow l?emon yellow fy?ivid yellow le?ight blue h?ray tr?omato red
65 pa family series /pa connector (crimp style standard type) through-hole type shrouded header 2.0(.079) 7.7(.303) a b 6.5(.256) [3.4(.134)] 6.1(.240) 8.2(.323) 5.9(.232) 11.7(.461) circuit no.1 7.7(.303) 6.1(.240) 8.2(.323) 5.9(.232) 11.7(.461) 2.0(.079) a b circuit no.1 7.7(.303) 6.1(.240) 8.2(.323) 5.9(.232) 11.7(.461) 2.0(.079) a b circuit no.1 6.5(.256) [3.4(.134)] 6.5(.256) [3.4(.134)] ab post: copper alloy, copper-undercoated, tin/lead-plated wafer: glass-filled pbt, ul94v-0, natural (white) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 s02b-pask-2 s03b-pask-2 s04b-pask-2 s05b-pask-2 s06b-pask-2 s07b-pask-2 s08b-pask-2 s09b-pask-2 s10b-pask-2 s11b-pask-2 s12b-pask-2 s13b-pask-2 s14b-pask-2 s15b-pask-2 s16b-pask-2 1,000 1,000 500 500 500 250 250 250 250 250 250 250 200 200 200 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 32.0(1.260) 34.0(1.339) circuits model no. dimensions mm(in.) material and finish q'ty / box (2 to 9 circuits) (10 to 15 circuits) (16 circuits) side entry type as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. s03b-pas k-2 - s?atural (white) k?lack r?ed e?lue m?reen o?range n?rown p?urple pk?ink y?ellow l?emon yellow le?ight blue h?ray tr?omato red
66 pa family series /pa connector (crimp style standard type) smt type shrouded header q'ty / reel circuits material and finish post: brass, copper-undercoated, tin-plated wafer: polyamide resin, ul94v-0, natural (ivory) solder tab: brass, copper-undercoated, tin-plated without a boss model no. dimensions mm(in.) 2 3 4 5 6 7 8 9 10 11 12 sm02b-pass-(*) sm03b-pass-(*) sm04b-pass-(*) sm05b-pass-(*) sm06b-pass-(*) sm07b-pass-(*) sm08b-pass-(*) sm09b-pass-(*) sm10b-pass-(*) sm11b-pass-(*) sm12b-pass-(*) with a boss sm02b-pass-1 -(*) sm03b-pass-1 -(*) sm04b-pass-1 -(*) sm05b-pass-1 -(*) sm06b-pass-1 -(*) sm07b-pass-1 -(*) sm08b-pass-1 -(*) sm09b-pass-1 -(*) sm10b-pass-1 -(*) sm11b-pass-1 -(*) sm12b-pass-1 -(*) a 2.0(.079) 4.0(.157) 6.0(.236) 8.0(.315) 10.0(.394) 12.0(.472) 14.0(.551) 16.0(.630) 18.0(.709) 20.0(.787) 22.0(.866) b 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 q'ty / reel circuits top entry type side entry type material and finish post: brass, copper-undercoated, tin-plated wafer: polyamide resin, ul94v-0, natural (ivory) solder tab: brass, copper-undercoated, tin-plated without a boss model no. dimensions mm(in.) 2 3 4 5 6 7 8 9 10 11 12 13 bm02b-pass-(*) bm03b-pass-(*) bm04b-pass-(*) bm05b-pass-(*) bm06b-pass-(*) bm07b-pass-(*) bm08b-pass-(*) bm09b-pass-(*) bm10b-pass-(*) bm11b-pass-(*) bm12b-pass-(*) bm13b-pass-(*) with a boss bm02b-pass-1 -(*) bm03b-pass-1 -(*) bm04b-pass-1 -(*) bm05b-pass-1 -(*) bm06b-pass-1 -(*) bm07b-pass-1 -(*) bm08b-pass-1 -(*) bm09b-pass-1 -(*) bm10b-pass-1 -(*) bm11b-pass-1 -(*) bm12b-pass-1 -(*) bm13b-pass-1 -(*) a 2.0(.079) 4.0(.157) 6.0(.236) 8.0(.315) 10.0(.394) 12.0(.472) 14.0(.551) 16.0(.630) 18.0(.709) 20.0(.787) 22.0(.866) 24.0(.945) b 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 500 500 500 500 500 500 500 500 500 500 500 500 (2 to 3 circuits) (4 to 9 circuits) (10 to 13 circuits) top entry type (2 to 3 circuits) (4 to 9 circuits) (10 to 12 circuits) side entry type a b circuit no.1 circuit no.1 circuit no.1 2.0(.079) a b a b 2.0 (.079) 5.7(.224) 1.8 (.071) 7.1(.280) 5.7(.224) 1.8 (.071) 7.1(.280) 5.7(.224) 1.8 (.071) 7.1(.280) 2.0(.079) a b circuit no.1 5.7(.224) 1.8 (.071) 1.8 (.071) 7.1(.280) 2.0 (.079) a b circuit no.1 a b circuit no.1 5.7(.224) 1.8 (.071) 7.1(.280) 5.7(.224) 7.1(.280) 2.0(.079) 2.0(.079) note: 1. (*): tf?aping product tft?aping product with suction tape. 2. bm13b-pass-(*) and bm13b-pass-1-(*) are not ul/csa approved. note: (*): tb?aping product tbt?aping product with suction tape.
67 pa family series /pa connector (crimp style standard type) taping specifications feeding direction feeding direction feeding direction feeding direction feeding direction cover tape carrier tape cover tape carrier tape 4.0 0.1 (.157 .004) 4.0 0.1 (.157 .004) 2.9 0.1 (.114 .004) 12.0 0.1 (.472 .004) 16.0 0.1 (.630 .004) 16.0 0.1 (.630 .004) 12.0 0.1 (.472 .004) 1.55 0.05 (.061 .002)dia. 1.55 0.05 (.061 .002)dia. 1.75 0.1 (.069 .004) 1.75 0.1 (.069 .004) f 0.1(.004) w 0.3(.012) s 0.1(.004) f 0.1(.004) w 0.3(.012) 2.0 0.1 (.079 .004) 4.0 0.1 (.157 .004) 1.55 0.05 (.061 .002)dia. 2.0 0.1 (.079 .004) cover tape carrier tape cover tape carrier tape 1.75 0.1 (.069 .004) 1.75 0.1 (.069 .004) f 0.1(.004) w 0.3(.012) 4.0 0.1 (.157 .004) 2.9 0.1 (.114 .004) 1.55 0.05 (.061 .002)dia. s 0.1(.004) f 0.1(.004) w 0.3(.012) [13(.512)dia.]   (.079 .020) 380 2.0(14.961 .079)dia. feeding direction cover tape leader carrier tape the end part 160(6.299)min. connector mounting part 400(15.748)min. leader part 100(3.937)min. ( + .098 - .039 w1 + 2.5 - 1.0 ) top entry type side entry type circuits f taping dimensions mm(in.) reel dimensions mm(in.) 2 to 5 6, 7 8 to 13 sw 1 11.5(.453) 14.2(.559) 20.2(.795) 28.4(1.118) 40.4(1.591) w 24.0( .945) 32.0(1.260) 44.0(1.732) 25.5(1.004) 33.5(1.319) 45.5(1.791) 500 500 500 1,000 1,000 1,000 q'ty / reel note: 1. specifications conform to jis c 0806. the tape width, connector loading recess square hole dimensions, etc. are determined by the number of circuits and external shape of the connector to be loaded. 2. specifications are subject to change without prior notice. (2 to 5 circuits) top entry type (2 to 5 circuits) (6 to 13 circuits) (6 to 12 circuits) side entry type
68 pa family series /pa connector (crimp style standard type) q'ty / box circuits material and finish post: copper alloy, copper-undercoated, tin/lead-plated wafer: glass-filled pbt, ul94v-0, natural (white) without a boss model no. dimensions mm(in.) 2 3 4 5 6 7 8 9 10 11 12 15 bh02b-pask bh03b-pask bh04b-pask bh05b-pask bh06b-pask bh07b-pask bh08b-pask bh09b-pask bh10b-pask bh11b-pask bh12b-pask bh15b-pask with a boss bh02b-pask-1 bh03b-pask-1 bh04b-pask-1 bh05b-pask-1 bh06b-pask-1 bh07b-pask-1 bh08b-pask-1 bh09b-pask-1 bh10b-pask-1 bh11b-pask-1 bh12b-pask-1 bh15b-pask-1 a 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 28.0(1.102) b 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 32.0(1.260) 900 675 550 450 375 325 300 275 250 225 200 150 shrouded header (3 circuits) (4 circuits) (7 to 9 circuits) (10 to 12, 15 circuits) (2 circuits) (5, 6 circuits) a b a b circuit no.1 circuit no.1 a b circuit no.1 5.3(.209) 13.9(.547) 3.0 (.118) 7.1(.280) 5.3(.209) 13.9(.547) 3.0 (.118) 7.1(.280) 5.3(.209) 13.9(.547) 3.0 (.118) 7.1(.280) 2.0 (.079) 2.0 (.079) a b circuit no.1 a b circuit no.1 a b circuit no.1 5.3(.209) 13.9(.547) 3.0 (.118) 7.1(.280) 5.3(.209) 13.9(.547) 3.0 (.118) 7.1(.280) 5.3(.209) 13.9(.547) 3.0 (.118) 7.1(.280) 2.0 (.079) 2.0 (.079) 2.0 (.079)
69 pa family series /pa connector (crimp style retainer mountable type) contact 1.5 (.059) 2.2 (.087) 8.4(.331) 2.85(.112) 1.3 (.051) model no. applicable wire insulation o.d. mm(in.) material and finish q'ty / reel phosphor bronze, tin-plated spa - 001t - p0.5 0.13 to 0.33 26 to 22 0.9 to 1.5(.035 to .059) 10,000 mm 2 awg # housing a b 7.2(.283) 11.4(.449) circuit no.1 11.4(.449) a b 2.0(.079) circuit no.1 7.2(.283) a b 7.2(.283) 11.4(.449) circuit no.1 a b 2.0(.079) 2.0(.079) 7.2(.283) 11.4(.449) circuit no.1 a b 2.0(.079) 7.2(.283) 11.4(.449) circuit no.1 b 11.4(.449) a 2.0(.079) circuit no.1 7.2(.283) q'ty / bag circuits model no. material nylon 66, ul94v-0, natural (white) ab dimensions mm(in.) 2 3 4 5 6 7 8 9 10  parp-02v parp-03v parp-04v parp-05v parp-06v parp-07v parp-08v parp-09v parp-10v parp-15v 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 28.0(1.102) 5.4( .213) 7.4( .291) 9.4( .370) 11.4( .449) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 32.0(1.260) 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 500 (2 circuits) (4 circuits) (3 circuits) (5 circuits) (6 to 9 circuits) (10, 15 circuits) note: parp-15v is not csa approved. as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. parp-02v-oo - (blank)?atural (white) r?ed e?lue y?ellow m?reen
70 retainer 2.85 (.112) 2.0(.079) 2.4 (.094) b a 7.0(.276) 3.1 (.122) 2.0(.079) a b 7.0(.276) 2.4(.094) 1.5(.059) 1.5(.059) q'ty / bag circuits model no. material glass-filled nylon 66, ul94v-0, natural (ivory) ab dimensions mm(in.) 2 3 4 5 6 7 8 9 10 15 pms-02v-s pms-03v-s pms-04v-s pms-05v-s pms-06v-s pms-07v-s pms-08v-s pms-09v-s pms-10v-s pms-15v-s 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 28.0(1.102) 7.3( .287) 9.3( .366) 11.3( .445) 13.3( .524) 11.55( .455) 13.55( .533) 15.55( .612) 17.55( .691) 19.55( .770) 29.55(1.163) 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 (2 to 5 circuits) (6 to 15 circuits) pa family series /pa connector (crimp style retainer mountable type) note: pms-09v-s, pms-10v-s and pms-15v-s are not csa approved.
71 receptacle 2.0(.079) 8.0(.315) 13.0(.512) a b 3.1(.122) 5.1(.201) circuit no.1 2.0(.079) circuits model no. material and finish ab dimensions mm(in.) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 02paf - 6s 03paf - 6s 04paf - 6s 05paf - 6s 06paf - 6s 07paf - 6s 08paf - 6s 09paf - 6s 10paf - 6s 11paf - 6s 12paf - 6s 13paf - 6s 14paf - 6s 15paf - 6s 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 30.0(1.181) 32.0(1.260) 1,000 1,000 500 500 500 500 250 250 250 250 250 250 250 250 contact: phosphor bronze, tin-plated housing: nylon 66, ul94v-0, natural (white) q'ty / box retainer 4.1(.161) 8.9(.350) 2.0 (.079) a b circuits model no. material ab dimensions mm(in.) 2 3 4 5 6 7 8 9 10 11 12 13 14 15 pafs-02v-s pafs-03v-s pafs-04v-s pafs-05v-s pafs-06v-s pafs-07v-s pafs-08v-s pafs-09v-s pafs-10v-s pafs-11v-s pafs-12v-s pafs-13v-s pafs-14v-s pafs-15v-s 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 24.0( .945) 26.0(1.024) 28.0(1.102) 7.4( .291) 9.4( .370) 11.4( .449) 13.4( .528) 15.4( .606) 17.4( .685) 19.4( .764) 21.4( .843) 23.4( .921) 25.4(1.000) 27.4(1.079) 29.4(1.157) 31.4(1.236) 33.4(1.315) 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 glass-filled nylon 66, ul94v-0, natural (ivory) q'ty / bag pa family series /paf connector (insulation displacement type ) as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. 02paf-6s - s?atural (white) r?ed e?lue m?reen y?ellow note: pafs-09v-s, pafs-10v-s, pafs-11v-s, pafs-12v-s, pafs-13v-s, pafs-14v-s and pafs-15v-s are not ul/csa approved.
72 pa family series /pal connector (wire-to-wire type) housing 6.3(.248) a b 4.7 (.185) 20.0(.787) circuit no.1 20.0(.787) 11.2(.441) 6.3(.248) 4.4 (.173) a b 2.0(.079) circuit no.1 2.0(.079) 3.7(.146) 3.4(.134) 3.7(.146) 3.4(.134) 6.3 (.248) 1.0 (.039) a b 3.2(.126) 3.25(.128) 4.0(.157) 20.0(.787) circuit no.1 6.3(.248) a b 3.2(.126) 4.4 (.173) 5.15 (.203) 5.8(.228) 20.0(.787) 1.6(.063) 2.0(.079) circuit no.1 5.1 0.05(.201 .002) c ( ) +0.1 0 +.004 0 d 0.1(.004) c ( ) +0.1 0 +.004 0 d 0.1(.004) 4.6 0.05(.181 .002) 3.7(.146) 2.0(.079) 3.4 (.134) 6.5 (.256 ) +0.1 0 +.004 0 3.7(.146) 3.4(.134) 6.5 (.256 ) +0.1 0 +.004 0 q'ty / bag circuits model no. material ab dimensions mm(in.) 2 3 4 5 6 7 8 9 10  parp-02v parp-03v parp-04v parp-05v parp-06v parp-07v parp-08v parp-09v parp-10v parp-15v 2.0( .079) 4.0( .157) 6.0( .236) 8.0( .315) 10.0( .394) 12.0( .472) 14.0( .551) 16.0( .630) 18.0( .709) 28.0(1.102) 5.4( .213) 7.4( .291) 9.4( .370) 11.4( .449) 14.0( .551) 16.0( .630) 18.0( .709) 20.0( .787) 22.0( .866) 32.0(1.260) 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 500 q'ty / bag circuits model no. material nylon 66, ul94v-0, natural (white) ab dimensions mm(in.) 2 3 4 5 6 7 8 palr - 02vf palr - 03vf palr - 04vf palr - 05vf palr - 06vf palr - 07vf palr - 08vf 2.0 (.079) 4.0 (.157) 6.0 (.236) 8.0 (.315) 10.0 (.394) 12.0 (.472) 14.0 (.551) 9.4 (.370) 11.4 (.449) 13.4 (.528) 15.4 (.606) 17.4 (.685) 19.4 (.764) 21.4 (.843) 1,000 1,000 1,000 1,000 1,000 1,000 1,000 q'ty / bag circuits model no. material nylon 66, ul94v-0, natural (white) cd ab dimensions mm(in.) 2 3 4 6 7 8 palr - 02v palr - 03v palr - 04v palr - 06v palr - 07v palr - 08v 9.8(.386) 11.8(.465) 13.8(.543) 19.8(.780) 21.8(.858) 23.8(.937) 13.4( .528) 15.4( .606) 17.4( .685) 21.4( .843) 23.4( .921) 25.4(1.000) 1,000 1,000 1,000 1,000 1,000 1,000 2.0(.079) 4.0(.157) 6.0(.236) 10.0(.394) 12.0(.472) 14.0(.551) 9.4(.370) 11.4(.449) 13.4(.528) 17.4(.685) 19.4(.764) 21.4(.843) retainer without panel locks (2 to 5 circuits) with panel locks (2 to 4 circuits) (6 to 8 circuits) retainers are interchangeable with those of the pa crimp style retainer mountable type. (6 to 8 circuits) as the color identification, the following alphabet shall be put in the underlined part. for availability, delivery and minimum order quantity, contact jst. ex. palr-02v(f)-oo - (blank)?atural (white) r?ed e?lue m?reen y?ellow contact 1.3(.051) 0.5(.020) 0.5(.020) 1.6(.063) 2.4(.094) 2.85(.112) 12.8(.504) model no. applicable wire insulation o.d. mm(in.) material and finish q'ty / reel phosphor bronze, tin-plated spal - 001t - p0.5 spal - 002t - p0.5 0.13 to 0.33 0.08 to 0.21 26 to 22 28 to 24 1.0 to 1.5(.039 to .059) 0.9 to 1.5(.035 to .059) 10,000 mm 2 awg #
73 pa receptacle + pa header (standard type) paf receptacle + pa header pa receptacle + pa header (retainer mountable type) pa receptacle + pa side entry type header (standard type) paf receptacle + pa side entry type header pa receptacle + pa side entry type header (retainer mountable type) pa family series /pa paf pal connector pc board layout (viewed from component side) and assembly layout 5.8(.228) 9.8(.386) [5.8(.228)] [14.9(.587)] +0.1 0 0.7 (.028 )dia. +.004 0 +0.1 0 1.0 (.039 )dia. +.004 0 2.0 0.05(.079 .002) a 0.05(.002) 1.5 0.05(.059 .002) 1.7 0.05(.067 .002) 7.2(.283) [14.7(.579)](retainer included) through-hole type top entry type 7.0(.276) 8.2(.323) 13.8(.543) 8.2(.323) [7.0(.276)] [18.9(.744)] 8.2(.323) [8.4(.331)] [18.8(.740)](retainer included) +0.1 0 0.7 (.028 )dia. +.004 0 +0.1 0 1.1 (.043 )dia. +.004 0 a 0.05(.002) 1.5 0.05 (.059 .002) 2.0 0.05 (.079 .002) 2.1 0.05 (.083 .002) side entry type pa receptacle + pa header (standard type) paf receptacle + pa header pa receptacle + pa header (retainer mountable type) connector outline [6.2(.244)] [1.4(.055)] 11.1(.437) [7.6(.299)] [1.4(.055)] [16.0(.630)](retainer included) [6.2(.244)] [1.4(.055)] [16.2(.638)] 0.4 (.016 )r +.004 0 + 0.1 0 1.7 0.1 (.067 .004) 2.2 0.05(.087 .002) 2.0 0.05 (.079 .002) 1.8 0.1(.071 .004) 1.0 0.1 (.039 .004) 1.45 0.1(.057 .004) 5.0 0.1 (.197 .004) 3.6 0.1 (.142 .004) 4.9 0.1 (.193 .004) 1.0(.039)min. 2.9 (.114)min. a 0.1 (.004) 0.8 (.031 )dia. +.004 0 + 0.1 0 smt type top entry type note: 1. tolerances are non-cumulative: 0.05mm ( .002") for all centers. 2. the dimensions above should serve as a guideline. contact jst for details. note: 1. tolerances are non-cumulative: 0.05mm ( .002") for all centers. 2. hole dimensions differ according to the kind of pc board and piercing method. the dimensions above should serve as a guideline. contact jst for details.
74 pa receptacle + pal receptacle (standard type) paf receptacle + pal receptacle pa receptacle + pal receptacle (retainer mountable type) assembly layout [25.8(1.016)](retainer included) [26.0(1.024)](retainer included) [21.5(.846)](retainer included) [7.6(.299)] (retainer included) [8.9(.350)] (retainer included) [8.4(.331)] (retainer included) pa family series /pa paf pal connector pc board layout (viewed from component side) and assembly layout pa receptacle + pa side entry type header (smt) (standard type) paf receptacle + pa side entry type header (smt) pa receptacle + pa side entry type header (smt) (retainer mountable type) 2.8 (.110) 8.9(.350) 11.1(.437) 1.45 0.1(.057 .004) connector outline 8.9(.350) [16.0(.630)](retainer included) 8.9(.350) [16.2(.638)] [6.2(.244)] [6.2(.244)] [7.6(.299)] 5.7(.224) 5.7(.224) 5.7(.224) 0.4 (.016 )r +.004 0 + 0.1 0 1.7 0.1(.067 .004) 2.2 0.05(.087 .002) 2.0 0.05(.079 .002) 3.8 0.1 (.150 .004) 7.95 0.1 (.313 .004) 1.8 0.1(.071 .004) 7.8 0.1(.307 .004) 1.0 0.1 (.039 .004) 1.0(.039)min. a 0.1(.004) 0.8 (.031 )dia. +.004 0 + 0.1 0 [1.1(.043)] [1.1(.043)] [1.1(.043)] 2.7 (.106)min smt type side entry type pa receptacle + pa high box type header (standard type) paf receptacle + pa high box type header pa receptacle + pa high box type header (retainer mountable type) 7.1(.280) a 0.05(.002) 1.7 0.05 (.067 .002) 1.5 0.05 (.059 .002) 2.0 0.05 (.079 .002) 7.2(.283) 7.1(.280) 15.9 (.626) [20.7(.815)](retainer included) 20.9 (.823) +0.1 0 1.1 (.043 )dia. +.004 0 +0.1 0 0.7 (.028 )dia. +.004 0 high box type note: 1. tolerances are non-cumulative: 0.05mm ( .002") for all centers. 2. hole dimensions differ according to the kind of pc board and piercing method. the dimensions above should serve as a guideline. contact jst for details.
75 contact crimp applicator mks-l(-10) compact crimp applicator mks-ls-10 strip-crimp applicator mks-sc-10 with safety cover without safety cover with safety cover without safety cover with safety cover applicator for the semi-automatic press ap-k2n sphd-001t-p0.5 aplmk sphd001-05 aplnc sphd001-05 aplmkls sphd001-05 apllsnc sphd001-05 aplsc sphd001-05 sphd-002t-p0.5 aplmk sphd002-05 aplnc sphd002-05 aplmkls sphd002-05 apllsnc sphd002-05 aplsc sphd002-05 spa-001t-p0.5 aplmk spa001-05 aplnc spa001-05 spal-001t-p0.5 aplmk spal001-05 aplnc spal001-05 spal-002t-p0.5 aplmk spal002-05 aplnc spal002-05 pa family series /pa paf pal connector


▲Up To Search▲   

 
Price & Availability of B02B-PAFYK-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X