Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download A7022LYF-120KR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 toko fixed inductors type 10ryb type 10ryb frequency range: 1~200khz inductance range: 10~3900h features  ideal as a choke coil for noise filtering and dc/dc converter application. note: taped form is type 10ryt. selection guide for standard coils type 10ryb toko part number inductance l (h) dc resistance ( ? ) max. rated dc current (a) max. self-resonant frequency (mhz) min. 7021lyf-100k 10 10% 0.045 3.1 41 7021lyf-120k 12 10% 0.046 2.8 35 7021lyf-150k 15 10% 0.053 2.4 30 7021lyf-180k 18 10% 0.055 2.3 23 7021lyf-220k 22 10% 0.063 2.0 14 7021lyf-270k 27 10% 0.069 1.9 8.0 7021lyf-330k 33 10% 0.080 1.7 7.0 7021lyf-390k 39 10% 0.084 1.6 5.0 7021lyf-470k 47 10% 0.10 1.4 4.9 7021lyf-560k 56 10% 0.10 1.3 4.5 7021lyf-680k 68 10% 0.12 1.1 4.0 7021lyf-820k 82 10% 0.13 1.0 3.5 7021lyf-101k 100 10% 0.15 0.98 3.4 7021lyf-121k 120 10% 0.16 0.85 3.0 7021lyf-151k 150 10% 0.19 0.80 2.5 7021lyf-181k 180 10% 0.21 0.75 2.5 7021lyf-221k 220 10% 0.38 0.67 2.2 7021lyf-271k 270 10% 0.43 0.58 1.8 7021lyf-331k 330 10% 0.47 0.53 1.9 7021lyf-391k 390 10% 0.54 0.49 1.6 7021lyf-471k 470 10% 0.62 0.40 1.4 7021lyf-561k 560 10% 0.69 0.40 1.4 7021lyf-681k 680 10% 0.77 0.38 1.3 7021lyf-821k 820 10% 1.2 0.34 1.1 7021lyf-102k 1000 10% 1.4 0.31 1.0 7021lyf-122k 1200 10% 1.6 0.28 0.95 7021lyf-152k 1500 10% 1.8 0.25 0.88 7021lyf-182k 1800 10% 2.0 0.24 0.85 7021lyf-222k 2200 10% 2.3 0.20 0.78 7021lyf-272k 2700 10% 3.3 0.18 0.59 7021lyf-332k 3300 10% 3.6 0.17 0.56 7021lyf-392k 3900 10% 4.0 0.16 0.54 (1) inductance is measured at f=1khz, vosc=1v on lcr meter hp4284a or equivalent. (2) the rated dc current is that which the inductance value decreases 10% by the excitation of dc current. (3) self-resonant frequency is measured with network analyzer 3577a(hp), ms560j(anritsu) or equivalent. (4) dc resistance is measured with digital multimeter tr6871(advantest) or equivalent. (unit: mm) 5.01 marking ?10 max 13 max ?0.6 winding direction 5 . 0 0 . 5 10
2 toko fixed inductors type 10ryt type 10ryt frequency range: 1~200khz inductance range: 10~3900h features  ideal as a choke coil for noise filtering and dc/dc converter application.  tape and reel for automated assembly. selection guide for standard coils type 10ryt toko part number inductance l (h) dc resistance ( ? ) max. rated dc current (a) max. self-resonant frequency (mhz) min. a7022lyf-100k=r 10 10% 0.045 3.1 41 a7022lyf-120k=r 12 10% 0.046 2.8 35 a7022lyf-150k=r 15 10% 0.053 2.4 30 a7022lyf-180k=r 18 10% 0.055 2.3 23 a7022lyf-220k=r 22 10% 0.063 2.0 14 a7022lyf-270k=r 27 10% 0.069 1.9 8.0 a7022lyf-330k=r 33 10% 0.080 1.7 7.0 a7022lyf-390k=r 39 10% 0.084 1.6 5.0 a7022lyf-470k=r 47 10% 0.10 1.4 4.9 a7022lyf-560k=r 56 10% 0.10 1.3 4.5 a7022lyf-680k=r 68 10% 0.12 1.1 4.0 a7022lyf-820k=r 82 10% 0.13 1.0 3.5 a7022lyf-101k=r 100 10% 0.15 0.98 3.4 a7022lyf-121k=r 120 10% 0.16 0.85 3.0 a7022lyf-151k=r 150 10% 0.19 0.80 2.5 a7022lyf-181k=r 180 10% 0.21 0.75 2.5 a7022lyf-221k=r 220 10% 0.38 0.67 2.2 a7022lyf-271k=r 270 10% 0.43 0.58 1.8 a7022lyf-331k=r 330 10% 0.47 0.53 1.9 a7022lyf-391k=r 390 10% 0.54 0.49 1.6 a7022lyf-471k=r 470 10% 0.62 0.40 1.4 a7022lyf-561k=r 560 10% 0.69 0.40 1.4 a7022lyf-681k=r 680 10% 0.77 0.38 1.3 a7022lyf-821k=r 820 10% 1.2 0.34 1.1 a7022lyf-102k=r 1000 10% 1.4 0.31 1.0 a7022lyf-122k=r 1200 10% 1.6 0.28 0.95 a7022lyf-152k=r 1500 10% 1.8 0.25 0.88 a7022lyf-182k=r 1800 10% 2.0 0.24 0.85 a7022lyf-222k=r 2200 10% 2.3 0.20 0.78 a7022lyf-272k=r 2700 10% 3.3 0.18 0.59 a7022lyf-332k=r 3300 10% 3.6 0.17 0.56 a7022lyf-392k=r 3900 10% 4.0 0.16 0.54 (1) inductance is measured at f=1khz, vosc=1v on lcr meter hp4284a or equivalent. (2) the rated dc current is that which the inductance value decreases 10% by the excitation of dc current. (3) self-resonant frequency is measured with network analyzer 3577a(hp), ms560j(anritsu) or equivalent. (4) dc resistance is measured with digital multimeter tr6871(advantest) or equivalent. (unit: mm) + 2 . 0 - 0 1 8 . 0 1 1 . 0 m a x 3 1 . 5 m a x 01.0 12.71.0 6.351.3 12.70.3 3.850.7 5.0 +0.8 -0.5 * 9 . 0 0 . 5 1 2 . 5 m i n ?4.00.3 0 . 7 0 . 2 1 8 . 0 adhesive tape main tape marking of winding start


▲Up To Search▲   

 
Price & Availability of A7022LYF-120KR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X