Part Number Hot Search : 
MAX2335 43000 MAZ8110 87871 UN212Y FR100 9563T FR100
Product Description
Full Text Search
 

To Download 74FCT374CTPYG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  military and industrial temperature ranges idt54/74fct374t/at/ct fast cmos octal d register (3-state) 1 october 2009 military and industrial temperature ranges the idt logo is a registered trademark of integrated device technology, inc. ? 2009 integrated device technology, inc. dsc-5491/7 features: ? std., a, and c grades ? low input and output leakage 1a (max.) ? cmos power levels ? true ttl input and output compatibility: ?v oh = 3.3v (typ.) ?v ol = 0.3v (typ.) ? high drive outputs (-15ma i oh , 48ma i ol ) ? meets or exceeds jedec standard 18 specifications ? military product compliant to mil-std-883, class b and desc listed (dual marked) ? power off disable outputs permit "live insertion" ? available in the following packages: ? industrial: soic, ssop, qsop ? military: cerdip, lcc functional block diagram idt54/74fct374t/at/ct fast cmos octal d register (3-state) description: the fct374t is an 8-bit register built using an advanced dual metal cmos technology. these registers consist of eight d-type flip-flops with a buffered common clock and buffered 3-state output control. when the output enable ( oe ) input is low, the eight outputs are enabled. when the oe input is high, the outputs are in the high-impedance state. input data meeting the set-up and hold time requirements of the d inputs is transferred to the q outputs on the low-to-high transition of the clock input. d 0 q 0 d 1 q 1 d 2 q 2 d 3 q 3 d 4 q 4 d 5 q 5 d 6 q 6 d 7 q 7 cp oe d q cp d cp d cp d cp d cp d cp d cp d cp qqq q q qq
military and industrial temperature ranges 2 idt54/74fct374t/at/ct fast cmos octal d register (3-state) pin configuration symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +7 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?60 to +120 ma absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. no terminal voltage may exceed vcc by +0.5v unless otherwise noted. 2. inputs and vcc terminals only. 3. output and i/o terminals only. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 6 10 pf c out output capacitance v out = 0v 8 12 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. this parameter is measured at characterization but not tested. cerdip/ soic/ ssop/ qsop top view lcc top view 2 3 1 16 15 14 11 19 18 20 17 13 12 5 6 7 4 8 9 10 d 1 q 0 d 0 v cc q 1 d 3 q 2 d 2 q 3 gnd q 7 q 6 d 7 d 6 q 5 q 4 d 5 d 4 cp oe 1 2 3 4 5 7 9 6 8 10 11 12 13 14 15 16 17 18 19 20 q 6 d 7 d 6 q 5 d 5 d 0 q 0 q 3 gnd cp q 4 d 4 oe v cc q 7 index d 1 q 1 d 3 q 2 d 2 note: 1. h = high voltage level x = don?t care l = low voltage level z = high impedance nc = no change = low-to-high transition function table (1) inputs outputs internal function oe cp dx qx q x high-z h l x z n c hhxznc load l llh register l hh l h lzh h hzl pin names description dx d flip-flop data inputs c p clock pulse for the register. enters data on low-to- high transition. q x 3-state outputs (true) q x 3-state outputs (inverted) oe active low 3-state output enable input pin description
military and industrial temperature ranges idt54/74fct374t/at/ct fast cmos octal d register (3-state) 3 symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 ? ? v v il input low level guaranteed logic low level ? ? 0.8 v i ih input high current (4) v cc = max. v i = 2.7v ? ? 1a i il input low current (4) v cc = max. v i = 0.5v ? ? 1a i ozh high impedance output current v cc = max v o = 2.7v ? ? 1a i ozl (3-state output pins) (4) v o = 0.5v ? ? 1 i i input high current (4) v cc = max., v i = v cc (max.) ? ? 1a v ik clamp diode voltage v cc = min, i in = -18ma ? ?0.7 ?1.2 v v h input hysteresis ? ? 200 ? mv i cc quiescent power supply current v cc = max., v in = gnd or v cc ? 0.01 1 ma dc electrical characteristics over operating range following conditions apply unless otherwise specified: industrial: t a = ?40c to +85c, v cc = 5.0v 5%; military: t a = ?55c to +125c, v cc = 5.0v 10% notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. not more than one output should be tested at one time. duration of the test should not exceed one second. 4. the test limit for this parameter is 5a at t a = ?55c. symbol parameter test conditions (1) min. typ. (2) max. unit v oh output high voltage v cc = min i oh = ?6ma mil 2.4 3.3 ? v in = v ih or v il i oh = ?8ma ind v i oh = ?12ma mil 2 3 ? i oh = ?15ma ind v ol output low voltage v cc = min i ol = 32ma mil ? 0.3 0.5 v v in = v ih or v il i ol = 48ma ind i os short circuit current v cc = max., v o = gnd (3) ?60 ?120 ?225 ma output drive characteristics
military and industrial temperature ranges 4 idt54/74fct374t/at/ct fast cmos octal d register (3-state) symbol parameter test conditions (1) min. typ. (2) max. unit i cc quiescent power supply current v cc = max. ? 0.5 2 ma ttl inputs high v in = 3.4v (3) i ccd dynamic power supply v cc = max. v in = v cc ? 0.15 0.25 ma/ current (4) outputs open v in = gnd mhz oe = gnd one input toggling 50% duty cycle i c total power supply current (6) v cc = max. v in = v cc ? 1.5 3.5 ma outputs open v in = gnd f cp = 10mhz 50% duty cycle oe = gnd v in = 3.4v ? 2 5.5 fi = 5mhz v in = gnd one bit toggling 50% duty cycle v cc = max. v in = v cc ? 3.8 7.3 (5) outputs open v in = gnd f cp = 10mhz 50% duty cycle oe = gnd v in = 3.4v ? 6 16.3 (5) eight bits toggling v in = gnd fi = 2.5mhz 50% duty cycle notes: 1. for conditions shown as min. or max., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input; (v in = 3.4v). all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of i cc formula. these limits are guaranteed but not tested. 6. i c = i quiescent + i inputs + i dynamic i c = i cc + i cc d h n t + i ccd (f cp /2+ f i n i ) i cc = quiescent current i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an input transition pair (hlh or lhl) f cp = clock frequency for register devices (zero for non-register devices) f i = output frequency n i = number of outputs at f i all currents are in milliamps and all frequencies are in megahertz. power supply characteristics
military and industrial temperature ranges idt54/74fct374t/at/ct fast cmos octal d register (3-state) 5 notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. 3. this parameter is guaranteed but not tested. 74fct374at 74fct374ct symbol parameter condition (1) min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 2 6.5 2 5.2 ns t phl cp to qx r l = 500 t pzh output enable time 1.5 6.5 1.5 5.5 ns t pzl t phz output disable time 1.5 5.5 1.5 5 ns t plz t su set-up time high or low 2 ? 2 ? ns dx to cp t h hold time high or low 1.5 ? 1.5 ? ns dx to cp t w cp pulse width high or low (3) 5?5?ns switching characteristics over operating range - industrial 54fct374t 54fct374at 54fct374ct symbol parameter condition (1) min. (2) max. min. (2) max. min. (2) max. unit t plh propagation delay c l = 50pf 2 11 2 7.2 2 6.2 ns t phl cp to qx r l = 500 t pzh output enable time 1.5 14 1.5 7.5 1.5 6.2 ns t pzl t phz output disable time 1.5 8 1.5 6.5 1.5 5.7 ns t plz t su set-up time high or low 2 ? 2 ? 2 ? ns dx to cp t h hold time high or low 1.5 ? 1.5 ? 1.5 ? ns dx to cp t w cp pulse width high or low (3) 7? 6 ? 6 ?ns switching characteristics over operating range - military
military and industrial temperature ranges 6 idt54/74fct374t/at/ct fast cmos octal d register (3-state) pulse generator r t d.u.t . v cc v in c l v out 50pf 500w 500w 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh preset clear clock enable etc. octal link octal link octal link octal link octal link test circuits and waveforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns. test switch open drain disable low closed enable low all other tests open switch position definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator.
military and industrial temperature ranges idt54/74fct374t/at/ct fast cmos octal d register (3-state) 7 ordering information xx temp. range fct xxxx device type xx package x process fast cmos octal d register (3-state) 374t 374at 374ct sog pyg qg industrial options small outline ic - green shrink small outline package - green quarter-size small outline package - green d l military options cerdip leadless chip carrier blank b industrial mil-std-883, class b 54 74  55  c to +125  c  40  c to +85  c corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 10/03/09 pg. 7 updated the ordering information by removing the "idt" notation and non rohs part.


▲Up To Search▲   

 
Price & Availability of 74FCT374CTPYG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X