Part Number Hot Search : 
JM2396 TFS120 4046M STD5KB30 MAX3272 2554P07 T1100 RFX10
Product Description
Full Text Search
 

To Download 3362Z-1-502LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features single-turn / cermet / industrial / sealed miniature package rotor designed for automatic machine adjust interface withstands harsh environments and immersion cleaning processes tape and reel packaging available rohs compliant* version available for trimmer applications/processing guidelines, click here 3362 - 1/4 ?square trimpot trimming potentiometer *rohs directive 2002/95/ec jan 27 2003 including annex. ??luorinert?is a registered trademark of 3m co. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. electrical characteristics standard resistance range ................................10 to 2 megohms (see standard resistance table) resistance tolerance ........... ?0 % std. (tighter tolerance available) absolute minimum resistance .................................... 1 % or 2 ohms (whichever is greater) contact resistance variation ........................... 1 % or 3 ohms max. (whichever is greater) adjustability voltage .................................. ?.05 % resistance ............................ ?.15 % resolution ................................... in nite insulation resistance ............... 500 vdc. 1,000 megohms min. dielectric strength sea level................................ 900 vac 80,000 feet ............................ 350 vac adjustment angle ................. 240 ?nom. environmental characteristics power rating (300 volts max.) 70 ? .................................... 0.50 watt 125 ? ....................................... 0 watt temperature range ... -55 ? to +125 ? temperature coef cient ... ?00 ppm/? seal test ......................85 ? fluorinert? humidity .......mil-std-202 method 103 96 hours (2 % tr; 10 megohms ir) vibration ....... 30 g (1 % tr; 1 % vr) shock ......... 100 g (1 % tr; 1 % vr) load life .. 1,000 hours 0.5 watt @ 70 ? (3 % tr; 3 % or 3 ohms, whichever is greater, crv) rotational life .......................200 cycles (4 % tr; 3 % or 3 ohms, whichever is greater, crv) physical characteristics mechanical angle ................. 270 ?nom. torque ............................. 3.0 oz-in. max. stop strength ................. 7.0 oz -in. min. terminals .......................solderable pins weight ....................................... 0.02 oz. marking ....................... resistance code, terminal numbers, manufacturers model number, style and date code wiper ............... 50 % (actual tr) ?0 % flammability ..........................u.l. 94v-0 standard packaging .....50 pcs. per tube adjustment tool ..............................h-90 product dimensions 1 3 cw clockwise ccw 2 wiper tolerances: 0.25 except where noted (.010) dimensions: mm (inches) 6.60 (.260) adj. cross slot long x wide x deep x 3.84 (.151) .254 (010) 4.70 (.185) 5.46 .38 (.215 .015) .330 (.013) .46 .03 (.018 .001) common dimensions top adjust 3 3 6 2 13 common dimensions side adjust 3 3 6 2 13 2.29 (.090) 3362h 3362f 90 5 4.06 .38 (.160 .015) 1 3 2 3362p 3.53 (.139) 3 1 2 3 1 2 3362r 1.02 (.040) 3 1 2 3 1 2 3362u pin marking reversed for style w 3362m 3 1 2 3362s 3 1 2 3362w 1 3 2 3 1 2 3362x 2.54 (.100) 2.77 (.109) .64 (.025) .89 (.035) adj. cross slot long x wide x deep x 2.77 (.109) .64 (.025) .89 (.035) 2.54 (.100) 2.54 (.100) 2.54 (.100) 3.53 (.139) 1.80 (.071) 5.46 .38 (.215 .015) .46 .12 (.018 .005) 2.54 (.100) 2.54 (.100) 1.02 (.040) 1.02 (.040) 1.02 (.040) 2.54 (.100) 2.54 (.100) 2.54 (.100) 2.54 (.100) typ. 6.99 (.275) 6.99 (.275) 6.60 (.260) 3.84 (.151) 5.08 (.200) 4.70 (.185) 4.70 (.185) 3362z 1 3 2 2.54 (.100) 1.02 (.040) 4.70 (.185) 4.70 (.185) 4.70 (.185) 1.22 (.048) dia. 3 plcs. .46 .03 (.018 .001) dia. 3 plcs. typ. .25 (010) typ. *rohs compliant versions available
trimpot is a registered trademark of bourns, inc. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. 3362 - 1/4 ?square trimpot trimming potentiometer how to order 3362 p - 1 - 502 t __ lf model style standard or modi ed product indicator -1 = standard product resistance code optional suf x letter t = knob* packaging designator blank = tube (standard) r = tape and reel (m, u and p pin styles only) a = ammo pack (m, u and p pin styles only) terminations lf = 100 % tin-plated (rohs compliant) blank = 90 % tin / 10 % lead-plated (standard) *knob option is available only in standard tube packaging for terminal styles f, h, p, r and u. consult factory for other available options. standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 2,000,000 205 popular distribution resistance values listed in boldface. special resistances available. product dimensions top adjust models 3362f, h, p, r and u are available with a knob for nger adjustment. add suf x letter ??to order code. 13 9.93 (.391) 14.63 (.576) 6.71 (.264) 0.46 0.25 (.018 .010) dia. 3 plcs. 3.53 (.139) 0.25 (.010) 2.54 (.100) 5.00 (.197) dia. 7.04 (.277) 3.84 (.151) 5.46 (.215) 2.54 (.100) 2.54 (.100) 4.7 (.185) adj. slot long x wide x deep 4.0 (.157) 0.6 (.024) 1.0 (.039) 3 1 2 tolerances: 0.25 except where noted (.010) dimensions: mm (inches) packaging speci cations side adjust 3362m-1 3 2 1 top adjust 3362u-1, 3362p-1 side view 3362u-1 side view 3362p-1 ref. dia. 3 2 1 all pins in-line on center dimensions: 1000/reel/box 2.54 (.100) mm (inches) all pins in-line on center dimensions: 750/reel 1000/box 2.54 (.100) mm (inches) 12.70 (.500) 7.0 (.275) 22.7 .76 (.893 .029) 18 .76 (.708 .029) 4.0 0.3 (.157 .011) 3.56 .38 (.140 .014) 18 + .76/ -.5 (.708 + .029 -.019) 12.70 + 0.3/ - 0.25 (.500 + .011 -.009) 4.7 (.185) 7.0 (.275) 27.56 .76 (1.085 .030) 12.70 (.500) ref. 18 + 1.0/ - 0.5 (.709 + .039 -.019) 12.7 + 0.3/ -0.25 (.500 + .012/ -.009) dia. 4.0 0.3 (.157 .011) 18 .76 (.708 .029) 2.3 .38 (.090 .014) 4.7 (.185) meets eia speci cation 468. rev. 08/26/10


▲Up To Search▲   

 
Price & Availability of 3362Z-1-502LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X