Part Number Hot Search : 
TIP331 HFS50N06 00C144 K2010 LA7810 C3332 MC4050 MAX5088
Product Description
Full Text Search
 

To Download 1003SYGDS530-E2F14-9S1339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 3.68*6.22mm rectangular legend led lamps features : choice of various viewing angles available on tape and reel. reliable and robust pb free the product itself will remain within rohs compliant version. descriptions : the series is specially designed for applications requiring higher brightness the led lamps are available with different colors, intensities. applications : tv set monitor telephone computer 1003sygd/s530-e2/f14-9/s1339 algainp brilliant yellow green green diffused everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 page: 1 of 6 device number : dle-0001060 prepared date: 2010/4/2 prep ared by: li ming dr000017047 1003sygd/s530-e2/f14-9/s1339 lens color part no. material emitted color
technical data sheet 3.68*6.22mm rectangular legend led lamps package dimensions notes: 1. all dimensions are in millimetres 2. the height of flange must be less than 1.5mm(0.059"). 3. without special declared,the tolerance is 0.25mm. absolute maximum ratings at ta = 25 parameter symbol rating unit forward current i f 25 ma operating temperature topr -40 to +85 storage temperature tstg -40 to +100 tsol 260 electrostatic discharge esd 2000 v power dissipation pd 60 mw peak forward current i f (peak) 60 ma reverse voltage v r 5v note: *1:soldering time Q 5 seconds. everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 page: 2 of 6 device number : dle-0001060 prepared date: prepared by: li ming 1003sygd/s530-e2/f14-9/s1339 soldering temperature 2010/4/2
technical data sheet 3.68*6.22mm rectangular legend led lamps electro-optical characteristics (ta=25) symbol min. typ. max. unit vf i f = 20 ma 2.0 2.4 v ir v r = 5 v 10 a iv i f = 20 ma 6.3 12.5 mcd 21/2 i f = 20 ma 110 deg p i f = 20 ma 575 nm d i f = 20 ma 573 nm i f = 20 ma 20 nm everlight electronics co.,ltd. http : //www.everlight.com rev. : 2 page: 3 of 6 device number : dle-0001060 prepared date: prepared by: li min g forward voltage reverse current luminous intensity viewing angle dominant wavelength spectrum radiation bandwidth 2010/4/2 1003sygd/s530-e2/f14-9/s1339 condition parameter peak wavelength
technical data sheet 3.68*6.22mm rectangular legend led lamps typical electro-optical characteristic curves: everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 page: 4 of 6 device number : dle-0001060 prepared date: 2010/4/2 prepared by: l i ming 1003sygd/s530-e2/f14-9/s1339
technical data sheet 3.68*6.22mm rectangular legend led lamps reliability test items and conditions: the reliability of products shall be satisfied with items l isted below. confidence level97% ltpd3% no item test conditions sample size failure judgment criteria 1 solder heat temp : 260 5 76 pcs h : +100 15min 2 temperature cycle 5 min 76 pcs l : -40 15min h : +100 5min 3 thermal shock 10 sec 76 pcs l : -10 5min 4 high temperature storage temp : 100 76 pcs 5 low temperature storage temp : -40 76 pcs temp : 25 i f = 20ma 7 high temperature / high humidity 85 / 85% rh 76 pcs noteivtto test iv value of the chip before the reliablility test ivthe test value of the chip that has completed the reliablili ty test uu pp er s p ecification limit l lower specification limit everlight electronics co. ,l http : //www.everlight.com rev.: 2 page: 5 of 6 device number : dle-0001060 prepared by: li ming prepared date: 2010/4/2 test hours/cycle 10 sec 0/1 76 pcs 300 cycles 300 cycles 1000 hrs 6 dc operating life ac/re 0/1 0/1 0/1 0/1 0/1 0/1 ivQivt*0.5 or vfRu or vfQl 1000 hrs 1000 hrs 1000 hrs 1003sygd/s530-e2/f14-9/s1339
technical data sheet 3.68*6.22mm rectangular legend led lamps packing quantity specification 1.500pcs/1bag5bags/1box 2.10boxes/1carton label form specification cpn: customer's production number p/n : production number qty: packing quantity cat: ranks hue: dominant wavelength ref: reference lot no: lot number notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight ass umes no responsibility for any damage resulting from use of the product which does not com ply with the absolute maximum ratings and the instructions included in these specific ation sheets. 3. these specification sheets include materials protected under copyright of everlight corporatio please dont reproduce or cause anyone to reproduce them withou t everlightsconsent. everlight electronics co.,ltd. http : //www.everlight.com rev.: 2 device number : dle-0001060 prepared date: 2010/4/2 prepared by: page: 6 of 6 li ming 1003sygd/s530-e2/f14-9/s1339 e verlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiwan, r.o.c http://www.everlight.com rohs pb x everlight 1003sygd/s530-e2/f14-9/s1339
technical data sheet 3.68*6.22mm rectangular legend led lamps soldering a rapid-rate process is not recommended for cooling the leds down from the peak temperature. although the recommended soldering conditions are specified i n the above table, dip or handsoldering at the lowest possible temperature is desirable for the leds. wave soldering parameter must be set and maintain according t o recommended temperature and dwell time in the solder wave. avoiding applying any stress to the lead frame while the leds are at high temperature particularly when soldering. dip and hand soldering should not be done more than one time after soldering the leds, the epoxy bulb should be protected from mechanical shock or vibration until the leds return to roo m temperature. distance 3mm min.(from solder joint to e p ox y bulb ) distance 3mm min. (from solder joint to e p ox y bulb ) soldering time 3 sec max. bath temp. & time 260 max., 5 sec max temp. at tip of iron 300 max. (30w max.) preheat temp. 100 max. (60 sec max.) recommended soldering conditions: hand soldering dip soldering 1003sygd/s530-e2/f14-9/s1339 careful attention should be paid during soldering. when solde ring, leave more then 3mm from solder joint to epoxy bulb, and soldering beyond the base of the tie bar is recommended. prehead laminar wave fluxing


▲Up To Search▲   

 
Price & Availability of 1003SYGDS530-E2F14-9S1339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X