Part Number Hot Search : 
SXX18 KM4170 A143Z GC562 LTC4223 80CPT015 AD8572 NJU7348
Product Description
Full Text Search
 

To Download 0603N100F250YHT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12 cog - commercial - 16vdc to 10kvdc www . . . . n n n n o o o o v v v v a a a a c c c c a a a a p p p p . . . . com 1 1 2 2 t t m m a a x x . . 0 0 2 2 4 4 . . 0 0 4 4 4 4 . . 0 0 3 3 5 5 . . 0 0 5 5 4 4 . . 0 0 5 5 4 4 . . 0 0 6 6 4 4 . . 0 0 6 6 5 5 . . 1 1 3 3 0 0 . . 0 0 6 6 5 5 . . 0 0 8 8 0 0 x x . . 0 0 6 6 5 5 . . 1 1 0 0 0 0 x x . . 0 0 8 8 0 0 . . 1 1 4 4 0 0 x x ultra stable class i dielectric (eia cog) or npo: linear temperature coefficient, low loss, stable electrical properties with time, voltage and frequency. designed for surface mount application with nickel barrier termination suitable for solder wave, vapor phase or reflow solder board attachment. also available with silver-palladium terminations for hybrid use with conductive epoxy. cog chips are used in precision circuitry requiring class i stability. max cap & voltage capacitance & voltage selection for popular chip sizes 16v 25v 50v 100v 200v 250v 300v 400v 500v 600v 800v* 1000v* 1500v* 2000v* 3000v* 4000v* 5000v* 6000v* 7000v* 8000v* 9000v* 10000v* 152 122 102 102 561 331                 271 221 181 181 101 560                 222 182 152 152 821 561                 393 333 223 153 103 682 472 472 472 392 392 222 122 821 391 221       473 393 333 333 223 223 153 103 822 682 682 562 392 272 122 681       562 472 392 392 182 152 821 821 821 681 681 471           153 123 123 103 562 392 272 182 182 152 152 102 561 391         273 273 223 183 103 822 472 472 472 392 392 222 122 821         822 682 562 562 272 222 122 122 122 102 102 391           563 563 393 273 183 153 103 103 103 822 822 472 272 182 821 471       563 563 393 393 273 223 153 123 123 103 103 822 472 272 122 821       104 104 104 823 683 563 473 333 273 183 183 153 103 562 222 122 821      104 104 104 683 473 393 223 223 223 183 183 103 562 272 122 681 391      size 0402 0504 0603 0805 1005 1206 1210 1515 1808 1812 1825 393 333 273 223 153 103 562 472 472 472 472 332 182 122 471 271       min cap 0r3 0r5 0r3 0r5 0r5 3r0 5r0 3r0 5r0 5r0 100 100 150 150 * units rated above 800v may require conformal coating in use to preclude arcing over the chip surface 3 digit code: two significant digits, followed by number of zeros eg: 183 = 18,000 pf. r denotes decimal, eg. 2r7 = 2.7 pf note: ? ? x x ? ? denotes a special thickness (see tmax row above) .an x is required in the part number. please refer to page 10 for how to order. n n o o t t e e : : r r e e f f e e r r t t o o p p a a g g e e s s 1 1 0 0 & & 1 1 1 1 f f o o r r o o r r d d e e r r i i n n g g i i n n f f o o r r m m a a t t i i o o n n
www . . . . n n n n o o o o v v v v a a a a c c c c a a a a p p p p . . . . com 13 cog - commercial - 16vdc to 10kvdc 1 1 3 3 t t m m a a x x . . 1 1 8 8 0 0 . . 0 0 8 8 0 0 . . 0 0 8 8 0 0 . . 1 1 5 5 0 0 x x . . 1 1 8 8 0 0 . . 2 2 5 5 0 0 . . 2 2 5 5 0 0 . . 3 3 0 0 0 0 . . 3 3 0 0 0 0 . . 3 3 0 0 0 0 . . 3 3 0 0 0 0 . . 3 3 0 0 0 0 . . 3 3 0 0 0 0 capacitance & voltage selection for popular chip sizes 3 digit code: two significant digits, followed by number of zeros eg: 183 = 18,000 pf. r denotes decimal, eg. 2r7 = 2.7 pf see chart for standard eia case sizes and available capacitance and voltage rat- ings. special sizes, thicknesses and other voltage ratings are available, see other novacap product offerings. high reliability testing is available refer to pages 20-21. please consult the factory with your requirements. novacap has complete testing facilities at your disposal. 1206 272 16v 25v 50v 100v 200v 250v 300v 400v 500v 600v 800v* 1000v* 1500v* 2000v* 3000v* 4000v* 5000v* 6000v* 7000v* 8000v* 9000v* 10000v* 124 124 124 823 563 473 273 273 273 273 273 153 822 392 182 102 561      683 683 683 563 563 473 393 333 273 153 153 103 822 472 222 122 821      104 104 104 683 473 393 223 223 223 183 183 103 562 272 122 681 391              124 823 683 563 393 333 223 123 822 392 272 222 182 152         104 823 563 563 393 273 183 123 682 392 272 222 152 122 124 124 124 104 823 683 563 393 333 273 273 223 153 822 332 182 122              473 393 333 273 183 153 822 332 222 182             683 393 333 273 223 153 103 562 332 182 122 102 821 681         393 223 183 123 103 562 272 152 102              184 154 124 104 393 473 333 183 123 562 472 332 272 222         274 224 184 154 823 683 473 273 183 103 682 562 392 332         334 274 224 184 124 104 683 393 223 123 822 682 472 392 size 2020 2221 2225 2520 3333 3530 4040 4540 5440 5550 6560 7565         154 104 823 683 393 333 223 123 822 472 332 272 182 152 min cap 270 270 270 270 390 390 390 390 390 390 390 560 101 * units rated above 800v may require conformal coating in use to preclude arcing over the chip surface note: ? ? x x ? ? denotes a special thickness (see tmax row above) .an x is required in the part number. please refer to page 10 for how to order. n n o o t t e e : : r r e e f f e e r r t t o o p p a a g g e e s s 1 1 0 0 & & 1 1 1 1 f f o o r r o o r r d d e e r r i i n n g g i i n n f f o o r r m m a a t t i i o o n n max cap & voltage
10 standard smt chip p/n breakdown www . . . . n n n n o o o o v v v v a a a a c c c c a a a a p p p p . . . . com 1 1 0 0 cog x7r bx z5u x8r d e npo y5v 150c 200c 200c ultra stable stable mil general purpose general purpose high temp up to 150oc high temp up to 200c high temp up to 200c cog/np0 x7r bx y5v z5u x8r cog/npo class ii (stable) n b x y z s d e case size voltage termination special thickness packaging high reliability testing dielectric code capacitance capacitance tolerance c c o o d d e e e e i i a a c c l l a a s s s s examples: 160 = 16 volts 202 = 2000 volts 250 = 25 volts 302 = 3000 volts 500 = 50 volts 402 = 4000 volts 101 = 100 volts 502 = 5000 volts 251 = 250 volts 602 = 6000 volts 501 = 500 volts 802 = 8000 volts 102 = 1000 volts 103 = 10,000 volts 1st two digits are significant, third digit denotes number of zeros, r= decimal examples: 1r0 = 1.0 pf 120 = 12 pf 471 = 470 pf 102 = 1,000 pf 273 = .027 f 474 = 0.47 f 105 = 1.0 f b b c c d d f f g g j j k k m m z z p p 0.10pf 0.25pf 0.50pf 1%pf 2%pf 5%pf 10%pf 20%pf +80% -20% +100%/-0% c c o o d d e e cap value < 10pf n = nickel barrier (100% tin) p = palladium silver y= nickel barrier (90%tin/10%lead) s= silver c = polymer with nickel barrier (100% tin) d = polymer with nickel barrier (90%tin/10%lead) v = non-solderable silver t= tape and reel w = waffle pack none = bulk h = high reliablity testing required none = standard smt, no high-rel consult catalog to determine mil spec required. marking m = marked none = unmarked marking not available on sizes 0603 and below x x in the part number denotes a special thick- ness other than standard. specify in mils if required. (as shown above x=.050?) if no x x in the part number then thickness is standard per novacap catalog specifications. 1206 n 472 j 101 n x050 h t m t t h h i i s s o o r r d d e e r r i i n n g g i i n n f f o o r r m m a a t t i i o o n n r r e e l l a a t t e e s s t t o o n n o o v v a a c c a a p p ? ? s s s s t t a a n n d d a a r r d d s s u u r r f f a a c c e e m m o o u u n n t t c c a a p p a a c c i i t t o o r r s s . . p p l l e e a a s s e e r r e e f f e e r r t t o o t t h h e e s s p p e e c c i i f f i i c c c c a a t t a a l l o o g g p p a a g g e e s s f f o o r r o o r r d d e e r r i i n n g g i i n n f f o o r r m m a a t t i i o o n n f f o o r r o o u u r r a a p p p p l l i i c c a a t t i i o o n n s s p p e e c c i i f f i i c c p p r r o o d d u u c c t t s s ; ; i i e e : : s s t t a a c c k k e e d d , , l l e e a a d d e e d d , , c c a a p p a a c c i i t t o o r r a a r r r r a a y y s s , , p p u u l l s s e e d d p p o o w w e e r r c c a a p p a a c c i i t t o o r r s s a a n n d d o o t t h h e e r r s s p p e e c c i i a a l l t t y y p p r r o o d d u u c c t t s s . .
11 codes and dimensions www . . . . n n n n o o o o v v v v a a a a c c c c a a a a p p p p . . . . com 1 1 1 1 .040 (1.02) .020 (.508) .024 (.610) .010 (.254) .050 (1.27) .040 (1.02) .044 (1.12) .014 (.356) size 0 0 4 4 0 0 2 2 0 0 5 5 0 0 4 4 0 0 6 6 0 0 3 3 0 0 8 8 0 0 5 5 0 0 9 9 0 0 7 7 1 1 0 0 0 0 5 5 1 1 2 2 0 0 6 6 1 1 2 2 1 1 0 0 1 1 5 5 1 1 5 5 1 1 8 8 0 0 8 8 1 1 8 8 1 1 2 2 1 1 8 8 2 2 5 5 .180 (4.57) .080 (2.03) .065 (1.65) .024 (.610) .100 (2.54) .050 (1.27) .054 (1.37) .020 (.508) .180 (4.57) .250 (6.35) .080 (2.03) .024 (.610) .125 (3.18) .100 (2.54) .065 (1.65) .020 (.508) .060 (1.52) .030 (.762) .035 (.889) .014 (.356) .080 (2.03) .050 (1.27) .054 (1.37) .020 (.508) .090 (2.29) .070 (1.78) .054 (1.37) .020 (.508) .125 (3.18) .060 (1.52) .064 (1.63) .020 (.508) .180 (4.57) .125 (3.18) .065 (1.65) .024 (.610 ) length l width w t max. mb length width mb .004 (.102) .004 (.102) .006 (.152) .006 (.152) .006 (.152) .006 (.152) .008 (.203) .008 (.203) .010 (.254) .008 (.203) .008 (.203) .010 (.254) .008 (.203) .008 (.203) .010 (.254) .008 (.203) .008 (.203) .010 (.254) .008 (.203) .008 (.203) .010 (.254) .150 (3.81) .150 (3.81) .130 (3.30) .040 (1.02) .015 (.381) .015 (.381) .015 (.381) .012 (.305) .008 (.203) .014 (.356) .012 (.305) .008 (.203) .014 (.356) .012 (.305) .015 (.381) .014 (.356) .006 (.152) .006 (.152) .006 (.152) t mb w l tolerance +/- inches (mm) dimensions inches (mm) size 2 2 0 0 2 2 0 0 2 2 2 2 2 2 1 1 2 2 2 2 2 2 5 5 2 2 5 5 2 2 0 0 3 3 3 3 3 3 3 3 3 3 5 5 3 3 0 0 4 4 0 0 4 4 0 0 4 4 5 5 4 4 0 0 5 5 4 4 4 4 0 0 5 5 5 5 5 5 0 0 6 6 5 5 6 6 0 0 7 7 5 5 6 6 5 5 length l width w t max. mb length width mb .220 (5.59) .210 (5.33) .080 (2.03) .030 (.762) .220 (5.59) .250 (6.35) .080 (2.03) .030 (.762) .200 (5.08) .200 (5.08) .180 (4.57) .024 (.610) .250 (6.35) .200 (5.08) .180 (4.57) .030 (.762) .450 (11.4) .400 (10.2) .300 (7.62) .040 (1.02) .330 (8.38) .330 (8.38) .250 (6.35) .030 (.762) .550 (14.0) .500 (12.7) .300 (7.62) .040 (1.02) .650 (16.5) .600 (15.2) .300 (7.62) .040 (1.02) .750 (19.1) .650 (16.5) .300 (7.62) .040 (1.02) .400 (10.2) .400 (10.2) .300 (7.62) .040 (1.02) .350 (8.89) .300 (7.62) .250 (6.35) .030 (.762) .540 (13.7) .400 (10.2) .300 (7.62) .040 (1.02) .015 (.381) .015 (.381) .015 (.381) .015 (.381) .015 (.381) .014 (.356) .015 (.381) .015 (.381) .015 (.381) .015 (.381) .015 (.381) .015 (.381) .017 (.432) .017 (.432) .015 (.381) .018 (.457) .015 (.381) .015 (.381) .020 (.508) .020 (.508) .020 (.508) .023 (.584) .020 (.508) .020 (.508) .027 (.686) .020 (.508) .020 (.508) .028 (.711) .025 (.635) .020 (.508) .033 (.838) .030 (.762) .020 (.508) .038 (.965) .033 (.838) .020 (.508) dimensions inches (mm) tolerance +/- inches (mm) l l s s = y3 certified safety capacitor e e s s = y2 certified safety capacitor a a p p = arc prevention capacitor c c r r = cap-rack capacitor array r r d d = ring detect capacitor s s t t = stacked capacitor assembly s s m m = hi-rel stacked capacitor assembly pg. 36 pg. 37 pg. 50 pg. 40 - 41 pg. 38 pg. 48 - 49 pg. 48 - 49 n n (cog/npo) code combinations part number prefix definitions t t e e r r m m i i n n a a t t i i o o n n s s ( ( a a l l l l o o w w e e d d ) ) m m a a x x . . t t e e m m p p . . r r a a t t e e d d d d i i e e l l e e c c t t r r i i c c c c o o d d e e b b (x7r) x x (bx) d d (npo-high temp) e e (class 11-high temp) f f (npo-high temp) g g (class 11-high temp) s s (x8r) p p (pulse power) r r (r2d) y y (y5v) z z (z5u) n n o o v v a a c c a a p p - 2 2 5 5 1 1 3 3 6 6 a a n n z z a a d d r r i i v v e e -v v a a l l e e n n c c i i a a c c a a 9 9 1 1 3 3 5 5 5 5 t t e e l l : : 6 6 6 6 1 1 -2 2 9 9 5 5 -5 5 9 9 2 2 0 0 f f a a x x : : ( ( 6 6 6 6 1 1 ) ) 2 2 9 9 5 5 -5 5 9 9 2 2 8 8 e e m m a a i i l l : : s s a a l l e e s s @ @ n n o o v v a a c c a a p p . . c c o o m m 125o 125o 125o 125o 125o 200o 200o 160o 160o 150o 125o 200o n, p, y, s, v n, p, y, c, d, s, v n, p, y, c, d, s, v n,y, c, d n,y, c, d p, s , v p, s , v n, p, y, s,v n, p, y, s,v n, p, y, s,v p p


▲Up To Search▲   

 
Price & Availability of 0603N100F250YHT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X