Part Number Hot Search : 
BU4845G MAX66 SMCJ58 LLZ30A 78M05 IP7805A MBR2040 74911
Product Description
Full Text Search
 

To Download Z1150AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Z1150AM & z1180a m v z : 150 & 180 volts p d : 1.0 watts features : * glass passivated chip * high peak reverse power dissipation * high reliability * low leakage current * pb / rohs free mechanical data : * case : m1a molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.20 gram (approximately) maximum ratings rating at 25 c ambient temperature unless otherwise specified. rating symbol value unit dc power dissipation at t l = 75 c (1) p d 1.0 w maximum forward voltage at i f = 200 ma v f 1.2 v junction temperature range t j - 55 to + 175 c storage temperature range t stg - 55 to + 175 c electrical characteristic s rating at 25 c ambient temperature unless otherwise specified. nominal zener test maximum zener maximum reverse maximum dc voltage (2) current impedance leakage current zener current v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r @ v r i zm (v) (ma) ( ? )( ? ) (ma) ( a) (v) (ma) Z1150AM 150 1.7 1000 6000 0.25 5.0 114.0 6.4 z1180am 180 1.4 1200 7000 0.25 5.0 136.8 5.2 notes : (1) t l = lead temperature at 3/8 " (9.5mm) from body. (2) the type number listed have a standard tolerance on the nominal zener voltage of 5%. page 1 of 1 rev. 00 : march 13, 2007 type. silicon zener diodes m1a dimensions in inches and ( millimeters ) 1.00 (25.4) min. 0.085(2.16) 0.075(1.91) 0.138(3.51) 0.122(3.10) 1.00 (25.4) min. 0.024(0.60) 0.022(0.55) certificate : th97/10561qm certificate : tw00/17276em


▲Up To Search▲   

 
Price & Availability of Z1150AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X