Part Number Hot Search : 
GP1002 LC2272 DS240 PC517 TFS70H39 MPT4220 MPT4220 Y2832
Product Description
Full Text Search
 

To Download WP7113YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf2447 rev no: v.2 date: may/21/2007 page: 1 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005402 t-1 3/4 (5mm) solid state lamp part number: WP7113YC yellow features z low power consumption. z popular t-1 3/4 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. description the yellow source color devices are made with gallium arsenide phosphide on galliu m phosphide yellow light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice.
spec no: dsaf2447 rev no: v.2 date: may/21/2007 page: 2 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005402 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 the optical centerline value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 WP7113YC yellow (gaasp/gap) water clear 18 40 20 iv (mcd) [2] @ 10ma symbol parameter device typ. max. units test conditions peak peak wavelength yellow 590 nm i f =20ma d [1] dominant wavelength yellow 588 nm i f =20ma ? 1/2 spectral line half-width yellow 35 nm i f =20ma c capacitance yellow 20 pf v f =0v;f=1mhz v f [2] forward voltage yellow 2.1 2.5 v i f =20ma i r reverse current yellow 10 ua v r = 5v parameter yellow units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 140 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsaf2447 rev no: v.2 date: may/21/2007 page: 3 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005402 yellow WP7113YC
spec no: dsaf2447 rev no: v.2 date: may/21/2007 page: 4 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005402 packing & label specifications WP7113YC
spec no: dsaf2447 rev no: v.2 date: may/21/2007 page: 5 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005402
spec no: dsaf2447 rev no: v.2 date: may/21/2007 page: 6 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005402


▲Up To Search▲   

 
Price & Availability of WP7113YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X