Part Number Hot Search : 
LCE28A D2004 2E103J KS624540 NTE2385 IRF7754 TM1637 EVDD430S
Product Description
Full Text Search
 

To Download VS-63CPQ100G-N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-63cpq100gpbf, VS-63CPQ100G-N3 www.vishay.com vishay semiconductors revision: 31-aug-11 1 document number: 94243 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 schottky rectifier, 2 x 30 a features ? 175 c t j operation ? low forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and mois ture resistance ? guard ring for enhanced ruggedness and long term reliability ? compliant to rohs directive 2002/95/ec ? designed and qualified according to jedec-jesd47 ? halogen-free according to iec 61249-2-21 definition (-n3 only) description the vs-63cpq100g... center tap schottky rectifier series has been optimized for low reverse leakage at high temperature. the proprietary ba rrier technology allows for reliable operation up to 175 c junction temperature. typical applications are in switchin g power supplies, converters, freewheeling diodes, and re verse battery protection. product summary package to-247ac i f(av) 2 x 30 a v r 100 v v f at i f 0.64 v i rm max. 25 ma at 125 c t j max. 175 c diode variation common cathode e as 15 mj base common cathode common cathode 2 2 13 anode 1 anode 2 to-247ac major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 60 a v rrm 100 v i fsm t p = 5 s sine 2200 a v f 30 apk, t j = 125 c (per leg) 0.64 v t j range - 55 to 175 c voltage ratings parameter symbol vs-63cpq100pbf vs-63cpq100-n3 units maximum dc reverse voltage v r 100 100 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 per leg i f(av) 50 % duty cycle at t c = 153 c, rectan gular waveform 30 a per device 60 maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 2200 10 ms sine or 6 ms rect. pulse 410 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 1 a, l = 30 mh 15 mj repetitive avalanche current per leg i ar current decaying linear ly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 1a www.datasheet.co.kr datasheet pdf - http://www..net/
vs-63cpq100gpbf, VS-63CPQ100G-N3 www.vishay.com vishay semiconductors revision: 31-aug-11 2 document number: 94243 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop per leg see fig. 1 v fm (1) 30 a t j = 25 c 0.77 v 60 a 0.92 30 a t j = 125 c 0.64 60 a 0.76 maximum reverse leakage current per leg see fig. 2 i rm (1) t j = 25 c v r = rated v r 0.3 ma t j = 125 c 25 threshold voltage v f(to) t j = t j maximum 0.38 v forward slope resistance r t 5.75 m ? maximum junction capacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz) 25 c 1300 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 7.5 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 175 c maximum thermal resistance, junction to case per leg r thjc dc operation see fig. 4 0.8 c/w maximum thermal resistance, junction to case per package dc operation 0.4 typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.25 approximate weight 6g 0.21 oz. mounting torque minimum 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style to-247ac (jedec) 63cpq100g www.datasheet.co.kr datasheet pdf - http://www..net/
vs-63cpq100gpbf, VS-63CPQ100G-N3 www.vishay.com vishay semiconductors revision: 31-aug-11 3 document number: 94243 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - maximum forward voltage drop characteristic s fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction ca pacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1 100 10 1000 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.3 0.6 0.9 1.2 1.5 0 t j = 175 c t j = 125 c t j = 25 c 0.001 1 10 100 0.1 0.01 1000 i r - reverse current (ma) v r - reverse voltage (v) 8 0 100 20 40 60 0 t j = 175 c t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 100 1000 10 000 c t - junction capacitance (pf) v r - reverse voltage (v) 40 20 60 8 0 100 120 0 t j = 25 c 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 100 10 single pulse (thermal resistance) d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c www.datasheet.co.kr datasheet pdf - http://www..net/
vs-63cpq100gpbf, VS-63CPQ100G-N3 www.vishay.com vishay semiconductors revision: 31-aug-11 4 document number: 94243 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward powe r loss characteristics fig. 7 - maximum non-re petitive surge current fig. 8 - unclamped inductive test circuit note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r 120 130 140 160 170 1 8 0 150 allowable case temperature (c) i f(av) - average forward current (a) 20 10 30 40 50 0 dc see note (1) s qu are w a v e (d = 0.50) 8 0 % rated v r applied 0 5 20 25 15 10 30 average power loss (w) i f(av) - average forward current (a) 10 50 20 30 40 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 100 10 000 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and w ith rated v rrm applied follo w ing s u rge c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02 www.datasheet.co.kr datasheet pdf - http://www..net/
vs-63cpq100gpbf, VS-63CPQ100G-N3 www.vishay.com vishay semiconductors revision: 31-aug-11 5 document number: 94243 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-63cpq100gpbf 25 500 antistatic plastic tube VS-63CPQ100G-N3 25 500 antistatic plastic tube links to related documents dimensions www.vishay.com/doc?95223 part marking information to-247ac pbf www.vishay.com/doc?95226 to-247ac -n3 www.vishay.com/doc?95007 8 - current rating (60 a) - circuit configuration: c = common cathode - package: p = to-247 - schottky ?q? series - voltage rating (100 v) - g = schottky generation device code 6 2 4 3 5 7 8 63 c p q 100 g pbf vs- 1 - vishay semiconductors product - pbf = lead (pb)-free and rohs compliant -n3 = halogen-free, rohs compliant, and totally lead (pb)-free environmental digit 2 3 4 5 6 7 1 www.datasheet.co.kr datasheet pdf - http://www..net/
outline dimensions www.vishay.com vishay semiconductors revision: 16-jun-11 1 document number: 95223 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and inches notes (1) dimensioning and tolera ncing per asme y14.5m-1994 (2) contour of slot optional (3) dimension d and e do not include mold flas h. mold flash shall not exceed 0.127 mm (0 .005") per side. these dimensions are measu red at the outermost extremes of the plastic body (4) thermal pad contour optional with dimensions d1 and e1 (5) lead finish uncontrolled in l1 (6) ? p to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154") (7) outline conforms to jede c outline to-247 with ex ception of dimension c symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.65 5.31 0.183 0.209 d2 0.51 1.30 0.020 0.051 a1 2.21 2.59 0.087 0.102 e 15.29 15.87 0.602 0.625 3 a2 1.50 2.49 0.059 0.098 e1 13.72 - 0.540 - b 0.99 1.40 0.039 0.055 e 5.46 bsc 0.215 bsc b1 0.99 1.35 0.039 0.053 fk 2.54 0.010 b2 1.65 2.39 0.065 0.094 l 14.20 16.10 0.559 0.634 b3 1.65 2.37 0.065 0.094 l1 3.71 4.29 0.146 0.169 b4 2.59 3.43 0.102 0.135 n 7.62 bsc 0.3 b5 2.59 3.38 0.102 0.133 ? p 3.56 3.66 0.14 0.144 c 0.38 0.86 0.015 0.034 ? p1 - 6.98 - 0.275 c1 0.38 0.76 0.015 0.030 q 5.31 5.69 0.209 0.224 d 19.71 20.70 0.776 0.815 3 r 4.52 5.49 1.78 0.216 d1 13.08 - 0.515 - 4 s 5.51 bsc 0.217 bsc 0.10 a c m m e n (2) (3) (4) (4) (2) r/2 b 2 x r s d see view b 2 x e b4 3 x b 2 x b2 l c (5) l1 1 2 3 q d a a2 a a a1 c ? k b d m m a (6) ? p (datum b) fp1 d1 (4) 4 e1 0.01 b d m m view a - a thermal pad d2 dde e c c view b (b1, b3, b5) base metal c1 (b, b2, b4) section c - c, d - d, e - e (c) planting lead assignments diodes 1. - anode/open 2. - cathode 3. - anode www.datasheet.co.kr datasheet pdf - http://www..net/
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of VS-63CPQ100G-N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X