Part Number Hot Search : 
67401ANL LT553 SM104 NSC5009B PJS6400 TLRO4420 D0Z14GN 74HC273P
Product Description
Full Text Search
 

To Download SS8PH10-M3-87A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new product ss8ph9, ss8ph10 www.vishay.com vishay general semiconductor revision: 28-jun-11 1 document number: 88989 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high current density surface mount high voltage schottky rectifier typical applications for use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc/dc converters or polarity protection application. features ? very low profile - typical height of 1.1 mm ? ideal for automated placement ? guardring for overvoltage protection ? high barrier technology, t j = 175 c maximum ? low leakage current ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition mechanical data case: to-277a (smpc) molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade base p/nhm3 - halogen-free, rohs compliant, and automotive grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 cla ss 1a whisker test, hm3 suffix meets jesd 201 class 2 whisker test primary characteristics i f(av) 8.0 a v rrm 90 v, 100 v i fsm 150 a e as 20 mj v f at i f = 8.0 a 0.720 v i r 0.18 a t j max. 175 c to-277a (smpc) anode 1 anode 2 cathode k k 2 1 esmp ? series maximum ratings (t a = 25 c unless otherwise noted) parameter symbol ss8ph9 ss8ph10 unit device marking code 8h9 8h10 maximum repetitive pe ak reverse voltage v rrm 90 100 v maximum average forward rectified current (fig. 1) i f(av) 8.0 a peak forward surge current 10 ms single half sine-wave superimposed on rated load i fsm 150 a non-repetitive avalanche energy at i as = 2.0 a, t j = 25 c e as 20 mj operating junction and storage temperature range t j , t stg - 55 to + 175 c
new product ss8ph9, ss8ph10 www.vishay.com vishay general semiconductor revision: 28-jun-11 2 document number: 88989 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms note (1) units mounted on recommended pcb 1 oz. pad layout note (1) automotive grade electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage i f = 4.0 a t a = 25 c v f (1) 0.769 - v i f = 8.0 a 0.850 0.90 i f = 4.0 a t a = 125 c 0.634 - i f = 8.0 a 0.720 0.76 reverse current rated v r t a = 25 c i r (2) 0.18 2.0 a t a = 125 c 110 300 typical junction capa citance 4.0 v, 1 mhz c j 140 - pf thermal characteristics (t a = 25 c unless otherwise specified) parameter symbol ss8ph9 ss8ph10 unit typical thermal resistance r ? ja (1) 65 c/w r ? jl 3 ordering information (example) preferred p/n unit weight (g) package code base quantity delivery mode ss8ph10-m3/86a 0.10 86a 1500 7" diameter plastic tape and reel ss8ph10-m3/87a 0.10 87a 6500 13" diameter plastic tape and reel ss8ph10hm3/86a (1) 0.10 86a 1500 7" diameter plastic tape and reel ss8ph10hm3/87a (1) 0.10 87a 6500 13" diameter plastic tape and reel
new product ss8ph9, ss8ph10 www.vishay.com vishay general semiconductor revision: 28-jun-11 3 document number: 88989 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and characteristics curves (t a = 25 ? c unless otherwise noted) fig. 1 - maximum forward current derating curve fig. 2 - forward power loss characteristics fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical junction capacitance fig. 6 - typical tran sient thermal impedance 0 2 1 3 4 5 6 7 8 9 10 100 110 120 130 140 150 160 170 180 average forward c u rrent (a) lead temperat u re (c) t l meas u red at the cathode band terminal resistive or ind u ctive load 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0 average forward c u rrent (a) average power loss (w) d = t p /t t p t 0.01 0.1 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 t a = 175 c t a = 125 c t a = 150 c t a = 25 c instantaneo u s forward voltage (v) instantaneo u s forward c u rrent (a) 0.001 0.01 0.1 1 10 100 1000 10 000 10 20 30 40 50 60 70 80 90 100 percent of rated peak reverse voltage (%) instantaneo u s reverse c u rrent (a) t a = 175 c t a = 150 c t a = 125 c t a = 25 c 10 100 1000 0.1 1 10 100 reverse voltage (v) j u nction capaci tance (pf) 0.01 0.1 1 10 100 1 10 100 t - p u lse d u ration (s) transient thermal impedance (c/w) j u nction to ambient
new product ss8ph9, ss8ph10 www.vishay.com vishay general semiconductor revision: 28-jun-11 4 document number: 88989 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) conform to jedec to-277a to-277a ( s mpc) 0.016 (0.40) 0.006 (0.15) 0.047 (1.20) 0.039 (1.00) 0.146 (3.70) 0.134 (3.40) 0.087 (2.20) 0.075 (1.90) 0.189 (4.80) 0.173 (4.40) 0.049 (1.24) 0.037 (0.94) 0.053 (1.35) 0.041 (1.05) 0.030 (0.75) nom. 0.084 (2.13) nom. 0.155 (3.94) nom. mountin g pa d layout 0.268 (6.80) 0.186 (4.72) min. 0.050 (1.27) min. 0.041 (1.04) 0.055 (1.40) min. 0.189 (4.80) min. 0.187 (4.75) 0.175 (4.45) 0.262 (6.65) 0.250 (6.35) 0.242 (6.15) 0.238 (6.05) 0.171 (4.35) 0.167 (4.25) k 2 1
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SS8PH10-M3-87A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X