Part Number Hot Search : 
74HC67 678C2SE LT555 220ML BVXXXX 25N06 LUS39D BT4855
Product Description
Full Text Search
 

To Download SPD54151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number/ordering information 1 / spd __ __ __ screening 2 / __ = not screened tx = tx level txv = txv s = s level package type __ = axial leaded sms = surface mount square tab voltage/family 5415 = 50v 5416 = 100v 5417 = 200v 5418 = 400v 5419 = 500v 5420 = 600v spd5415 thru spd5420 and spd5415sms thru spd5420sms 3 amps 50 600 volts 150 ? 400 nsec fast recovery rectifier features: ? fast reverse recovery (faster versions available) ? piv to 600 volts (higher voltages available) ? hermetically sealed ? controlled avalanche ? low thermal resistance ? high surge capability ? available in axial & square tab versions ? metallurgically bonded ? tx, txv, and s-level screening available 2 / ? replacement for: 1n 5415, us thru 1n5420, us maximum ratings 3 / rating symbol value unit peak repetitive reverse voltage and dc blocking voltage spd5415 spd5416 spd5417 spd5418 spd5419 spd5420 v rrm v rwm v r 50 100 200 400 500 600 volts average rectified forward current 4 / t a = 55 c t a = 100 c i o 3 2 amps peak surge current (10 surges of 8.3 msec each at 1 minute intervals superimposed on i o = 0, v rsm = 0, t a = 100 c) i fsm 80 amps operating & storage temperature t j and t stg -65 to +175 c thermal resistance junction to lead for axial, l =.375" junction to end tab for surface mount r jl r jec 20 10 c/w notes: 1 / for ordering information, price, operating curves, and availability- contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / unless otherwise specified, all electrical characteristics @25oc. 4/ these ratings are typical for pc boards where thermal resistance from mounting point to ambient is sufficiently controlled where t j(max) is not exceeded. for 3.0 amps at t a = 55 c, derate linearly at 22 ma for 55 c t a 100 c. for 2.0 amps at t a = 100 c, derate linearly at 25 ma for 100 c t a 175 c. axial leaded sms note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rc0106b doc
solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 s sdi@ssdi-power.com * www.ssdi-power.com spd5415 thru spd5420 and spd5415sms thru spd5420sms electrical characteristics 3 / characteristics symbol value unit min max forward voltage i f = 1.5 adc i f = 9 adc, 300 s pulse i f = 0.5 adc, t a = -55 c v f1 v f2 v f3 0.5 0.6 0.5 1.2 1.5 1.4 vdc breakdown voltage (i r = 50 adc) spd5415 spd5416 spd5417 spd5418 spd5419 spd5420 v (br) 55 110 220 440 550 660 vdc maximum reverse leakage current (rated v r , t a = 25 c) (spd5415 thru 5417- rated v r , t a = 100 c) (spd5418 thru 5420- rated v r , t a = 100 c) i r1 i r2 i r3 1.0 20 30 a junction capacitance (v r = 4 vdc, 100khz f 1mhz) c j 120 pf maximum reverse recovery time (i f = 500ma, i r = 1a, i rr = 250ma) spd5415 thru spd5418 spd5419 spd5420 t rr 150 250 400 ns notes: 1 / for ordering information, price, operating curves, and availability- contact factory. 2 / screening based on mil-prf-19500. screening flows available on request. 3 / unless otherwise specified, all electrical characteristics @25oc. 4/ these ratings are typical for pc boards where thermal resistan ce from mounting point to ambient is sufficiently controlled wh ere t j(max) is not exceeded. for 3.0 amps at t a = 55 c, derate linearly at 22 ma for 55 c t a 100 c. for 2.0 amps at t a = 100 c, derate linearly at 25 ma for 100 c t a 175 c. package outlines : dimensions (inches) dimensions (inches) dim. minimum maximum dim. minimum maximum a .140 .180 a .170 .180 b .190 .260 b .240 .300 c .037 .042 c .023 .028 d .90 1.30 d .002 --- axial sms note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rc0106b doc


▲Up To Search▲   

 
Price & Availability of SPD54151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X