Part Number Hot Search : 
25LF02 2N6028 GA3227 W34F3C 55PC0223 10125 ILD1615 SRAF590
Product Description
Full Text Search
 

To Download SKY13318-321LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc. ? phone [781] 376-3000 ? fax [781] 376-3100 ? sales@skyworksinc.com ? www.skyworksinc.com 200943 rev. c ? skyworks proprietary information ? products and product information are subject to change without notice. ? april 30, 2009 1 SKY13318-321LF: phemt gaas ic high-power 4-ctl dpdt switch lfC6 ghz data sheet features l application 802.11a (5.2C5.8 ghz) and 802.11b, (2.4 ghz) diversity l operating frequency lfC6 ghz l positive low voltage control (0/3 v operation) l low insertion loss, less than 1.2 db, lfC6 ghz l high linearity 57 dbm iip3 l miniature qfn-12 3 x 3 x 0.75 mm plastic package l available lead (pb)-free, rohs-compliant, and green?, msl-1 @ 260 c per jedec j-std-020 description skyworks SKY13318-321LF is a broadband dpdt switch designed to combine t/r and antenna diversity switching func - tions on a single ic. the device is designed to handle high power and maintain high linearity at low control voltages. this-low cost switch is ideal for wi-fi systems and is capable of covering both the 2.4 ghz and 5 ghz bands. parameter (1, 4) condition frequency min. typ. max. unit insertion loss (2) between any pair of ports 2.4C2.5 ghz 0.95 1.1 db 5.0C6.0 ghz 1.15 1.3 db isolation a1Ctx, a2Crx, a2Ctx, or a1Crx 2.4C2.5 ghz 20 22 db 5.0C6.0 ghz 13 15 db a1Ca2 or txCrx 2.4C2.5 ghz 20 22 db 5.0C6.0 ghz 15 17 db return loss (3) 2.4C2.5 ghz 24 db 5.0C6.0 ghz 18 db electrical specifications at 25 c (0, 3 v) pin out (top view) v 1 gnd gnd tx rx v 4 1 2 3 45 6 12 11 10 9 8 7 ant 1 gnd c bl c bl c bl c bl ant 2 gnd v 2 v 3 dc blocking caps (c bl ) must be supplied externally . c bl = 15 pf for operation > 2 ghz. 1. all measurements made in a 50 ? system. 2. insertion loss changes by 0.003 db/c. 3. return loss for insertion loss state. 4. tx and rx paths can be used interchangeably. skyworks green? products are rohs (restriction of hazardous substances)-compliant, conform to the eia/eicta/jeita joint industry guide (jig) level a guidelines, are halogen free according to iec-61249-2-21, and contain <1,000 ppm antimony trioxide in polymeric materials. new www.datasheet.co.kr datasheet pdf - http://www..net/
data sheet ? SKY13318-321LF skyworks solutions, inc. ? phone [781] 376-3000 ? fax [781] 376-3100 ? sales@skyworksinc.com ? www.skyworksinc.com april 30, 2009 ? skyworks proprietary information ? products and product information are subject to change without notice. ? 200943 rev. c 2 parameter condition frequency min. typ. max. unit switching characteristics rise, fall 10/90% or 90/10% rf) 20 ns on, off 50% ctl to 90/10% rf) 50 ns video feedthru 50 mv iip3 v ctl = 0/3 v 2.4 ghz 57 dbm 5.2 ghz 56 dbm v ctl = 0/5 v 2.4 ghz 60 dbm 5.2 ghz 57 dbm p 1 db v ctl = 0/3 v 2.4C5.875 ghz 34 dbm gate leakage current v ctl = 0/3 v 10 a thermal resistance 25 c/w control voltages 2.5 3 5 v operating characteristics at 25 c (0, 3 v) v 1 v 2 v 3 v 4 a 1Ctx a2Crx a2Ctx a1Crx 1 0 0 0 il iso iso iso 0 1 0 0 iso il iso iso 0 0 1 0 iso iso il iso 0 0 0 1 iso iso iso il truth table characteristic value rf input power 35 dbm > 500 mhz 0/7 v control control voltage -0.2 v, +8 v operating temperature -40 c to +85 c storage temperature -65 c to +150 c absolute maximum ratings performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the absolute maximum specifications. exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty. caution: although this device is designed to be as robust as possible, esd (electrostatic discharge) can damage this device. this device must be protected at all times from esd. static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions must be employed at all times. all other conditions not recommended. www.datasheet.co.kr datasheet pdf - http://www..net/
data sheet ? SKY13318-321LF skyworks solutions, inc. ? phone [781] 376-3000 ? fax [781] 376-3100 ? sales@skyworksinc.com ? www.skyworksinc.com 200943 rev. c ? skyworks proprietary information ? products and product information are subject to change without notice. ? april 30, 2009 3 insertion loss vs. frequenc y a2-rx a2-tx a1-rx a1-tx -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (ghz) insertion loss (db) isolation vs. frequenc y a2-tx a1-rx a2-rx -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (mhz ) isolation (db) isolation vs. frequenc y a1-rx a1-tx a2-rx -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (mhz ) isolation (db) return loss vs. frequenc y a2-rx a2-tx a1-rx a1-tx -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 5 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (ghz) return loss (db) isolation vs. frequenc y a2-tx a1-tx a2-rx -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (mhz ) isolation (db) isolation vs. frequenc y a2-tx a1-tx a1-rx -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (mhz ) isolation (db) typical performance data www.datasheet.co.kr datasheet pdf - http://www..net/
data sheet ? SKY13318-321LF skyworks solutions, inc. ? phone [781] 376-3000 ? fax [781] 376-3100 ? sales@skyworksinc.com ? www.skyworksinc.com april 30, 2009 ? skyworks proprietary information ? products and product information are subject to change without notice. ? 200943 rev. c 4 suggested land pattern dimensions in inches (mm). 0.020 (0.50 mm) 0.011 (0.28 mm) 0.026 (0.65 mm) 0.057 (1.45 mm ) sq. 0.007 (0.18 mm) 0.008 (0.20 mm) seating plane 0.118 (3.00 mm) pin 1 indicator pin 1 indicator 0.118 (3.00 mm) 0.001 (0.02 mm) 0.030 (0.75 mm) 0.002 (0.05 mm) exposed pad 0.029 (0.73 mm) 0.017 (0.435 mm) sq. 0.007 (0.180 mm) 0.0196 (0.50 mm) bsc 0.057 (1.45 mm) sq. + 0.004 (0.10 mm) - 0.006 (0.15 mm) 0.022 (0.55 mm) 0.004 (0.10 mm) 0.009 (0.23 mm) + 0.003 (0.07 mm) - 0.002 (0.05 mm) qfn-12 isolation vs. frequenc y -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (mhz ) isolation (db) a2-rx a2-tx a1-rx a1-tx isolation vs. frequenc y -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 00 .6 1. 21 .8 2.4 3.0 3. 64 .2 4. 85 .4 6.0 frequency (mhz ) isolation (db) a2-rx a2-tx a1-rx a1-tx recommended solder reflow profiles refer to the ?solder reflow information? application note, document number 200164. t ape and reel information refer to the ?discrete devices and ic switch/attenuators ta pe and reel p ackage orientation? a pplication note, document number 200083. www.datasheet.co.kr datasheet pdf - http://www..net/
data sheet ? SKY13318-321LF skyworks solutions, inc. ? phone [781] 376-3000 ? fax [781] 376-3100 ? sales@skyworksinc.com ? www.skyworksinc.com 200943 rev. c ? skyworks proprietary information ? products and product information are subject to change without notice. ? april 30, 2009 5 copyright ? 2008, 2009, skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyworks solutions, inc. (skyworks) p roducts or services. these materials, including the information contained herein, are provided by skyworks as a service to its customers and may be used for informational purposes only by the c ustomer. skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. skyworks may change its documentation, products, services, specific ations or product descriptions at any time, without notice. skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incomp atibilities, or other difficulties arising from any future changes. no license, whether express, implied, by estoppel or otherwise, is granted to any intellectual propert y rights by this document. skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of skyworks pr oducts, information or materials, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are provided as is without warranty of any kind, whether express, implied, statutory, or otherwise, including fitness for a particular purpose or use, merchantability, performance, quality or non-infringement of any intellectual property right; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. skyworks shall not be liable for any damages, including but not limited to any special, indirec t, incidental, statutory, or consequential damages, including without limitation, lost revenues or lost profits that may result from the use of the materials or information, whether or not the recipient of materials has been advised of the possibility of such damage. skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or o ther equipment in which the failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyworks customers using or selling skyworks products f or use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications using skyworks products, which may d eviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. customers should include design and operating safeguards to minimize these and other risks. skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the u se of skyworks products outside of stated published specifications or parameters. skyworks, the skyworks symbol, and breakthrough simplicity are trademarks or registered trademarks of skyworks solutions, inc., in the united states and other countries. third-party brand s and names are for identification purposes only, and are the property of their respective owners. additional information, including relevant terms and conditions, posted at www.skyworksinc.c om, are incorporated by reference. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SKY13318-321LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X