Part Number Hot Search : 
BP60380 MIC5204 OMT253 TYN210 TL431CZ 10240 OV7670 CBT3126D
Product Description
Full Text Search
 

To Download SCS05100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente scs0520p thru SCS05100P voltage 20v ~ 100v 0.5 amp schottky barrier rectifiers ? features . high current capability . extremely low thermal resistance . for surface mount application . higher temp soldering : 250 : for 10 seconds at terminals . low forward voltage ? mechanical data . case: molded plastic . epoxy: ul 94v-0 rate flame retardant . lead: axial leads, solderable per mil-std-202, method 208 guaranteed . polarity: color band denotes cathode end . mounting position: any ? maximum ratings and electrical characteristics rating 25 : ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number scs0520p scs0530p scs0540p scs0560p scs0580p SCS05100P units maximum recurrent peak reverse voltage 20 30 40 60 80 100 v working peak reverse voltage 20 30 40 60 80 100 v maximum dc blocking voltage 20 30 40 60 80 100 v average forward current ( i f(av) @ t j =25 : ) 0.5 a peak forward current ( i fsm @ 8.3 ms half sine) 5.5 a maximum instantaneous forward voltage ( v f @ i fm = 0.5 a , t a = 25 : ) 0.45 0.52 0.65 0.83 v maximum dc reverse current at rated dc blocking voltage ( i r @ t j = 25 : ) 0.2 ma typical junction capacitance (c j ) 30 pf thermal resistance - junction to ambient (note 2) 210 thermal resistance - junction to lead (note 2) 155 : /w operating temperature range t j - 50 ~ + 125 : storage temperature range t stg - 65 ~ + 150 : marking code notes: scs0520p bb 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. scs0530p bh 2. 1 inch square pad size (1 x 0.5 inch for each lead) on fr4 board. scs0540p bj scs0560p bs SCS05100P bt http://www.secosgmbh.com/ any changing of specification will not be informed individual 01 -jun-200 7 rev. d page 1 of 2 package dimensions sod?123 plastic package a b e c j d h g dim min max min max millmeters a 3.55 3.85 0.140 0.152 b c d e g h j inches ------ 1. 25 ------ 0.04 9 1.40 1.80 0.550 0.071 2.55 2.85 0.100 0.112 0.30 0.78 0.120 0.031 0.15 ------ 0.006 ------- ----- 0.25 ------- 0.001 ----- 0.15 ------- 0.006 rohs compliant product a suffix of "-c" specifies halogen & lead-free www.datasheet.co.kr datasheet pdf - http://www..net/
elektronische bauelemente scs0520p thru SCS05100P voltage 20v ~ 100v 0.5 amp schottky barrier rectifiers ? rating and characteristic curves (scs0520p thru SCS05100P) http://www.secosgmbh.com/ any changing of specification will not be informed individual amps average forward rectified current - amperes v ersus juntion temperature c fig.4-peak forwaed surge current 1 100 4 0 8 peak forward surge current - amperes versus number of cycles at 60hz - cycles 210206080 40 12 10 8 6 4 2 c fig.3-forward derating curve 0 .2 .4 .6 150 .8 1.0 1.2 amps single phase, half wave 60hz resistive or inductive load 0 50 75 100 125 175 ins tantaneous forward c urrent - amperesversus instantaneous forward voltage - volts amps volts volts 1 2 6 10 20 60 40 4 f ig .1 t y p ic al f or war d characteristics pf .1 2 4 1 10 20 40 100 200 400 1000 fig.2-junction capacitance 4 6 20 10 .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 0 amps .5 scs0580p-05100p scs05 60p sps0530p-0540p scs0520p 01 -jun-200 7 rev. d page 2 of 2 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SCS05100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X