Part Number Hot Search : 
1N5440 01901 AWM2300V FR520 FR560 SP6MAT FRM234R A5800582
Product Description
Full Text Search
 

To Download PT-65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification PT-65a PT-65b PT-65c PT-65d model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency(typ.) input inrush current (typ.) leakage current working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload ac current (typ.) 5v 12v ch2 -5v ch3 ch1 12v ch2 -12v ch3 5v ch1 15v ch2 -15v ch3 5v ch1 12v ch2 24v ch3 5.5a 2.5a 0.5a 5.5a 2.5a 0.5a 5.5a 0.5a 4a 2a 1a 0.4 ~ 7a 0.2 ~ 3.2a 0 ~ 0.7a 0.4 ~ 7a 0.2 ~ 3.2a 0 ~ 0.7a 0.4 ~ 7a 0.2 ~ 2.6a 0 ~ 0.7a 0.5 ~ 5a 0.2 ~ 4a 0.2 ~ 1.3a 60w 63.5w 65w 68w 50mvp-p 120mvp-p 50mvp-p 50mvp-p 120mvp-p 100mvp-p 50mvp-p 120mvp-p 100mvp-p 50mvp-p 100mvp-p 200mvp-p ch1:4.75 ~ 5.5v 4.0% 7.0% 5.0% 4.0% 7.0% 5.0% 4.0% 7.0% 5.0% 4.0% 6.0% 6.0% 1.0% 2.0% 1.0% 1.0% 1.0% 2.0% 1.0% 1.0% 2.0% 1.0% 1.0% 2.0% 3.0% 3.0% 4.0% 3.0% 4.0% 1.0% 3.0% 4.0% 1.0% 2.0% 5.0% 5.0% 800ms, 20ms at full load 60ms at full load 90 ~ 264vac 127 ~370vdc 47 ~ 440hz 76% 77% 77% 79% 1.5a/115vac 0.9a/230vac cold start 20a/115vac 40a/230vac <0.75ma 73~95w rated output power 74.8 ~ 98.6w rated output power protection type : hiccup mode, recovers automatically after fault condition is removed. protection type : hiccup mode, recovers automatically after fault condition is removed. -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20~+85 ,10~95%rh 0.04%/ (0 ~ 50 ) on +5v output 10 ~ 500hz, 2g 10min./1cycle, period for 60min.each along x, y, z axes 277.2k hrs min. mil-hdbk-217f (25 ) 127*76*42mm (l*w*h) 0.25kg; 54pcs/15.9kg/1.35cuft file name:PT-65-spec 2006-12-19 5.75 ~ 6.75vdc on ch1 over voltage safety standards harmonic current ems immunity ul1950, tuv en60950 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en55024, light industry level, criteria a en61000-4-2,3,4,5,6,8,11; env50204, 65w triple output switching power supply 
PT-65 series environment safety & emc (note 4) protection emi conduction & radiation withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac 1min. i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc ripple & noise (max.) note.2 voltage tolerance note.3                ! "   #  $     %&' ! "() "  *  + ( ,(  ( )    ! $ -.!     
     *   * - ) (       ()) ( "     ! / ) ! /  " ,! )    0% 1 %* ) %  % ) " * ! 0%2  31  4 * 5( 6* 7  8
9)   4  1  4 1 1* * " !  1 : !  ",  ; ()* !/  < =&'   ( output power (max.) rated output power for convection; 72w with 18cfm min. forced air ch1 output number 5v 2a rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice
file name:PT-65-spec 2006-12-19 unit:mm fosc : 65khz load (%) block diagram mechanical specification static characteristics (b) ambient temperature ( ) (horizontal) -100102030405060 20 40 60 80 100 input voltage (v) 60hz 60 80 100 120 140 160 180 200 220 240 260 300 250 200 150 100 50 25 output voltage (v) output ripple (mvp-p) ta=25 12 6 8 7 11 10 9 4.8 5.0 5.2 4.4 4.6 4.2 4.0 o.v.p. control ing com +5v rectifiers & filter switch- power filter & rectifiers o.l.p. detection circuit pwm filter filter & & rectifiers rectifiers v2 v3 fg i/p filter emi dc output connector (cn2) : molex 5273-06 or equivalent pin no. 1 2,3 4,5 6 pin2:+5v pin3,4,5:com only for PT-65d assignment v2 +5v com v3 mating housing molex 5195 or equivalent terminal molex 5194 or equivalent ac input connector (cn1) : molex 5277-02 or equivalent pin no. 1 2 assignment mating housing molex 5195 molex 5194 or equivalent or equivalent terminal ac/n ac/l fg 5.6 4- 3.8 2 1 5 6 115.8 127 cn1 cn2 4 3 2 1 m1 5.6 m2 ac fuse f4a/250v 42 76 64.8 derating curve 12v +5v +12v -12v +5v 65w triple output switching power supply PT-65 series rsg electronic components rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach/germany tel. +49 69 984047-0 fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de ?nderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of PT-65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X