Part Number Hot Search : 
ECH8411 MAX3815A 2SK301 C1C100KT 0908163 EPH2714 F1015 H4N12
Product Description
Full Text Search
 

To Download P6NB80FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stp6nb80 stP6NB80FP n - channel 800v - 1.6 w - 5.7a - to-220/to-220fp powermesh ? mosfet preliminary data n typical r ds(on) = 1.6 w n extremely high dv/dt capability n 100% avalanche tested n very low intrinsic capacitances n gate charge minimized description using the latest high voltage mesh overlay ? process, stmicroelectronics has designed an advanced family of power mosfets with outstanding performances. the new patent pending strip layout coupled with the company's proprietary edge termination structure, gives the lowest rds(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. applications n high current, high speed switching n switch mode power supplies (smps) n dc-ac converters for welding equipment and uninterruptible power supplies and motor drive internal schematic diagram september 1998 to-220 to-220fp 1 2 3 1 2 3 absolute maximum ratings symbol parameter value un it stp6nb80 stP6NB80FP v ds drain-source voltage (v gs = 0) 800 v v dgr drain- gate voltage (r gs =20k w ) 800 v v gs gate-source voltage 30 v i d drain current (continuous) at t c =25 o c 5.7 5.7(*) a i d drain current (continuous) at t c = 100 o c3.62a i dm ( ? ) drain current (pulsed) 22.8 22.8 a p tot total dissipation at t c =25 o c 125 40 w derating factor 1.0 0.32 w/ o c dv/dt( 1 ) peak diode recovery voltage slope 4 4 v/ns v iso insulation withstand voltage (dc) ? 2000 v t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c ( ? ) pulse width limited by safe operating area ( 1 )i sd 5.76 a, di/dt 200 a/ m s, v dd v (br)dss ,tj t jmax ( *) limited only maximum temperature allowed type v dss r ds(on) i d stp6nb80 stP6NB80FP 800 v 800 v <1.9 w <1.9 w 5.7 a 5.7 a 1/6 .com .com .com 4 .com u datasheet
thermal data to-220 to220-fp r thj-case thermal resistance junction-case max 1.0 3.1 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 5.7 a e as single pulse avalanche energy (starting t j =25 o c, i d =i ar ,v dd =50v) 314 mj electrical characteristics (t case =25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d =250 m av gs =0 800 v i dss zero gate voltage drain current (v gs =0) v ds =maxrating v ds =maxrating t c = 125 o c 1 50 m a m a i gss gate-body leakage current (v ds =0) v gs = 30 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs i d = 250 m a 345v r ds(on) static drain-source on resistance v gs =10v i d =3a 1.6 1.9 w i d(o n) on state drain current v ds >i d(o n) xr ds(on )ma x v gs =10v 5.7 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * )forward transconductance v ds >i d(o n) xr ds(on )ma x i d =3a 2.5 4.5 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v f=1mhz v gs = 0 1250 145 16 1625 190 21 pf pf pf stp6nb80/fp 2/6 .com .com .com .com 4 .com u datasheet
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd =400v i d =3a r g =4.7 w v gs =10v 19 9 27 13 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 640 v i d =6a v gs =10v 33 11 14 47 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 640v i d =6a r g =4.7 w v gs =10v 11 9 16 16 13 23 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ? ) source-drain current source-drain current (pulsed) 5.7 22.8 a a v sd ( * ) forward on voltage i sd =6a v gs =0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 6 a di/dt = 100 a/ m s v dd = 100 v t j =150 o c 700 5.8 16.5 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ? ) pulse width limited by safe operating area stp6nb80/fp 3/6 .com .com .com .com 4 .com u datasheet
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c stp6nb80/fp 4/6 .com .com .com .com 4 .com u datasheet
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 3 3.2 0.118 0.126 l2 a b d e h g l6 ? f l3 g1 123 f2 f1 l7 l4 to-220fp mechanical data stp6nb80/fp 5/6 .com .com .com .com 4 .com u datasheet
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 1998 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . stp6nb80/fp 6/6 .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of P6NB80FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X