Part Number Hot Search : 
NTE8108 1N60C3 SSM24APT 4000V RF9130 14N50 0G107 2N2757
Product Description
Full Text Search
 

To Download NTE308P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NTE308P integrated thyristor/rectifier (itr) tv horizontal deflection & commutating switch absolute maximum ratings: repetitive peak forward off?state voltage (t c = +85 c, note 1), v drm 750v . . . . . . . . . . . . . . . . . . repetitive peak reverse voltage (t c = +85 c, note 1), v rrm 700v . . . . . . . . . . . . . . . . . . . . . . . . . . mean on?state current (t c = +60 c, 50hz sine wave, conduction angle of 180 ), i o , i t(av) rectifier 3.0a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . scr 5.0a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . rms on?state current (t c = +60 c, 50hz sine wave, conduction angle of 180 ), i f(rms) , i t(rms) rectifier 4.5a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . scr 8.0a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . surge current (t c = +85 c, one full cycle), i tsm , i fsm 60hz sinusoidal 80a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50hz sinusoidal 70a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . rate of change of on?state current (v d = 700v, i gt = 50ma, t r = 0.1 s), di/dt 200a/ s . . . . . . . . . peak forward gate power (negative gate bias = ?10v, 10 s max, note 2), p gm 25w . . . . . . . . . . peak reverse gate power (negative gate bias = ?10v, 10 s max, note 2), p rgm 25w . . . . . . . . operating case temperature range, t c ?40 to +85 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?40 to +150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . maximum thermal resistance, junction?to?case, r thjc 2.5 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . lead temperature (during soldering, 1/8? from case, 10sec max), t l +225 c . . . . . . . . . . . . . . . . . . note 1. these values do not apply if there is a positive gate signal. gate must be open or negatively biased. note 2. any pr oduct of gate current and gate voltage which results in a gate power less than the maxi- mum is permitted, provided that the maximum reverse gate bias (as specified) is not exceeded. electrical characteristics: (t c = +25 c ?maximum ratings? unless otherwise specified) parameter symbol test conditions min typ max unit peak forward blocking current i drm v d = 700v, t c = +85 c ? 0.5 1.5 ma instantaneuos voltage rectifier v f i f = 10a ? 1.35 2.0 v scr v t i t = 30a ? 1.75 3.0 v gate trigger current, continuous dc i gt anode voltage = 12v, r l = 30 ? ? 15 45 ma gate trigger voltage, continuous dc v gt anode voltage = 12v, r l = 30 ? ? 1.8 4.0 v
electrical characteristics (cont?d): (t c = +25 c ? maximum ratings ? unless otherwise specified) parameter symbol test conditions min typ max unit rate of rise of off ? state voltage dv/dt v d = 700v, v g = ? 2.5v, t c = +85 c 1000 ? ? v/ s reverse recovery time (rectifier only) t rr i fm = 10a, ? di f /dt = ? 10a/ s, t p = 3 s 0.5 0.7 ? s circuit commutated turn ? off time t q minimum negative gate bias = ? 2.5v, dv/dt = 400v/ s, t c = +80 c, note 3 ? ? 4.2 s note 3. turn ? off time increases with temperature; therefore, case temperature must not exceed the level indicated. .250 (6.35) max .500 (12.7) max .500 (12.7) min .110 (2.79) .420 (10.67) max .070 (1.78) max gate .100 (2.54) anode/tab cathode .147 (3.75) dia max


▲Up To Search▲   

 
Price & Availability of NTE308P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X