Part Number Hot Search : 
001456 ZPD75 SS210 LC74751 PIC16L BP13504 34063 149DSJ
Product Description
Full Text Search
 

To Download MTB20N03Q8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c396q8 issued date : 2009.04.29 revised date : page no. : 1/6 MTB20N03Q8 cystek product specification n-channel logic level enhancement mode power mosfet MTB20N03Q8 bv dss 30 v i d 8a description r dson (max) 20m the MTB20N03Q8 is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the sop-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applicati ons such as dc/dc converters. features ? single drive requirement ? low on-resistance ? fast switching characteristic ? dynamic dv/dt rating ? repetitive avalanche rated ? uis, rg 100% tested ? pb-free & halogen-free package symbol outline MTB20N03Q8 sop-8 g gate pin 1 d drain s source
cystech electronics corp. spec. no. : c396q8 issued date : 2009.04.29 revised date : page no. : 2/6 MTB20N03Q8 cystek product specification absolute maximum ratings (tc=25 c, unless otherwise noted) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 20 v continuous drain current @ t c =25 c i d 8 continuous drain current @ t c =100c i d 6 pulsed drain current i dm 32 *1 avalanche current i as 8 a avalanche energy @ l=0.1mh, i d =8a, r g =25 e as 3.2 repetitive avalanche energy @ l=0.05mh e ar 1.6 *2 mj t a =25 c 3 total power dissipation t a =100 c p d 1.5 w operating junction and storage temperature tj, tstg -55~+175 c note : *1 . pulse width limited by maximum junction temperature *2. duty cycle 1% thermal data parameter symbol value unit thermal resistance, junction-to-case r th,j-c 25 c/w thermal resistance, junction-to-ambient (note) r th,j-a 50 c/w note : 50c / w when mounted on a 1 in 2 pad of 2 oz copper. characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 1.5 3.0 v v ds = v gs , i d =250 a g fs - 16 - s v ds =5v, i d =8a i gss - - 100 na v gs = 20 - - 1 a v ds =24v, v gs =0 i dss - - 25 a v ds =20v, v gs =0, tj=125 c *i d(on) 8 - - a v ds =10v, v gs =10v - 15.5 20 m v gs =10v, i d =8a *r ds(on) - 23 31 m v gs =5v, i d =6a dynamic qg (v gs =10v) *1, 2 - 11 - qg (v gs =5v) *1, 2 - 6 qgs *1, 2 - 1.2 - qgd *1, 2 - 3.3 - nc i d =8a, v ds =15v, v gs =10v ciss - 1115 - coss - 116 - crss - 82 - pf v gs =0v, v ds =15v, f=1mhz rg - 2 - v gs =15mv, v ds =0v, f=1mhz
cystech electronics corp. spec. no. : c396q8 issued date : 2009.04.29 revised date : page no. : 3/6 MTB20N03Q8 cystek product specification characteristics (cont. t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions dynamic t d(on) *1, 2 - 11 - tr *1, 2 - 16 - t d(off) *1, 2 - 36 - t f *1, 2 - 20 - ns v ds =15v, i d =1a, v gs =10v, r g =6 source-drain diode ratings and characteristics i s *1 - - 2.3 i sm *3 - - 9.2 a v sd *1 - - 1.2 v i f =i s , v gs =0v trr - 50 - ns qrr - 2 - nc i f =i s , di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. ordering information device package shipping marking MTB20N03Q8 sop-8 (rohs compliant & halogen-free package) 3000 pcs / tape & reel b20n03
cystech electronics corp. spec. no. : c396q8 issued date : 2009.04.29 revised date : page no. : 4/6 MTB20N03Q8 cystek product specification characteristic curves v - drain source voltage(v) i - drain current(a) 0 0 d 10 ds 12 6v 20 30 7v 5v 3.5v 3 4 4v 5 4.5v on-region charact erist ics 5 15 25 v = 10v gs 4.5 v i - drain current(a) r -normalized drain-source on-resistance 1.6 0.8 0 ds(on) 1.2 1.0 1.4 6 d 12 gs v = 3.5 v 2.2 1.8 2.0 2.4 4.0 v 18 24 7.0 v 6.0 v 5.0 v 10 v 30 on-resistance variation with drain current and gate voltage on-resist ance variat ion wit h temperat ure r - normalized drain-source on-resistance ds(on) t - junction temperature ( c) 0.4 -50 0.7 1.0 0 j -25 25 d i = 8a v = 10v 1.3 1.6 1.9 gs 125 50 75 100 150 on-resi stance variation with gate-to-source voltage t = 125 c v - gat e-sour ce volt age( v ) 0.01 2 ds(on) 0.02 0.04 0.03 gs 4 6 t = 25 c a a 0.08 0.06 0.05 0.07 0.09 81 0 i = 8 a d r - on-resist ance( ) body diode forward voltage variation with source current and temperature 25 c t = 125 c v - body diode forward voltage( v ) is - reverse drain current( a ) 0.001 0 0.01 0.1 0.4 sd 0.2 0.6 v = 0v 1 10 100 a gs 1.0 0.8 1.2 -55 c 1.4 t = -55 c v - gat e-sour ce vol t age( v ) i - drain current(a) 1 d 5 0 10 2.0 1.5 gs v = 10v 20 15 25 30 ds a 3.0 2.5 3.5 25 c 125 c transfer charact erist ics
cystech electronics corp. spec. no. : c396q8 issued date : 2009.04.29 revised date : page no. : 5/6 MTB20N03Q8 cystek product specification characteristic curves(cont.) q - gate charge( nc ) v - gat e-sour ce vol t age( v ) gs 0 0 2 4 g 48 i = 8a 6 8 10 d 12 16 gat e charge charact erist ics 15v 10v v = 5v ds v - dr ai n-sour ce vol t age( v ) ca p a c i t a n c e ( p f ) 0 0 ds 5 10 15 20 gs f = 1mhz v = 0 v ca p a c i t a n c e ch a r a c t e r i st i c s 25 30 150 300 450 600 750 900 1500 1200 1350 1050 ci ss co ss cr ss dc v - dr ai n-sour ce vol t age( v ) maximum safe operating area i - drain current( a ) v = 10v si n g l e pu l se r = 125 c/ w t = 25 c 0.1 0.01 d 0.1 ds 1 ja a gs r limit 1 10 100 ds(on) 10s 10 100 100 s 10ms 100ms 1s 1ms p( pk ),peak transient power( w ) 20 0 10 30 40 50 si n g l e pu l se r = 125 c/ w t = 25 c a ja 0.001 0.01 0.1 100 10 1 1000 single pulse maximum power dissipation -1 t ,time (sec) tr ansi ent ther mal response cur ve r( t ),normalized effective tr ansi en t th er mal resi st ance 10 0.001 -4 0.01 0.02 10 -3 10 -2 10 si n g l e pu l s e 0.01 dut y cycl e = 0.5 0.1 0.1 0.05 0.2 1 p ja 4.r (t)=r(t) + r 3.t - t = p * r (t ) ja 2.r =125 c/ w 1.dut y cycle,d = dm 1 1 10 j 1000 100 t1 t2 ja ja a t2 t1 not es :
cystech electronics corp. spec. no. : c396q8 issued date : 2009.04.29 revised date : page no. : 6/6 MTB20N03Q8 cystek product specification sop-8 dimension *: typical inches millimeters inches millimeters 8-lead sop-8 plastic package cystek packa g e code: q8 marking: top view a b front view f c d e g part a i h j k o m l n right side view part a date code device name dim min. max. min. max. dim min. max. min. max. a 0.1909 0.2007 4.85 5.10 i 0.0019 0.0078 0.05 0.20 b 0.1515 0.1555 3.85 3.95 j 0.0118 0.0275 0.30 0.70 c 0.2283 0.2441 5.80 6.20 k 0.0074 0.0098 0.19 0.25 d 0.0480 0.0519 1.22 1.32 l 0.0145 0.0204 0.37 0.52 e 0.0145 0.0185 0.37 0.47 m 0.0118 0.0197 0.30 0.50 f 0.1472 0.1527 3.74 3.88 n 0.0031 0.0051 0.08 0.13 g 0.0570 0.0649 1.45 1.65 o 0.0000 0.0059 0.00 0.15 h 0.1889 0.2007 4.80 5.10 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: 42 alloy; solder plating ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB20N03Q8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X