absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current if 50 ma peak forward current*1 ifp 100 ma operating temperature range topr -20 ~ +85 oc storage temperature range tstg -40 ~ +100 oc lead soldering temperature*2 tls 260 oc *1: test conditions: t p 50s, t p /t=1/2 . *2: time 5 sec max, position: up to 3mm from case. near infrared led product no: m t 5 7 2 0 - i r global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t forward voltage vf if=50ma -- 2.0 2.4 v reverse voltage vr ir=10 a 5 -- -- v radiant power e if=50ma 8 10 -- mw radiant intensity ie if=50ma 40 70 -- mw/sr peak emission wavelength p if=50ma 710 720 730 nm spectral bandwidth at 50% ? 0.5 if=50ma -- 30 -- nm viewing angle ? if=50ma -- 20 -- deg. switching time t r , t f if=50ma -- 40 -- ns 2011-08-16 f e a t u r e s > high power output > high speed > straight leads a p p l i c a t i o n s > medical electronics > agriculture > currency validation peak emission wavelength: 720nm the MT5720-IR is a near infrared t 1 3/4, 5mm water clear led designed for applications requiring high power and high speed with the lens optimized to produce a narrow beam angle.
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com near infrared led product no: m t 5 7 2 0 - i r 2 2011-08-16 the information contained herein is subject to change without notice. r a d i a t i o n t y p e c a s e infrared ddh 5mm plastic lens unit: m m
|