Part Number Hot Search : 
PTGT5 RTD2525 4744A 1058126 683J250 U834BS 2SC3026 DO502
Product Description
Full Text Search
 

To Download LPP-150-135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  file name:lpp-150-spec 2011-08-10 150w single output with pfc function l p p - 1 5 0 s e r i e s universal ac input / full range built-in active pfc function, pf>0.96 protections: short circuit / overload / over voltage protections:over temperature(option) cooling by free air convection 100% full load burn-in test fixed switching frequency at pfc:67khz pwm:134khz 3 years warranty features : 20 ~ 90% rh non-condensing -10 ~ +60 with cooling fan (refer to "derating curve") -20 ~ +85 , 10 ~ 95% rh 0.05%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 191.8khrs min. mil-hdbk-217f (25 ) 222*75*41mm (l*w*h) 0.62kg; 24pcs/16.6kg/1.39cuft ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b, en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11, light industry level, c riteria a i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range power factor efficiency(typ.) input inrush current (typ.) leakage current working humidity working temp. temp. coefficient vibration mtbf dimension others note packing overload over voltage ac current (typ.) safety standards environment safety & emc (note 4) protection withstand voltage isolation resistance 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) lpp-150-3.3 lpp-150-5 lpp-150-7.5 lpp-150-12 lpp-150-13.5 lpp-150-1 5 lpp-150-24 lpp-150-27 lpp-150-48 3.3v 5v 7.5v 12v 13.5v 15v 24v 27v 48v 30a 30a 20a 12.5a 11.2a 10a 6.3a 0 ~ 6.3a 151.2w 5.6a 3.2a 0 ~ 30a 0 ~ 30a 0 ~ 20a 0 ~ 12.5a 0 ~ 11.2a 0 ~ 10a 0 ~ 5.6a 0 ~ 3.2a 99w 150w 150w 150w 151.2w 150w 151.2w 153.6w 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 150 mvp-p 150mvp-p 250mvp-p 3.14 ~ 3.63v 4.75 ~ 5.5v 7.13 ~ 8.25v 11.4 ~ 13.2v 12.8 ~ 14.9v 14.3 ~ 16.5v 22.8 ~ 2 6.4v 25.7 ~ 29.7v 45.6 ~ 52.8v 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 2.0% 2.0% specification model dc voltage storage temp., humidity 1.0% 1.0% 1.0% 1.0% 0.5% 1.0% 1.0% 0.5% 0.5% 600ms, 30ms at full load 30ms at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz pf 0.96/230vac pf 0.98/115vac at full load 66% 2.5a/115vac 1.2a/230vac cold start 40a/230vac <3.5ma / 240vac 105 ~ 150% rated output power protection type : constant current limiting, recovers automatical ly after fault condition is removed ripple & noise (max.) note.2 voltage tolerance note.3 72% 76% 79% 80% 80% 83% 83% 83% 3.63 ~ 4.45v 5.5 ~ 6.75v 8.25 ~ 10.1v 13.2 ~ 16.2v 14.85 ~ 18.2v 16.5~ 20.25v 26.4 ~ 32.4v 29.7 ~ 36.5v 52.8 ~ 64.8v protection type : shut down o/p voltage, re-power on to recover emc immunity emc emission
block diagram mechanical specification derating curve output derating vs input voltage file name:lpp-150-spec 2011-08-10 unit:mm pfc fosc : 67khz pwm fosc : 134khz ambient temperature ( ) input voltage (v) 60hz 85 100 115 135 155 230 264 100 90 80 70 60 50 40 load (%) load (%) -10 0 10 20 30 40 50 60 70 20 40 60 80 100 with no fan 3.3v ~ 7.5v under 100vac with no fan must derating to 60% load with 18cfm fan dc output connector (cn2) : jst b6p-vh*2 or equivalent pin no. 1~6 7~12 assignment -v +v mating housing jst vhr or equivalent terminal jst svh-21t-p1.1 or equivalent ac input connector (cn1) : jst b5p-vh or equivalent pin no. 13 5 2,4 assignment ac/l ac/n fg no pin mating housing jst vhr jst svh-21t-p1.1 or equivalent or equivalent terminal costant current limiting & pwm & pfc circuit detection o.l.p. emi filter rectifiers circuit circuit start power switching filter & rectifiers +v -v i/p fg control o.v.p. & pfc active 1 2 cn2 4- 3.8 1 222 212 5 3 4 1 2 cn1 fg 5 5 75 65 ac fuse f5a/250v 41 +v adj. (horizontal) 2 max. 150w single output with pfc function l p p - 1 5 0 s e r i e s


▲Up To Search▲   

 
Price & Availability of LPP-150-135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X