Part Number Hot Search : 
CM8501C FN4044 TE28F C4495 LTC1420 MU1231A LTC1420 UN4115
Product Description
Full Text Search
 

To Download LM324N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  quad operational amplifiers lm324 features internally frequency compensated for unity gain lar g e dc volta g e g ain : 100db wide p ower su pp l y ran g e : 3v~32v(or1.5v~15v) input common-mode voltage range includes ground large output voltage swing : 0v dc to v cc -1.5v dc power drain suitable for battery operation moisture sensitivity level 3 ordering information quad operation amplifiers lm324 is consists of four independent, high gain, internally fr equency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide voltage range. o p eration from s p lit p ower su pp lies is also p ossible so lon g as the difference between the two su pp lies is 3 volts to 32 volts volta g e. application areas include transducer amplifier, dc gain blocks and all the conventional op amp circuits which now can be easily implemented in single power supply syst ems. equimment circui t 2008 - ver. 1.0 htc device package lm324d 14 sop LM324N 14 dip - 1 - gnd output 4 output 1 1 11 1 13 -input 4 1 + - +input 4 12 4 - + 4 v+ 2 -input 1 3 +input 1 8 10 +input 3 9 2 + - 3 - + 7 output 2 5 +input 2 6 -input 2 14 -input 3 output 3 v+ 6? inputs q2 - c c q3 q9 + q4 q8 q1 100? 6? q10 q11 q12 q5 q6 output q7 50? r sc q13 sop 14 / dip 14 pkg
quad operational amplifiers lm324 absolute maximum ratings characteristic power supply voltage differential input voltage input voltage output short circuit to gnd v cc 15v t a =25 (one amp) power dissipation operating temperature range storage temperature range electrical characterisitics at specified free-air temperature, v cc =5v(unless otherwise noted) v io v cc =5v to max, input offset voltage v ic =v icr min, v o =1.4v v io average temperature coefficient of input offset voltage i io input offset current llo average temperature coefficient of input offset current i ib input bias current v icr common-mode input voltage range r l 2? v oh v cc =max, r l =2? high-level output voltage v cc =max, r l 10? v ol low-level output voltage a vd v cc =15v, large-signal differential v o =1v to 11v, voltage amplification r l 2? cmrr v cc =5v to max, common-mode rejection ratio vic=vicr min, k svr supply voltage rejection ratio(v cc /v io ) v 01 /v 02 crosstalk attenuation v cc =15v, v id =1v, v o =0 i o v cc =15v, output current v id =1v, v o =15v v id =1v, v o =200? i os v cc at 5v, short-circuit output current gnd at -5v, v o =0 i cc v o -2.5v, no load supply current (four amplifiers) v cc =max, v o =0.5v cc , no load * all characteristics are measured under open loop conditions w ith zero common-mode input voltage unless otherwise specified <> v cc for testing purpose is 30v. full range is 0 to 70. htc - 2 - v continuous symbol value unit v v cc 18 or 32 v v i -0.3 to +32 v i(diff) 32 t opr 0~+70 p d 570 ? t stg -65 to +150 parameter *test conditions lm324d unit min typ max ? full range 9 25 3 7 full range 7 ?/ v o =1.4v 25 2 50 ? full range 150 full range 10 ?/ v o =1.4v 25 -20 -250 ? full range -500 v cc =5v to max 25 0tov cc -1.5 full range 0tov cc -2 v v 28 25 r l 10? full range full range 27 v cc -1.5 full range 26 520? 25 25 100 v/? full range 15 25 65 80 ? v cc =5v to max 25 65 100 ? f=1 khz to 20khz 25 120 ? 25 -20 -30 ? full range -10 25 10 20 full range 5 25 12 30 25 40 60 ? full range 0.7 1.2 ? full range 1.1 3
quad operational amplifiers lm324 typical performance characteristic s htc - 3 - + v in -input voltage(v dc ) v + or v - -power supply voltage (v dc ) 0 5 10 15 5 10 15 input voltage range negative positive supply current drain( ? dc ) supply voltage (v dc ) 0 10 20 40 1 4 supply current 3 2 30 t a =0to+125 t a =-55 100 v 0 -output voltage (v dc ) i o + - out put sink current (? dc ) 0.001 0.01 100 0.1 output characterisitics current sinking 0.01 1 0.1 1 10 10 v +/2 + v + v 0 i o t a =+25 v + =+5 v dc v + =+15v dc v + =+30v dc 0 v -output voltage referenced to v + (v dc ) i o + -out put source current (? dc ) 0.001 0.01 2 3 7 output characterisitics current sourcing 1 4 5 6 0.1 1 10 8 + v +/2 + v + v 2 i o t a =+25 independent of v + a vol -voltage gain( ? supply voltage(v dc ) 0 0 20 30 40 160 voltage gain 80 120 10 40 r l =20? r l =2? output current(? dc ) temperature() -55 -15 45 125 30 50 90 current limiting 0 10 20 40 60 70 80 -35 5 25 65 85 105 voltage gain ( ? frequency(?) 0 110 1m 40 140 open-loop frequency response 120 100 100 v+=10 to 15v dc and -55t a +125 80 60 20 1k 10k 100k 10m v+=30v dc and -55t a +125 v - + v+ 10m v in 0 .1 ? v +/2 v 0 -output swing(v p-p ) frequency(?) input voltage ( v ) outvoltag e time(?) 0 02030 1 4 voltage-follower pulse response 0 1 10 40 r l =2kv + =15v dc 0 5 20 large-signal frequency response 15 10 2 3 2 3 1k 10k 100k 1m v 0 - + 15 v dc 100k v in 1 k 7v vd 2 k - + - +
quad operational amplifiers lm324 typical performance characteristics (continied) typical application s htc - 4 - - v 0 + v in r in v+ 2 v+ 2 4 8 v+ single supply inverting amplifier + v 0 - v in 4 8 v+ v+ rf 10k 10k input biasing voltage pollower + v 0 - v in 4 8 v+ v+ 10k 10k non-inverting amplifier ri rf blocks dc gain i b -input current(? dc ) t a -temperature() -55 -15 45 125 30 50 90 input current cmrr-common-mode rejection rati o f-frequency(?) 0 10 10k 100k 40 80 120 common-mode rejection ratio 0 10 20 40 60 70 80 -35 5 25 65 85 105 v + =+30v dc v + =+15v dc v + =+5v dc v cm =0v dc 20 60 100 1k 1m - + v in 7.5v dc + v 0 + 7.5v dc 100k 100 100 100k e o -output voltage( ? t-time(?) 0 1 2 4 250 400 voltage-follower pulse response (small-signal) 350 300 3 v + =30v dc t a =+25 7 6 450 500 e o 50? ein input output rl 8 5 5


▲Up To Search▲   

 
Price & Availability of LM324N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X