Part Number Hot Search : 
RPM7138 RM25HG 1599HGY ANTXV2N TIG062 MCP3202 SST25VF0 SR10100S
Product Description
Full Text Search
 

To Download KS88C01004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ks88c01016/c01008/c01004/c01116/c01108/c01104 product overv iew 1- 1 1 product overview overview samsung's ks88 series of 8-bit single-chip cmos microcontrollers offers a fast and efficient cpu, a wide range of integrated peripherals, and various mask-programmable rom sizes. important cpu features include: ? efficient regis ter-oriented architecture ? selectable cpu clock sources ? idle and stop power-down mode release by interrupt ? built-in basic timer with watchdog function a sophisticated interrupt structure recognizes up to eight interrupt levels. each level can have one or more interrupt sources and vectors. fast interrupt processing (within a minimum six cpu clocks) can be assigned to specific interrupt levels. ks88c01016/c01008/c01004/c01116/c01108/c01104 microcontroller the ks88c01016/c01008/c01004/c01116/c01108/c01104 single-chip cmos microcontroller is fabricated using a highly advanced cmos process and is based on samsung's newest cpu architecture. the ks88c01016/c01008/c01004/c01116/c01108/c01104 is the microcontroller which has mask- programmable rom. the ks88p01016/p01008/p01004/p01116/p01108/p01104 is the microcontroller which has one-time- programmable eprom. using a proven modular design approach, samsung engineers developed the ks88c01016/c01008/c01004/c01116/c01108/c01104 by integrating the following peripheral modules with the powerful sam87 rc core: ? three programmable i/o ports, including two 8 -bit ports and one 3-bit port, for a total of 19 pins. ? internal lvd circuit and eight bit-programmable pins for external interrupts. ? one 8-bit basic timer for oscillation stabilization and watchdog functions (system reset). ? one 8-bit timer/counter and one 16-bit timer/counter with selectable operating modes. ? one 8-bit counter with auto-reload function and one-shot or repeat control. the ks88c01016/c01008/c01004/c01116/c01108/c01104 is a versatile general-purpose microcontroller which is especially suitable for use as remote transmitter controller. it is currently available in a 24-pin sop and sdip package
product overview k s88c01016/c01008/c01004/c01116/c01108/c01104 1- 2 features cpu sam87rc cpu core memory program memory (rom) - ks88c01016/c01116: 15,872-byte (0000h-3e00h) - ks88c01008/c01108: 8-kbyte (0000h-1fffh) - KS88C01004/c01104: 4-kbyte (0000h-0fffh) data memory: 256-byte ram instruction set 78 instructions idle and stop instructions added for power- down modes instruction execution time 500 ns at 8-mhz f osc (minimum) interrupts 13 interrupt sources with 10 vector. 5 level, 10 vector interrupt structure i/o ports two 8-bit i/o ports (p0-p1) and one 3-bit port (p2) for a total of 19 bit-programmable pins eight input pins for external interrupts carrier frequency generator one 8-bit counter with auto-reload function and one-shot or repeat control (counter a) back-up mode when v dd is lower than v lvd , the chip enters back-up mode to block oscillation and reduce the current consumption. timers and timer/counters one programmable 8-bit basic timer (bt) for oscillation stabilization control or watchdog timer function one 8-bit timer/counter (timer 0) with two operating modes; interval mode and pwm mode. one 16-bit timer/counter with one operating modes; interval mode low voltage detect circuit low voltage detect for reset or back-up mode. low level detect voltage ? ks88c01016/c01008/c01004 : 2.20v ( typ) 200 mv ? ks88c01116/c01108/c01104 : 1.90v ( typ) 200 mv auto reset function reset occurs when stop mode is released by p0. when a falling edge is detected at port 0 during stop mode, system reset occurs. operating temperature range ? ?40 c to + 85 c operating voltage range 1.7 v to 3.6 v at 4 mhz f osc 2.0 v to 3.6 v at 8 mhz f osc package type 24-pin sop/sdip
ks88c01016/c01008/c01004/c01116/c01108/c01104 product overv iew 1- 3 block diagram 8-bit basic timer p0.0-p0.7/int0-int4 p1.0-p1.7 port i/o and interrupt control sam87ri cpu internal bus x in x out port 0(intr) port 1 main osc p2.0/t0pwm 15-kbyte rom 256-byte register file 8-bit timer/ counter 16-bit timer/ counter port 2 carrier generator (counter a) p2.1/rem p2.2 lvd test figure 1-1. block diagram
product overview k s88c01016/c01008/c01004/c01116/c01108/c01104 1- 4 pin assignments v ss x in x out test p0.0/int0/intr p0.1/int1/intr reset /p0.2/int2/intr p0.3/int3/intr p0.4/int4/intr p0.5/int4/intr p0.6/int4/intr p0.7/int4/intr ks88 c0 1016/c01008 /c01004/c01116 /c01108/c01104 24-s op/sdip (top view) 1 2 3 4 5 6 7 8 9 10 11 12 v dd p2.2 p2.1/rem/ sclk p2.0/t0pwn/t0ck/ sdat p1.7 p1.6 p1.5 p1.4 p1.3 p1.2 p1.1 p1.0 24 23 22 21 20 19 18 17 16 15 14 13 figure 1-2. pin assignment diagram (24-pin sop/sdip package)
ks88c01016/c01008/c01004/c01116/c01108/c01104 product overv iew 1- 5 pin descriptions table 1-1. pin descriptions pin names pin type pin description circuit type 24- pin number shared functions p0.0-p0.7 i/o i/o port with bit-programmable pins. configurable to input or push-pull output mode. pull-up resistors are assignable by software. pins can be assigned individually as external interrupt inputs with noise filters, interrupt enable/ disable, and interrupt pending control. interrupt with reset(intr) is assigned to port 0. 1 5-12 int0 ? int4/intr p1.0-p1.7 i/o i/o port with bit-programmable pins. configurable to input mode or output mode. pin circuits are either push-pull or n- channel open-drain type. pull-up resistors are assignable by software. 2 13-20 p2.0 p2.1 p2.2 i/o 3-bit i/o port with bit-programmable pins. configurable to input mode, push-pull output mode, or n-channel open-drain output mode. input mode with pull-up resistors are assignable by software. the two pins of port2 have high current drive capability. 3 4 5 21-23 rem/t0ck x in , x out ? system clock input and output pins ? 2,3 ? test i test signal input pin (for factory use only; must be connected to v ss ). ? 4 ? v dd ? power supply input pin ? 24 ? v ss ? ground pin ? 1 ?
product overview k s88c01016/c01008/c01004/c01116/c01108/c01104 1- 6 pin circuits v dd pull-up enable v dd input/output pull-up resistor output disable data v ss noise filter external interrupt stop intr (interrupt with reset) figure 1-3. pin circuit type 1 (port 0) note interrupt with reset (intr) is assigned to port 0 of ks88c01016/c01008/c01004/c01116/c01108 /c01104. it is designed to release stop status with reset. when the falling/rising edge is detected at any pin of port 0 during stop status, non vectored interrupt intr signal occurs, after then system reset occurs automatically. it is designed for a application which are using ?stop mode? like remote controller. if stop mode is not used, intr do not operates and it can be discarded.
ks88c01016/c01008/c01004/c01116/c01108/c01104 product overv iew 1- 7 pin circuits (continued ) v dd pull-up enable v dd input/output pull-up resistor output disable data v ss noise filter normal input open-drain figure 1-4. pin circuit type 2 (port 1)
product overview k s88c01016/c01008/c01004/c01116/c01108/c01104 1- 8 pin circuits ( continued) v dd pull-up enable v dd p2.0/t0pwn pull-up resistor (typical 21k w ) open-drain port 2.0 data v ss m u x p2.0 input output disable data t0_pwn p2con.0 figure 1-5. pin circuit type 3 (p2.0)
ks88c01016/c01008/c01004/c01116/c01108/c01104 product overv iew 1- 9 pin circuits (continued) v dd pull-up enable v dd p2.1/rem/t0ck pull-up resistor (typical 21k w ) open-drain port 2.1 data v ss p2.1 input m u x p2con.1 data output disable noise filter t0ck caof(cacon.0) carrier on/off (p2.5) figure 1-6. pin circuit type 4 (p2.1)
product overview k s88c01016/c01008/c01004/c01116/c01108/c01104 1- 10 pin circuits (continued) v dd pull-up enable v dd in/out pull-up resistor (typical 21k w ) open-drain v ss normal input output disable data figure 1-7. pin circuit type 5 (p2.2)
ks88c01016/c01018/c01004/c01116/c01108/c01104 electrical da ta 13- 1 13 electrical data overview in this section, ks88c01016/c01008/c01004/c01116/c01108/c01104 electrical characteristics are presented in tables and graphs. the information is arranged in the following order: ? absolute maximum ratings ? d.c. electrical char acteristics ? data retention supply voltage in stop mode ? stop mode release timing when initiated by a reset ? i/o capacitance ? a.c. electrical characteristics ? input timing for external interrupts (port 0) ? oscillation characteristics ? oscillation stabilization time
electrical data ks 88c01016/c01018/c01004/c01116/c01108/c01104 13- 2 table 13-1. absolute maximum ratings (t a = 25 c) parameter symbol conditions rating unit supply voltage v dd ? ? 0.3 to + 6.5 v input voltage v in ? ? 0.3 to v dd + 0.3 v output voltage v o all output pins ? 0.3 to v dd + 0.3 v output current high i oh one i/o pin active ? 18 ma all i/o pins active ? 60 output current low i ol one i/o pin active + 30 ma total pin current for ports 0, 1, and 2 + 100 total pin current for port 3 + 40 operating temperature t a ? ? 40 to + 85 c storage temperature t stg ? ? 65 to + 150 c table 13-2. d.c. electrical characteristics (t a = ? 40 c to + 85 c, v dd = 2.0 v to 3.6 v) parameter symbol conditions min typ max unit operating voltage v dd f osc = 8mhz (instruction clock = 1.33 mhz) 2.0 ? 3.6 v f osc = 4mhz (instruction clock = 0.67 mhz) 1.7 ? 3.6 input high voltage v ih1 all input pins except v ih2 and v ih3 0.8 v dd ? v dd v v ih2 x in v dd ? 0.3 v dd input low voltage v il1 all input pins except v il2 and v il3 0 ? 0.2 v dd v v il2 x in 0.3 output high voltage v oh1 v dd = 2.4 v, i oh = ? 6 ma port 2.1 only, t a = 25 c v dd ? 0.7 v v oh2 v dd = 2.4 v, i oh = ? 2.2ma port 2.0, 2.2, t a = 25 c v dd - 0.7 ? ? v oh3 v dd = 2.4 v, i oh = ? 1 ma all output pins except port2, t a = 25 c v dd - 1.0 ? ?
ks88c01016/c01018/c01004/c01116/c01108/c01104 electrical da ta 13- 3 table 13-2. d.c. electrical characteristics (continued) (t a = ? 40 c to + 85 c, v dd = 2.0 v to 3.6 v) parameter symbol conditions min typ max unit output low voltage v ol1 v dd = 2.4 v, i ol = 12 ma, port 2.1 only, t a = 25 c 0.4 0.5 v ol2 v dd = 2.4 v, i ol = 5 ma port 2.0,2.2, t a = 25 c - 0.4 0.5 v ol3 i ol = 1 ma ports 0 and 1, t a = 25 c 0.4 1.0 input high leakage current i lih1 v in = v dd all input pins except x in and x out ? ? 1 a i lih2 v in = v dd , x in and x out 20 input low leakage current i lil1 v in = 0 v all input pins except x in , x out ? ? ? 1 a i lil2 v in = 0 v x in and x out ? 20 output high leakage current i loh v out = v dd all output pins ? ? 1 a output low leakage current i lol v out = 0 v all output pins ? ? ? 1 a pull-up resistors r l1 v dd = 2.4v, v in = 0 v; t a = 25 c , ports 0-2 44 55 95 k w supply current (note) i dd1 v dd = 3.6 v 10% 8-mhz crystal - 5 9 ma 4-mhz crystal 2.6 5 i dd2 idle mode; v dd = 3.6 v 10% 8-mhz crystal ? 1.0 2.5 4-mhz crystal 0.7 2.0 i dd3 stop mode; v dd = 3.6 v - 1 6 ua note : supply current does not include current drawn through internal pull-up resistors or external output current loads.
electrical data ks 88c01016/c01018/c01004/c01116/c01108/c01104 13- 4 table 13-3. characteristics of low voltage detect circuit (t a = ? 40 c to + 85 c) parameter symbol conditions min typ max unit hysteresys voltage of lvd (slew rate of lvd) d v ? - 30 300 mv low level detect voltage (ks88c01016/c01008/c01004) v lvd ? 2.0 2.20 2.40 v low level detect voltage (ks88c01116/c01108/c01104) v lvd ? 1.70 1.90 2.1 v table 13-4. data retention supply voltage in stop mode (t a = ? 40 c to + 85 c) parameter symbol conditions min typ max unit data retention supply voltage v dddr ? 1.0 ? 3.6 v data retention supply current i dddr v dddr = 1.0 v stop mode ? ? 1 a table 13-5. input/output capacitance (t a = ? 40 c to + 85 c, v dd = 0 v) parameter symbol conditions min typ max unit input capacitance c in f = 1 mhz; unmeasured pins are connected to v ss ? ? 10 pf output capacitance c out i/o capacitance c io table 13-6. a.c. electrical characteristics (t a = ? 40 c to + 85 c) parameter symbol conditions min typ max unit interrupt input, high, low width t inth , t intl p0.0?p0.7, v dd = 3.6 v 200 300 ? ns
ks88c01016/c01018/c01004/c01116/c01108/c01104 electrical da ta 13- 5 t inth t intl 0.8 v dd 0.2 v dd note: the unit t cpu means one cpu clock period. figure 13-1. input timing for external interrupts (port 0) table 13-7. oscillation characteristics (t a = ? 40 c + 85 c) oscillator clock circuit conditions min typ max unit crystal x out x in c2 c1 cpu clock oscillation frequency 1 ? 8 mhz ceramic xt out xt in c2 c1 cpu clock oscillation frequency 1 ? 8 mhz external clock x out x in external clock open pin x in input frequency 1 ? 8 mhz
electrical data ks 88c01016/c01018/c01004/c01116/c01108/c01104 13- 6 table 13-8. oscillation stabilization time (t a = ? 40 c + 85 c, v dd = 3.6 v) oscillator test condition min typ max unit main crystal f osc > 400 khz ? ? 20 ms main ceramic oscillation stabilization occurs when v dd is equal to the minimum oscillator voltage range. ? ? 10 ms external clock (main system) x in input high and low width (t xh , t xl ) 25 ? 500 ns oscillator stabilization wait time t wait when released by a reset (1) ? 2 16 / f osc ? ms t wait when released by an interrupt (2) ? ? ? ms notes : 1. f osc is the oscillator frequency. 2. the duration of the oscillation stabilization time (t wait ) when it is released by an interrupt is determined by the setting in the basic timer control register, btcon. 1.33 mhz 250 khz 8.32 khz 1 2 3 4 5 6 7 supply voltage (v) instruction clock = 1/6n x oscillator frequency (n = 1, 2, 8, 16) a 1.7 v: 4 mhz b 2.0 v: 8 mhz 1.00 mhz a b 500 khz 670 khz instruction clock 8 mhz 6 mhz 4 khz instruction clock 400 khz figure 13-2. operating voltage range of ks88c01016/c01008/c01004/c01116/c01108/c01104
ks88c01016/c01018/c01004/c01116/c01108/c01104 mechanical da ta 14- 1 14 mechanical data overview the ks88c01016/c01008/c01004/c01116/c01108/c01104 microcontroller is currently available in a 24-pin sop and sdip package. note : dimensions are in millimeters. 24-sop-375 10.30 0 .30 #13 #24 #1 #12 15.74 max 15.34 0 .20 (0.69) 0-8 0.15 + 0.10 - 0.05 9.53 7.50 0.20 0.85 0.20 0.05 min 2.30 0.10 2.50 max 0.38 0.10 max + 0.10 - 0.05 1.27 figure 14-1. 24-pin sop package mechanical data
mechanical data ks88c01016 /c01018/c01004/c01116/c01108/c01104 14- 2 note : dimensions are in millimeters. 23.35 max 22.95 0 .20 (1.70) 24-sdip-300 6.40 0 .20 #24 #1 0.46 0.10 0.89 0.10 #13 #12 0-15 0.25 + 0.10 - 0.05 7.62 3.25 0.20 5.08 max 1.778 0.51 min 3.30 0.30 figure 14-2. 24-pin sdip package mechanical data


▲Up To Search▲   

 
Price & Availability of KS88C01004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X