Part Number Hot Search : 
FKI07174 YC20HRX ESM1602B SNC11C LT3083T 11400 AH12B1 5ZSXI
Product Description
Full Text Search
 

To Download KIA378R00PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2008. 6. 24 1/5 semiconductor technical data KIA378R00PI bipolar linear integrated circuit revision no : 3 3a adjustable low drop voltage regulator the KIA378R00PI is a low drop voltage regulator suitable for various electronic equipments. it provides constant voltage power source with to-220-4 terminal lead full molded pkg. the regulator has multi function such as over current protection, overheat protection. features adjustable output voltage (range : 1.5~30v) 3a output low drop voltage regulator. built in over current protection, over heat protection function. a f j l d m 12 34 1 2 3 4 input (v ) output (v ) gnd adjustable terminal (v ) in o adj dim millimeters to-220is-4 10.00 0.20 15.00 0.20 2.70 0.20 0.60 0.10 3.20 0.20 3.50 0.10 a b c d e f g 15.70 0.20 0.40 0.10 h 14.3+0.2/-0.1 1.45 0.10 1.00 0.10 2.54 4.50 0.20 7.5 0.1 1.50 0.10 j k l m n o p s r 8 5 b c e g h l v v u t k n o r s p + _ + _ + _ 1.30 0.1 3-1.00 0.1 1.30 0.1 t u v + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ + _ maximum ratings (ta=25 ) characteristic symbol rating unit remark input voltage v in 35 v - output current i out 3 a - power dissipation 1 p d1 1.5 w no heatsink power dissipation 2 p d2 15 w with heatsink operating junction temperature t j(opr) -40 150 - storage temperature t stg -45 150 - soldering temperature (10sec) t sol 260 -
2008. 6. 24 2/5 KIA378R00PI revision no : 3 block diagram over heat protection 1 2 3 v out 4 adj. v in gnd - + aso protection bandgap reference electrical characteristics (unless otherwise specified, v in =15v, v o =10v, i o =1.5a, r 1 =390 (note1 : v in =0.95v out )) characteristic symbol conditions min. typ. max. unit input voltage v in - 4.5 - 35 v output voltage v o r 2 =84 to 8.7k 1.5 - 30 v load regulation reg load i o =5ma 3a - - 2.0 % line regulation reg line v in =11v~28v - - 2.5 % ripple rejection r r c ref =0 refer to fig.2 45 55 - db c ref =3.3 f 55 65 - reference voltage v ref - 1.26 1.29 1.32 v temperature cofficient of reference voltage t c v ref t j =0~125 - 1.0 - % dropout voltage v d i o =3a (note1) - - 0.5 v quiescent current i q i o =0a - - 10 ma
2008. 6. 24 3/5 KIA378R00PI revision no : 3
2008. 6. 24 4/5 KIA378R00PI revision no : 3
2008. 6. 24 5/5 KIA378R00PI revision no : 3


▲Up To Search▲   

 
Price & Availability of KIA378R00PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X