Part Number Hot Search : 
74004 M32186 BYX90G SILICON 2SD24 1SMA5935 190MS8E ISL97692
Product Description
Full Text Search
 

To Download IR204C-H16-L10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 1 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng technical data sheet 3mm infrared led , t-1 ir204c/h16/l10 features ? high reliability ? good spectral matching to si photodetector ? peak wavelength p=940nm ? 2.54mm lead spacing ? low forward voltage ? pb free ? this product itself will remain within rohs compliant version. descriptions ? everlight?s infrared emitting diode (ir204c/h16/l10) is a high intensity diode , molded in a water clear plastic package. ? the device is spectrally matched with phototransistor , photodiode and infrared receiver module. applications ? free air transmission system ? infrared remote control units with high power requirement ? smoke detector ? infrared applied system device selection guide chip led part no. material lens color ir204c/h6/l10 gaalas water clear
everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 2 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng ir204c/h16/l10 package dimensions notes: 1.all dimensions are in millimeters 2.tolerances unless dimensions 0.25mm absolute maximum ratings (ta=25 ) parameter symbol rating units continuous forward current i f 50 ma peak forward current i fp 1.0 a reverse voltage v r 5 v operating temperature t opr -40 ~ +85 storage temperature t stg -40 ~ +85 soldering temperature t sol 260 power dissipation at(or below) 25 free air temperature p d 150 mw notes: *1:i fp conditions--pulse width Q 100 s and duty Q 1%. *2:soldering time Q 5 seconds.
everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 3 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng ir204c/h16/l10 electro-optical characteristics (ta=25 ) parameter symbol condition min. typ. max. units i f =20ma 2.8 5 -- i f =100ma pulse width Q 100 s ,duty Q 1% -- 35 -- radiant intensity ee i f =1a pulse width Q 100 s ,duty Q 1%. -- 350 -- mw/sr peak wavelength p i f =20ma -- 940 -- nm spectral bandwidth ? i f =20ma -- 45 -- nm i f =20ma 1.2 1.5 i f =100ma pulse width Q 100 s ,duty Q 1% -- 1.4 1.8 forward voltage v f i f =1a pulse width Q 100 s ,duty Q 1%. -- 2.6 4.0 v reverse current i r v r =5v -- -- 10 a view angle 2 1/2 i f =20ma -- 50 -- deg rank condition i f =20ma unit mw/sr bin number j k l min 2.8 4.0 5.6 max 4.5 6.4 8.9
everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 4 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng 0 -40 -20 40 20 0 60 100 80 20 40 60 100 80 120 140 75 -25 0 25 50 100 900 920 940 960 980 0 10 10 1 10 2 3 10 4 1234 0 20 40 60 80 100 i f =20ma ta=25c ir204c/h16/l10 typical electro-optical characteristics curves fig.1 forward current vs. fig.2 spectral distribution ambient temperature fig.3 peak emission wavelength fig.4 forward current ambient temperature vs. forward voltage
everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 5 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng -20 0.6 0.9 0.7 0.8 1.0 0.2 0.4 0 0.2 0.4 0.6 50 70 80 60 40 30 -10 020 10 ir204c/h16/l10 typical electro-optical characteristics curves fig.5 relative intensity vs. fig.6 relative radiant intensity vs. forward current angular displacement 0 10 10 0 10 1 10 23 10 4 10 100 1000 fig.7 relative intensity vs. fig.8 forward current vs. ambient temperature( c) ambient temperature( c) 25 75 100 50 120 1.2 1 50 25 1.1 100 75 120 1.3
everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 6 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng ir204c/h16/l10 reliability test item and condition the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. item test conditions test hours/ cycles sample sizes failure judgement criteria ac/re 1 solder heat temp. 260 5 10secs 22pcs 0/1 2 temperature cycle h : +100 15mins 5mins l : -40 15mins 300cycles 22pcs 0/1 3 thermal shock h :+100 5mins 10secs l :-10 5mins 300cycles 22pcs 0/1 4 high temperature storage temp. +100 1000hrs 22pcs 0/1 5 low temperature storage temp. -40 1000hrs 22pcs 0/1 6 dc operating life i f =20ma 1000hrs 22pcs 0/1 7 high temperature/ high humidity 85 / 85% r.h 1000hrs 22pcs vf R u or vf Q l power brightness attenuate difference>20% u upper specification limit l lower specification limit 0/1
everlight electronics co., ltd. http:\\www.ever light.com rev 2 page 7 of 7 device no cdir-020-004 prepared date:2006/10/13 prepared by: wangyinsheng ir204c/h16/l10 packing quantity specification 1. 1000pcs/1bag,4bag/1box 2. 10boxes/1carton label form specification cpn: customer?s production number p/n : production number qty: packing quantity cat: ranks hue: peak wavelength ref: reference lot no: lot number notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. these specification sheets include material s protected under copyright of everlight corporation. please don?t reproduce or cause anyone to reproduce them without everlight?s consent. e verlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http:\\www.everlight.com ir204c/h16/l10


▲Up To Search▲   

 
Price & Availability of IR204C-H16-L10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X