Part Number Hot Search : 
PT2265 EPA368 CES181J MA100 JZ4730 2SK231 M215H RS203
Product Description
Full Text Search
 

To Download INA3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data INA3010 infrared remote control transmitter rc-5 ordering information INA3010n pl ast i c INA3010dw soic t a = -25 to 8 5 c for all packages . the INA3010 i s i n t e nded as a general purpose (r c - 5) i n frared rem o t e cont rol sy st em for use where a l o w vol t a ge suppl y and a l a rge debounce t i m e are expect ed. the devi ce can generat e 2048 di fferent com m a nds and utilizes a keyboard with a single pole switch for each key. the com m a nd are arranged so that 32 system s can be addressed, each sy st em cont ai ni ng 64 di fferent com m a nds. the key board i n t e rconnect i on is illu strated b y fig . 1 . ? low vol t a ge requi rem e nt ? sin g l e p i n o s cillato r ? b i phase t r ansm i ssi on t echni que ? test m o d e facility block diagram pin assignment 1
INA3010 pin description pin no designation description 1 x7 (ipu) sense i nput from key m a t r i x 2 ssm (i) sy st em m ode sel ect i on i nput 3-6 z0-z3 (ipu) sense i nput s from key m a t r i x 7 m d a t a ( o p 3 ) generate d output data m odulated with 1/2 the oscillator frequency at a 25% dut y fact or 8 data (op3) generat e d out put i n form at i on 9-13 dr7-dr3 (odn) scan drivers 1 4 g n d g r o u n d ( 0 v ) 15-17 dr2-dr0 (odn) scan drivers 18 osc (i) oscillator input 19 tp2 (i) test point 2 20 tp1 (i) test point 1 21-27 x0-x6 (ipu) sense i nput s from key m a t r i x 28 vcc (i) vol t a ge suppl y (i) = i nput (ipu) = i nput wi t h p-channel pul l - up t r ansi st or (odn) = output with open dr ain n-channel transistor (op3) = out put 3-st at e functional description keyboard operati on every connection of one x-input and one dr-output will be recognized as a legal key operation and will cause the devi ce t o generat e t h e correspondi ng code. the sam e appl i e s t o every connect i on of one z-i nput t o one dr -out put wi t h t h e provi so t h at ssm m u st be low . w h en ssm i s high a wi red connect i on m u st exi s t bet w een a z-i nput and dr - output. if no connection is present the syst em num ber will not be generated. activ ating two or m o re x-inputs, z-inputs or z-inputs and x-inputs at the sam e tim e is an illegal acti on and inhibits further activity (oscillator will not start). w h en one x- or z-input is connected to m o re than one dr -output, the last scan signal will be considered as legal. the m a xi m u m val u e of t h e cont act seri es resi st ance of t h e swi t c hed key board i s 7k ? . inputs in t h e qui escent st at e t h e com m a nd i nput s x0 t o x7 are hel d high by an i n t e rnal pul l - up t r ansi st or. w h en t h e sy st em m ode sel ect i on (ssm ) i nput i s low and t h e sy st em i s qui escent , t h e sy st em i nput s z0 t o z3 are al so hel d high by an i n t e rnal pul l - up t r ansi st or. w h en ssm i s high t h e pul l - up t r ansi st or for t h e z-i nput s i s swi t c hed off, i n order t o prevent current fl ow, and a wi red connect i on i n t h e z-dr m a t r i x provi des t h e sy st em num ber. outputs the output signal data transm its the gene rated inform ation in accordance with the form at illustrated by fig.2 and tab l es 1 an d 2 . th e co d e is tran sm itted u s in g a b i p h a se tech n i q u e as illu strated b y fig . 3 . th e co d e co n s ists o f fo u r part s: ? st art part - 1.5 bi t s (2 x l ogi c 1) ? c ont rol part - 1 bi t ? sy st em part - 5 bi t s ? c o m m a nd part - 6 bi t s the output signal mdata transm its the ge nerated inform ation m odul ated by 1/12 of the oscillator frequency with a 50% dut y fact or. in t h e qui escent st at e bot h data and m data are non-conduct i ng (3-st a t e out put s). the scan dri v er out put s dr 0 t o dr 7 are open drai n n-channel t r ansi st ors and conduct when t h e ci rcui t i s qui escent . aft e r a l e gal key operat i on t h e scanni ng cy cl e i s st art e d and t h e out put s swi t c hed t o t h e conduct i v e st at e one by one. the dr-outputs were switched off at th e end of the preceding debounce cycle. 2
INA3010 table 1 com m a nd m a trix (x-dr) co d e x - l i n e s dr-lin e s co m m a n d b i t s n o . 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 5 4 3 2 1 0 0 x x 0 0 0 0 0 0 1 x x 0 0 0 0 0 1 2 x x 0 0 0 0 1 0 3 x x 0 0 0 0 1 1 4 x x 0 0 0 1 0 0 5 x x 0 0 0 1 0 1 6 x x 0 0 0 1 1 0 7 x x 0 0 0 1 1 1 8 x x 0 0 1 0 0 0 9 x x 0 0 1 0 0 1 1 0 x x 0 0 1 0 1 0 1 1 x x 0 0 1 0 1 1 1 2 x x 0 0 1 1 0 0 1 3 x x 0 0 1 1 0 1 1 4 x x 0 0 1 1 1 0 1 5 x x 0 0 1 1 1 1 1 6 x x 0 1 0 0 0 0 1 7 x x 0 1 0 0 0 1 1 8 x x 0 1 0 0 1 0 1 9 x x 0 1 0 0 1 1 2 0 x x 0 1 0 1 0 0 2 1 x x 0 1 0 1 0 1 2 2 x x 0 1 0 1 1 0 2 3 x x 0 1 0 1 1 1 2 4 x x 0 1 1 0 0 0 2 5 x x 0 1 1 0 0 1 2 6 x x 0 1 1 0 1 0 2 7 x x 0 1 1 0 1 1 2 8 x x 0 1 1 1 0 0 2 9 x x 0 1 1 1 0 1 3 0 x x 0 1 1 1 1 0 3 1 x x 0 1 1 1 1 1 3 2 x x 1 0 0 0 0 0 3 3 x x 1 0 0 0 0 1 3 4 x x 1 0 0 0 1 0 3 5 x x 1 0 0 0 1 1 3 6 x x 1 0 0 1 0 0 3 7 x x 1 0 0 1 0 1 3 8 x x 1 0 0 1 1 0 3 9 x x 1 0 0 1 1 1 4 0 x x 1 0 1 0 0 0 4 1 x x 1 0 1 0 0 1 4 2 x x 1 0 1 0 1 0 4 3 x x 1 0 1 0 1 1 4 4 x x 1 0 1 1 0 0 4 5 x x 1 0 1 1 0 1 4 6 x x 1 0 1 1 1 0 4 7 x x 1 0 1 1 1 1 4 8 x x 1 1 0 0 0 0 3
INA3010 table 1 com m a nd m a trix (x-dr) (continued) co d e x - l i n e s dr-lin e s co m m a n d b i t s n o . 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 5 4 3 2 1 0 4 9 x x 1 1 0 0 0 1 5 0 x x 1 1 0 0 1 0 5 1 x x 1 1 0 0 1 1 5 2 x x 1 1 0 1 0 0 5 3 x x 1 1 0 1 0 1 5 4 x x 1 1 0 1 1 0 5 5 x x 1 1 0 1 1 1 5 6 x x 1 1 1 0 0 0 5 7 x x 1 1 1 0 0 1 5 8 x x 1 1 1 0 1 0 5 9 x x 1 1 1 0 1 1 6 0 x x 1 1 1 1 0 0 6 1 x x 1 1 1 1 0 1 6 2 x x 1 1 1 1 1 0 6 3 x x 1 1 1 1 1 1 table 2 system m a trix (z-dr) co d e x - l i n e s dr-lin e s system b i t s n o . 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 4 3 2 1 0 0 x x 0 0 0 0 0 1 x x 0 0 0 0 1 2 x x 0 0 0 1 0 3 x x 0 0 0 1 1 4 x x 0 0 1 0 0 5 x x 0 0 1 0 1 6 x x 0 0 1 1 0 7 x x 0 0 1 1 1 8 x x 0 1 0 0 0 9 x x 0 1 0 0 1 1 0 x x 0 1 0 1 0 1 1 x x 0 1 0 1 1 1 2 x x 0 1 1 0 0 1 3 x x 0 1 1 0 1 1 4 x x 0 1 1 1 0 1 5 x x 0 1 1 1 1 1 6 x x 1 0 0 0 0 1 7 x x 1 0 0 0 1 1 8 x x 1 0 0 1 0 1 9 x x 1 0 0 1 1 2 0 x x 1 0 1 0 0 2 1 x x 1 0 1 0 1 2 2 x x 1 0 1 1 0 2 3 x x 1 0 1 1 1 2 4 x x 1 1 0 0 0 2 5 x x 1 1 0 0 1 2 6 x x 1 1 0 1 0 2 7 x x 1 1 0 1 1 2 8 x x 1 1 1 0 0 2 9 x x 1 1 1 0 1 3 0 x x 1 1 1 1 0 3 1 x x 1 1 1 1 1 4
INA3010 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +8.5 v v in dc input vol t a ge (referenced t o gnd)* -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd)* -0.5 to v cc +0.5 v i in dc input c u rrent 10 ma i out dc out put c u rrent 10 ma p do p do m a xi m u m power di ssi pat i on osc out put ot her out put s 50 100 mw mw p d power dissipation in still air 200 m w tst g st orage tem p erat ure -65 t o +150 c *v cc + 0.5 m u st not exceeed 9.0v.. * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 to 8 5 c soic package: : - 7 m w / c from 65 to 8 5 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (reference t o gnd) 2.0 7.0 v v ih dc input vol t a ge (high) 0.7v cc v cc v v il dc input vol t a ge (low ) 0 0.3v cc v v out dc output voltage (m data, data) - 7.0 v i in dc input c u rrent - 1 0 m a i ol dc output current (low ) - pi n s 7 , 8 0 . 6 m a pi ns 9-13; 15-17 0.3 i oh dc output current (m data, data) - - 0 . 4 m a t a operating tem p erature, all package types - 2 5 8 5 o c thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 5
INA3010 dc electrical characteristics (voltage reference to gnd) (v cc = 2.0 t o 7.0v unl ess ot herwi s e speci fi ed, t a =-25 to +70 c) g u a r a n t e e d lim i t s sy m bol p a r a m e t e r test c ondi t i o n s m i n m a x uni t i cc qui s cent suppl y current u il =0b; v ih =v cc i out =0 m a at al l out put s 4 0 a inputs i in input current pi ns 01, 03-06; 21-27 v il = 0 v -10 -600 a p i n 1 8 v il =0v; v ih =v cc 3 . 0 3 3 i li input l eakage current pi ns 01-06; 19-27 v il =0v; v ih =v cc - 10 a p i n 1 8 - - 2 0 outputs v oh out put vol t a ge high, pi ns 07-08 i oh =-0.4m a v il =0.3 v cc v cc - 0 . 3 - v v ol out put vol t a ge low pi ns 07-08 i ol =0.6m a v il =0v, v hi =0.7v cc - 0 . 3 v pi ns 9-13; 15-17 i ol =0.3m a , v il =0v, v ih =0.7v cc - 0 . 3 v i lo output leakage current v o =v cc , v ih =v cc , v oh =v cc - 1 0 a pi ns 07-13; 15-17 - i lo output leakage current v o =0v, v ih =v cc , v ol = 0 v - - 2 0 a p i ns 0 7 - 0 8 - i oh dc out put c u rrent pi ns 9-13; 15-17 v il =0v; v ih =v cc ; v oh =v cc 1 0 a ac electrical characteristics t a =-25 to +85 c; v cc =2.0 t o 7.0 v unl ess ot herwi s e speci fi ed sy m bol param e t e r test c ondi t i on guarant eed li m i t s ty p m a x uni t o s c i l l a t o r freq u e n c y c l = 1 6 0 p f f osc operat i onal 4 3 2 4 5 0 k h z 6
INA3010 figure 1. keyboard interconnection 7
INA3010 w h ere: debounce t i m e+scan t i m e=18 bi t - t e m e s repetition tim e=4x16 bit tim es figure 2. data output format w h ere: 1 b it-tim e=3 . 2 8 x t osc =1.778 m s (t y p .) figure 3. biphase transmission technique 8
INA3010 n s u f f i x p l as t i c d i p (m s - 0 0 1 a b ) sy m b o l m i n m a x a 3 5. 1 3 9. 7 b 1 2. 32 1 4 . 7 3 c6 d 0 .3 6 0 .5 6 f 0 .7 7 1 .7 8 g h j0 10 k 2 .9 2 5 .0 8 no t e s : l 1 5. 24 1 5 . 8 7 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0 . 2 0. 38 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n0 . 3 8 d su f f i x so i c (m s - 0 5 9 a d) sy m b o l m i n m a x a 1 7. 7 1 8. 5 b 8 .2 3 8 .9 c 2 .3 5 3 .0 5 d 0 .3 5 0 .5 f 0 . 4 1. 27 g h no t e s : j0 8 1. d i m e ns i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i o n . k 0 .0 5 0 .3 5 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e m 0 .1 4 0 .3 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 1 1. 5 1 2. 7 r 0 .2 5 0 .7 5 11 . 4 3 d i me n s i o n , mm d i me n s i o n , mm 2. 54 15 . 2 4 1. 27 . 3 5 a b c k c m j f m p h g d r x 45 se a t i n g pl a n e 0.2 5 (0. 0 10) m t -t - 1 28 14 15 l h m j a b f g d se a t i n g pl a n e n k 0.2 5 ( 0 . 010) m t -t - c 1 28 14 15 9


▲Up To Search▲   

 
Price & Availability of INA3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X