Part Number Hot Search : 
MSZ5260 CY6213 2SD1585 MAX310 PCD5003A 2003M CSNA441 SMA36
Product Description
Full Text Search
 

To Download IN74ACT138D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data in74act138 1-of-8 decoder/demultiplexer high-speed silicon-gate cmos ordering information in74act138n plastic IN74ACT138D soic t a = -40 to 85 c for all packages the in74act138 is identical in pinout to the ls/als138, hc/hct138. the in74act138 may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. the in74act138 decodes a three-bit address to one-of-eight active- lot outputs. this device features three chip select inputs, two active-low and one active-high to facilitate the demultiplexing, cascading, and chip- selecting functions. the demultiplexi ng function is accomplished by using the address inputs to select the desired device output; one of the chip selects is used as a data input while the other chip selects are held in their active states. ? ttl/nmos compatible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0 a; 0.1 a @ 25 c pin assignment ? outputs source/sink 24 ma logic diagram pin 16 =v cc pin 8 = gnd function table inputs outputs cs1 cs2 cs3 a2 a1 a0 y0 y1 y2 y3 y4 y5 y6 y7 x x h x h x l x x x x x x x x x x x h h h h h h h h h h h h h h h h h h h h h h h h h l l h l l h l l h l l l l l l l h l h l l h h l h h h h h h h h l h h h h h h h h l h h h h h h h h l h h h h h l l h l l h l l h l l h l l h l h h h l h h h h h h h l h h h h h h h h l h h h h h h h h l h h h h h h h h l h = high level (steady state) l = low level (steady state) x = don?t care rev. 00
in74act138 rev. 00 maximum ratings * symbol parameter value unit v cc dc supply voltage (referenced to gnd) -0.5 to +7.0 v v in dc input voltage (referenced to gnd) -0.5 to v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output sink/source current, per pin 50 ma i cc dc supply current, v cc and gnd pins 50 ma p d power dissipation in still air, plastic dip+ soic package+ 750 500 mw tstg storage temperature -65 to +150 c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) 260 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the reco mmended operating conditions. +derating - plastic dip: - 10 mw/ c from 65 to 125 c soic package: : - 7 mw/ c from 65 to 125 c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 4.5 5.5 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t j junction temperature (pdip) 140 c t a operating temperature, all package types -40 +85 c i oh output current - high -24 ma i ol output current - low 24 ma t r , t f input rise and fall time * (except schmitt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/v * v in from 0.8 v to 2.0 v this device contains protection circuitry to guard agains t damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage highe r than maximum rated voltages to this high-impedance circuit. for proper operation, v in and v out should be constrained to the range gnd (v in or v out ) v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
in74act138 rev. 00 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed limits symbol parameter test conditions v 25 c -40 c to 85 c unit v ih minimum high- level input voltage v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il maximum low - level input voltage v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh minimum high- level output voltage i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 ma i oh =-24 ma 4.5 5.5 3.86 4.86 3.76 4.76 v ol maximum low- level output voltage i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in = v ih or v il i ol =24 ma i ol =24 ma 4.5 5.5 0.36 0.36 0.44 0.44 i in maximum input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i cct additional max. i cc /input v in =v cc - 2.1 v 5.5 1.5 ma i old +minimum dynamic output current v old =1.65 v max 5.5 75 ma i ohd +minimum dynamic output current v ohd =3.85 v min 5.5 -75 ma i cc maximum quiescent supply current (per package) v in =v cc or gnd 5.5 8.0 80 a * all outputs loaded; thresholds on input associated with output under test. +maximum test duration 2.0 ms, one output loaded at a time.
in74act138 ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =3.0 ns) guaranteed limits symbol parameter 25 c -40 c to 85 c unit min max min max t plh propagation delay, input a to output y (figure 1) 1.5 10.5 1.5 11.5 ns t phl propagation delay, input a to output y (figure 1) 1.5 10.5 1.5 11.5 ns t plh propagation delay, cs2 or cs3 to output y (figure 3) 2.5 11.5 2.0 12.5 ns t phl propagation delay, cs2 or cs3 to output y (figure 3) 2.0 11.5 2.0 12.5 ns t plh propagation delay, cs1 to output y (figure 2) 2.5 12.0 2.0 13.0 ns t phl propagation delay, cs1 to output y (figure 2) 2.0 10.5 1.5 11.5 ns c in maximum input capacitance 4.5 4.5 pf typical @25 c,v cc =5.0 v c pd power dissipation capacitance 60 pf figure 1. switching waveforms figure 2. switching waveforms figure 3. switching waveforms rev. 00
in74act138 expanded logic diagram rev. 00
in74act138 n suffix plastic dip (ms - 001bb) symbol min max a 18.67 19.69 b 6.1 7.11 c 5.33 d 0.36 0.56 f 1.14 1.78 g h j 0 10 k 2.92 3.81 notes: l 7.62 8.26 1. dimensions ?a?, ?b? do not include mold flash or protrusions. m 0.2 0.36 maximum mold flas h or protrus ions 0.25 mm (0.010) per s ide. n 0.38 d suffix soic (ms - 012ac) symbol min max a 9.8 10 b 3.8 4 c 1.35 1.75 d 0.33 0.51 f 0.4 1.27 g h j 0 8 notes: k 0.1 0.25 1. dimensions a and b do not include mold flash or protrusion. m 0.19 0.25 2. maximum mold flas h or protrus ion 0.15 mm (0.006) per s ide p 5.8 6.2 for a; for b ? 0.25 mm (0.010) per s ide. r 0.25 0.5 5.72 2.54 7.62 1.27 dimens ion, mm dimens ion, mm a b h c k c m j f m p g d r x 45 seating plane 0.25 (0.010) m t -t- 1 16 8 9 l h m j a b f g d seating plane n k 0.25 (0.010) m t -t- c 1 16 8 9 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74ACT138D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X