Part Number Hot Search : 
31ATR TM1130P EE08028 UD4015 QM30TB2H B105M SK372 FBR610
Product Description
Full Text Search
 

To Download H7CR-SCSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  number of presets one two (non-independent) display type 6 digit lcd, backlit 6 digit lcd, backlit input type no-voltage voltage no-voltage voltage contact output h7cr-b h7cr-bv h7cr-bw h7cr-bwv transistor output h7cr-bs h7cr-bvs h7cr-bws h7cr-bwvs contact output h7cr-bg h7cr-bvg h7cr-bwg h7cr-bwvg transistor output h7cr-bsg h7cr-bvsg h7cr-bwsg h7cr-bwvsg counter supply voltages 100 to 240 vac, 50/60 hz or 24 vac/12 to 24 vdc compact 1/16 din counters with easy-to-use functions, four- or six-digit lcd displays n designed for easy operation n high-speed response 5 k counts per second n prescale function displays in units of actual physical parameters length, volume, etc. (except a/sa types) n h7cr-c and -sc provide large/ small discrimination mode ideal for positioning and production control n easy-to-read backlit lcd display n on-line change of set value n 4-level key protect n h7cr-s short 64 mm (2.52 in) body number of presets one display type 6 digit lcd, not backlit input type no-voltage voltage contact output h7cr-a h7cr-av transistor output h7cr-as h7cr-avs sensor power supply not available not available counter supply voltages 100 to 240 vac, 50/60 hz or 24 vac ordering information when placing your order, specify the supply voltage after the part number. for example, h7cr-b 100 to 240 vac . n economy counters n standard counters number of presets one two (non-independent) display type 4-digit lcd, backlit 4-digit lcd backlit input type no-voltage no-voltage sensor supply voltage 12 vdc 24 vdc 12 vdc 24 vdc output type contact output h7cr-b4 h7cr-b4g h7cr-b4w h7cr-b4wg counter supply voltage 100 to 240 vac, 50/60 hz 12 vdc sensor supply voltage 24 vdc sensor supply voltage digital counter h7cr
h7cr h7cr 2 model economy standard reversible +/C range number of presets one one two one two display type 6-digit, not backlit 6-digit, backlit 4-digit, backlit 6-digit, backlit 6-digit backlit input type no-voltage contact output h7cr-sal h7cr-sbl h7cr-sb4l h7cr-scl transistor h7cr-sasl h7cr-sbsl h7cr-sbwsl H7CR-SCSL h7cr-scwsl counter supply voltage 12 to 24 vdc n reversible +/C range counters number of presets one two (non-independent) display type 6-digit lcd, backlit 6-digit lcd, backlit input type no-voltage voltage no-voltage voltage contact output h7cr-c h7cr-cv h7cr-cw h7cr-cwv transistor output h7cr-cs h7cr-cvs h7cr-cws h7cr-cwvs contact output h7cr-cg h7cr-cvg h7cr-cwg h7cr-cwvg transistor output h7cr-csg h7cr-cvsg h7cr-cwsg h7cr-cwvsg counter supply voltages 100 to 240 vac, 50/60 hz or 24 vac/12 to 24 vdc n short body counters n socket-mount counters number of presets one display type 6-digit lcd, backlit 4-digit lcd, backlit 6-digit lcd, backlit input type power supply reset type memory backup type contact output h7cr-8 h7cr-84* h7cr-11 transistor h7cr-8s h7cr-11s counter supply voltage 100 to 240 vac, 50/60 hz or 24 vac/12 to 24 vdc * available with 100 to 240 vac supply voltage only. n accessories n replacement parts description part number panel mounting adapter* y92f-30 12 vdc sensor supply voltage 24 vdc sensor supply voltage description part number sockets for h7cr-8 bottom surface or track mounting, top screws p2cf-08 and h7cr-8s back mounting, for use with y92f-30 mounting adapter, bottom screw terminals p3g-08 for h7cr-11 bottom surface or track mounting, top screws p2cf-11 and h7cr-11s back mounting, for use with y92f-30 mounting adapter, bottom screw terminals p3ga-11 soft cover with two mounting clips for front panel protection y92a-48f1 shock prevention terminal cover protects wiring connections y92a-48t mounting track din rail, 50 cm (1.64 ft) length pfp-50n for p2cf sockets din rail, 1 m (3.28 ft) length pfp-100n end plate pfp-m panel mounting adapter* for use with h7cr-8/-11 digital counters y92f-30 * panel mounting adapter is included with h7cr-a/-b/-c digital counters. * panel mounting adapter is included with h7cr-a/-b/-c digital counters. order separately for use with h7cr-8/-11 counters.
3 h7cr h7cr model h7cr-a series h7cr-b series h7cr-c series classification preset counter (economy) preset counter (standard) preset counter (+/C range) mounting flush mounting external connections screw terminals degree of protection iec: ip54 (panel surface) output modes n, f n, f, c, r, k, p, q, a k, d, l, h input modes up, down, reversible a (command inputs), reversible b (individual reversible a (command inputs), inputs), reversible c (phase difference inputs) reversible b (individual inputs), reversible c (phase difference inputs) reset system external and manual resets external, manual, and auto- external and manual resets matic (internal according to c, r, p, and q mode operation) resets external: closing contacts 6 & 7 external: closing contacts 6 & 7 manual: pressing reset button manual: pressing reset button ( certain models only )( certain models only ) automatic: available only in modes c, r, p, and q scaling function none 0.001 to 99.999 or 9.999 0.001 to 99.999 decimal point none rightmost 3 digits adjustments sensor power none 12 or 24 vdc supply input signals count, reset count, reset, key protect input method no-voltage input: via opening and closing of contact voltage input: via high and low signal voltage key protect (standard and +/Crange counters): no-voltage inputs only control output spst-no contact or transistor single preset types: (npn open collector) output one spst-no contact or transistor (npn open collector) output double preset types: two spst-no contacts or transistor (npn open collector) output displays 7-segment lcd present value and preset displays; lcd character indicators for outputs, power, and modes display type lcd; 8mm (0.32 in.) h present value, backlit lcd; 8 mm (0.24 in.) h present value, 4 mm (0.16 in.) h set value 4 mm (0.16 in.) h set value digits 6 digits, 0 to 999,999 6 or 4 digits; 0 to 999,999 6 digits positive/5 digits or 0 to 9,999 negative, -99,999 to 999,999 memory backup backup time for power interruption: approx. 10 years at 20 c (68 f); non-replaceable lithium battery specifications n general capabilities
h7cr h7cr 4 model h7cr-sa h7cr-sb nn nn h7cr-sc h7cr-8 n n h7cr-11 classification preset counter preset counter preset counter preset counter preset counter (economy) (standard) (+/C range) (standard) (standard) mounting flush mounting flush or surface mounting external connections screw terminals socket degree of protection iec: ip54 (panel surface) output modes n, f n, f, c, r, k, k, d, l, h n, f, c, r, k, p, q, a p, q, a input modes up, down & reversible a reversible a up, down & reversible a (command inputs), (command inputs), (command inputs), reversible b reversible b reversible b (individual inputs), (individual inputs), (individual inputs), reversible c reversible c reversible c (phase difference inputs) (phase difference (phase difference inputs) inputs) reset system external and external, manual, external and external, manual, external, manual, manual resets automatic (inter- manual resets power supply, and automatic (internal nal according to automatic (internal according to c, r, p, c, r, p, and q according to c, r, and q operation) operation) p, and q operation) resets resets resets scaling function none 0.001 to 99.999 for 6-digit, 0.001 to 9.999 for 4-digit decimal point none rightmost 3 digits adjustments input signals count, reset count, reset, key protect count, reset count, reset, and key protect input method no-voltage input: via opening and closing of contact control output spst-no contact single preset types: spst-no contact spdt-no contact or transistor (npn spst-no contact or transistor (npn or transistor (npn or transistor (npn open collector) open collector) output open collector) open collector) output double preset types: output output dpst-no contact or transistor (npn open collector) output displays 7-segment lcd present value and preset displays; lcd character indicators for outputs, power, and modes display type backlit lcd digits 6 digits (0 to 6 or 4 digits; 6 digits positive 6 or 4 digits; 6 digits (0 to 999,999) 999,999) 0 to 999,999 or and 5 digits nega- 0 to 999,999 or 0 to 9,999 tive (-99,999 to 0 to 9,999 999,999) memory backup backup time for power interruption: approx. 10 years at 20 c (68 f); non-replaceable lithium battery n h7cr-s, -8, -11
5 h7cr h7cr description single preset counter double preset counter n sustained output sustained output 2, selectable sustained or one-shot output 1 h7cr-a, -b, -sa, -sb n n , -8 n n , -11 f sustained output, sustained output 2, selectable sustained or one-shot output 1 overrun display c one-shot output one-shot output 2, selectable one-shot or sustained output 1 r one-shot output one-shot output 2, selectable one-shot or sustained output 1 k one-shot output, overrun display one-shot output 2, selectable one-shot or sustained output 1 p one-shot output one-shot output 2, selectable one-shot or sustained output 1 q one-shot output, overrun display one-shot output 2, selectable one-shot or sustained output 1 a one-shot output one-shot output 2, selectable one-shot or sustained output 1 d instantaneous output, instantaneous outputs when count value = preset h7cr-c, -sc count value = preset l sustained output, count value sustained output 2, count value 3 preset, 3 preset sustained output 1, count value preset h sustained output, count value sustained outputs when count values 3 preset 3 preset k one-shot output, count one-shot outputs, count value = preset value = preset model h7cr-a series h7cr-b series h7cr-c series supply voltage 100 to 240 vac, 50/60 hz 100 to 240 vac, 50/60 hz or 24 vac/12 to 24 vdc or 24 vac, 50/60 hz (permissible ripple: 20% max.) (permissible ripple: 20% max.) operating voltage range 85% to 110% of rated voltage power consumption approx. 1.7 va at 50 hz, approx. 6.6 va at 50 hz, 240 vac; 3.2 w at 24 vdc* 240 vac; 0.6 w at 24 vdc max. counting speed 30 cps, or 1 or 5 kcps (same setting cp1 and cp2) reset min. pulse width for min. pulse width for external reset: 1 or 20 ms, manual external reset: 20 ms, manual reset reset key protect not applicable response time: 1 second one-shot durations 10, 50, 100, 200, or 500 ms 10, 50, 100, 200, or 500 ms (separate settings for presets 1 and 2) inputs (count, reset) no-voltage inputs on impedance: 1k w max. (approx. 2 ma when 0 k w ) on residual voltage 2 v max.; 1 v max. for h7cr- n n 4 off impedance 100 k w min. voltage inputs high level: 4.5 to 30 vdc low level: 0 to 2 vdc input resistance: approx. 4.7 k w key protect input not applicable no-voltage input on impedance: 1 k w max. on residual voltage: 1 v max. off impedance: 100 k w min. control output contacts: 3 a, 250 vac; general use (p.f. = 1) transistor: open collector; 100 ma at 30 vdc max. residual voltage 2 v max. (approx. 1 v) sensor power supply not applicable 100 ma, 12 vdc 10 (5% ripple max.) 50 ma, 24 vdc 10 (5% ripple max.) ambient operating -10 to 55 c with no icing temperature (14 to 131 f) storage temperature -25 to 65 c (-13 to 149 f) with no icing ambient operating 35% to 85% rh humidity *upon power application, a surge current of approx. 5 a at 240 vac and 8 a at 24 vac or 24 vdc flows for 2 ms. n ratings n output modes summary output mode applicable counter series
h7cr h7cr 6 h7cr-s, -8, -11 model h7cr-sa h7cr-sb n n h7cr-sc h7cr-8 n n h7cr-11 type economy standard +/C range socket mount socket mount supply voltage 12 to 24 vdc 100 to 240 vac, 50/60 hz (20% max. permissible ripple) or 24 vac/12 to 24 vdc (20% max. permissible ripple) operating voltage range 85% to 110% of rated voltage power consumption approx. 1.3 w at 24 vdc approx. 2.8 va at 50 hz, 240 vac (approx. 5 a (24 vdc/240 vac) surge current for 2 ms upon power application) approx. 1.3 w at 24 vdc (approx. 8 a (24 vdc/24 vac) surge current for 2 ms upon power application) max. counting speed 30 cps, or 1 or 5 kcps (same setting cp1 and cp2) reset min. pulse width min. pulse width for external reset: min. pulse width min. pulse width for external reset: 1 or 20 ms for external reset: for external reset: 20 ms 1 or 20 ms, 1 or 20 ms power reset: 0.5 s key protect not applicable response time: 1 second one-shot durations 10, 50, 100, 200, 10, 50, 100, 200, and 500 ms 10, 50, 100, 200, and 500 ms and 500 ms (separate settings for presets 1 and 2) inputs (count, reset) no-voltage inputs on impedance: 1k w max. (approx. 2 ma when 0 k w ) on residual voltage: 2 v max. off impedance 100 k w min. key protect input not applicable no-voltage input not applicable no voltage input on impedance: 1 k w max. on impedance: 1 k w max. (approx. 2 ma when 0 k w ) (approx. 2 ma when 0 k w ) on residual voltage: 1 v max. on residual voltage: off impedance: 100 k w min. 1 v max. off impedance: 100 k w min. control output contacts: 3 a, 250 vac; general use (p.f. = 1) transistor: open collector; 100 ma at 30 vdc max. residual voltage 2 v max. (approx. 1 v) ambient operating -10 to 55 c (14 to 131 f) with no icing temperature storage temperature -25 to 65 c (-13 to 149 f) with no icing ambient operating 35% to 85% rh humidity approved by the following standards: ul csa sev ce (emc)
7 h7cr h7cr insulation resistance 100 m w min. (at 500 vdc) (between current-carrying terminal and exposed non-current-carrying metal parts, and between non-continuous contacts) dielectric strength 2,000 vac, 50/60 hz for 1 min (between current-carrying terminal and exposed non-current-carrying metal parts) impulse voltage between power terminals: 1 kv for 24 or 12-24 vdc power supply, 3 kv for others between current-carrying terminal and exposed non-current-carrying metal parts: 1.5kv for 24 or 12-24 vdc power supply, 4.5 kv for others noise immunity 2 kv between power terminals, 600 v between input terminals (square-wave noise via noise simulator; pulse width: 1 m s; 1-ns rise) static immunity malfunction: 8 kv; destruction: 15 kv vibration mechanical durability: 10 to 55 hz with 0.75-mm (0.03 in) single amplitude/55 to 150 hz with 10 g 32 min each in three directions malfunction durability: 10 to 55 hz with 0.5-mm (0.02 in) single amplitude/55 to 150 hz with 10 g 32 min each in three directions shock mechanical durability: 30 g malfunction durability: 10 g life mechanical: 10 million operations min. electrical: 100,000 operations min. (at 3 a, 250 vac general in use (p.f. = 0.7 to 0.8) weight economical counters: ac types, approx. 230 g (8.1 oz.); dc types, approx. 150 g (5.3 oz.) standard and +/C range counters: approx. 170 g ( 6 oz.) n characteristics input/output functions n inputs cp1/cp2 ? count signal inputs. (count inputs) ? up, down, and reversible (command, individual, or phase difference) inputs accepted. ? maximum counting speed: 5 kcps. reset ? present value reset (to zero in up or up/down modes, to preset with 1-stage models in down mode and to preset 2 for 2-stage models in down mode). ? count inputs are not acknowledged while reset input is on. ? reset indicator lit while reset input is on. key protect ? reset, right shift and up keys are inoperative while key protect input is on. ? although display key remains effective, only monitoring of settings is possible. ? keys protected indicator lit while key protect input is on. ? effective when power supply is turned off. count input vs. reset input when the reset input is on or the reset key input is on, the count input is prohibited and the present value is reset. however, when the key protect input is on and the key protect level is kp-2 or kp-4, no reset key input is accepted. reset time set to 1 ms if high-speed resetting is necessary. set the reset time to 20 ms if you need to prevent false signals caused by electrical noise from affecting the counter. outputs 1 and 2 outputs made according to designated output mode when corresponding preset is reached. n outputs using prescale function the prescale function converts the number of input counts into a user-selectable value. the example below shows a system that uses 250 encoder pulses to determine when an object has advanced 0.5 meters. here is how to convert pulses into a unit of measure appropriate for your application: 1. set the decimal point between the third and fourth digits. 2. set a prescale value of 0.002. this is calculated by dividing the unit of measure (0.5) by the number of pulse counts (250).
h7cr h7cr 8 timing charts count input cp1 gate input cp2 count reversible a (command inputs) reversible c (phase difference inputs) a: minimum signal width b: must be at least 1/2 of minimum signal width. signals may not be counted if the minimums for a and b are not met. reversible b (individual inputs) cp1 count cp2 cp1 cp2 count count input cp1 gate input cp2 count cp1 cp2 count 3 1 1 counting speeds of cp1 and cp2 must be the same for reversible c. enlargement from above see below. count input cp1 count 0 up down count gate input cp2 n input modes 1 3 4 5 h l n n-1 n-2 n-3 n-4 0 h l h l h l h l h l n-5 h l gate input cp2 h l count input cp1 2 0 1 2 3 4 5 n n-5 n-4 n-3 n-2 n-1 0
9 h7cr h7cr up down reversible a, b, and c output mode f present value runs continuously. outputs are maintained until reset. output mode n present value display and outputs are maintained until reset. up down reversible a, b, and c output mode c present value is placed in reset start status as soon as preset count is reached; the preset is not actually displayed. outputs are one-shot and operate repeatedly. output 1 is latches on, and goes off after expiration of the one-shot period for o utput 2. one-shot time periods for output 1 and 2 are independent. up down reversible a, b, and c one-shot output from output 1 sustained output one-shot outputs can be set to 10, 50, 100, 200 or 500 ms. one-shot output from output 2 sustained output bold line represents present value; output 2 operation applies for single-preset models. h7cr-a models have only mode n and f. reset 999,999 output 2 output 1 0 preset 1 preset 2 reset 999,999 output 2 output 1 0 preset 1 preset 2 999,999 output 1 0 preset 1 preset 2 output 2 reset n h7cr-a and h7cr-b counter output operations
10 h7cr h7cr output mode p present value display does not change during one-shot time period, but reset start status returns as soon as preset count is reached. outputs are one-shot and operate repeatedly. output 1 latches on at preset 1, and goes off after expiration o f the one-shot period for output 2. one-shot time periods for output 1 and 2 are independent. standard counter output operation (continued) up down reversible a, b, and c up down reversible a, b, and c one-shot output from output 1 sustained output one-shot outputs can be set to 10, 50, 100, 200 or 500 ms. one-shot output from output 2 sustained output up down reversible a, b, and c output mode k present value runs continuously. output 1 latches on at preset 1, and goes off after expiration of the one-shot period for output 2. one-shot time periods for output 1 and 2 are independent. output mode r present value display returns to reset start status after expiration of one-shot time period. outputs are one-shot and operate repeatedly. output 1 latches on at preset 1, and goes off after expiration of the one-shot period for output 2. one - shot time periods for output 1 and 2 are independent. (bold line represents present value; output 2 operation applies for single-preset models.) reset 999,999 output 2 output 1 0 preset 1 preset 2 reset 999,999 output 2 output 1 0 preset 1 preset 2 reset 999,999 output 2 output 1 0 preset 1 preset 2
11 h7cr h7cr output mode a present value and output 1 maintain status until reset. output 1 and 2 operate independently. standard counter output operation (continued) (bold line represents present value; output 2 operation applies for single-preset models.) up down reversible a, b, and c up down reversible a, b, and c one-shot output from output 1 sustained output one-shot outputs can be set to 10, 50, 100, 200 or 500 ms . one-shot output from output 2 sustained output output mode q present value runs continuously through one-shot time period and returns to reset start status immediately afterward. outputs are one-shot and operate repeatedly. output 1 latches on at preset 2, and goes off after expiration of the o ne- shot period for output 2. one-shot time periods for output 1 and 2 are independent. reset 999,999 output 2 output 1 0 preset 1 preset 2 reset 999,999 output 2 output 1 0 preset 1 preset 2
12 h7cr h7cr output mode l present value increments and decrements within displayable range. output 1 is on whenever present value is less than or equal to preset 1; output 2 is on whenever present value is greater than or equal to preset 2. reversible a, b, and c instantaneous (equals) output one-shot output sustained output/level input one-shot outputs can be set to 10, 50, 100, 200 or 500 ms. reversible a, b, and c output mode k present value increments and decrements within displayable range. output 1 goes on for one-shot whenever present value is equal to preset 1; output 2 goes on for one-shot whenever present value is equal to preset 2. output mode d present value increments and decrements within displayable range. output 1 is on whenever present value is equal to preset 1; output 2 is on whenever present value is equal to preset 2. reversible a, b, and c (bold line represents present value; output 2 operation applies for single preset models.) n h7cr-c reversible +/C range counter output operation reset 999,999 preset 2 preset 1 0 -999,999 output 1 output 2 reset 999,999 preset 2 preset 1 0 -999,999 output 1 output 2 reset 999,999 preset 2 preset 1 0 -999,999 output 1 output 2
13 h7cr h7cr +/C range counter output operation (continued) (bold line represents present value; output 2 operation applies for single preset models.) output mode h present value increments and decrements within displayable range. output 1 is on whenever present value is greater than or equal to preset 1; output 2 is on whenever present value is greater than or equal to preset 2. reversible a, b, and c reset 999,999 preset 2 preset 1 0 -999,999 output 1 output 2 instantaneous (equals) output one-shot output sustained output/level input one-shot outputs can be set to 10, 50, 100, 200 or 500 ms. notes counting inputs are not acknowledged while the reset input is on. the compensation input is valid only when the present value is being incremented. one-shot outputs, when on, are turned off when the reset input goes on, but are left on for the one-shot time period when the compensation inputs goes on. one-shot outputs, when on, are reset and the one-shot output is restarted if a preset designating the output is reached. dimensions unit: mm (inch) n counters h7cr-s n n short body panel cutout 60 min. (2.36) 60 min. (2.36) 45 (1.77) h7cr-a, h7cr-b and h7cr-c 6 (0.24) 6 (0.24) 45 (1.77)
14 h7cr h7cr h7cr-8 n n , h7cr-11 socket-mount types track and surface mounting height panel mounting depth n sockets 11-pin sockets for h7cr-11 n n 8-pin sockets for h7cr-8 n n p2cf-08 bottom surface or track mounting socket p2cf-11 bottom surface or track mounting socket eleven m3.5 x 7.5 sems 74 max. (2.91) 7.8 two 4.5 dia. mounting holes 3 4.5 35.4 31.2 (1.23) max. p3ga-11 back mounting socket 70 max. (2.76) eight m3.5 x 7.5 sems 7.8 two 4.5 dia. mounting holes 50 (1.97 max. 50 (1.97) max. 3 4.5 35.4 20 (0.79) max. terminal arrangement (top view) two 4.5 dia. socket mounting holes 40 0.2 (1.57) mounting holes two 4.5 dia. socket mounting holes 40 0.2 (1.57) mounting holes (top view) terminal arrangement terminal arrangement 6 (0.24) 6 (0.24) 0.7 (0.03) 86 (3.39) 6 (0.24) 13.5 (0.53)
15 h7cr h7cr sockets (continued) p3g-08 back mounting socket 27 dia. 45 (1.77) 45 (1.77) 4.5 17.5 9 7 8 terminal arrangement n mounting track and accessories pfp-50n, pfp-100n din rail track pfp-m end plate y92a-48t terminal cover y92a-48f1 soft plastic cover two mounting clips help the soft plastic cover y92a-48f1 fit snugly over the front of the timer to protect against dirt and water. timer settings can be changed when the cover is on. the cover is intended for use in areas where unusual service conditions do not exist. the terminal cover protects wiring connections on the standard and short body models. 50.5 (1.99) 47.2 (1.86) 47.2 (1.86) 50.5 (1.99) (bottom view) n panel mounting adapter y92f-30 panel mounting adapter y92f-30 is supplied with each counter. installation instructions are on the next page. h7cr-a, h7cr-b and h7cr-c h7cr-s 6 (0.24) 6 (0.24) (1.76) (3.94) 4.5 (.18) 15 (.59) 25 (.98) 1000 [500] 10 (.39) 10 (.39) 25 (.98) 15 (.59) 50 (1.97) 10 (.39) 10 (.39) 1.5 35 0.3 27 0.15 7.3 0.13 11.5 1.8 (.07) 37.3 (1.47) 35.3 1.8 1.3 4.8 24 6.2 (.24)
16 h7cr h7cr h7cr-8 n n , h7cr-11 insert the counter through the panel cutout. push the y92f-30 adapter from the rear of the counter as far forward toward the panel as possible. then, tighten the two retaining screws. to release the adapter, lift the tab at the rear of the adapter. several counters may be mounted close together using y92f-30 adapter as shown here. when mounting two or more counters in a vertical line, arrange the adapters so that their molded tabs are positioned on the right and left sides. when mounting two or more counters in a horizontal line, arrange the adapters so that their molded tabs are positioned on the top and bottom sides. molded tab panel cutout for side-by-side mounting of two counters panel mounting h7cr counters 6 710 9 8 11 12 1345 0v out single preset contact output reset input 0v 6 710 9 8 11 12 out 123 5 4 single preset transistor (npn) output n h7cr- n n a series (economy) 100 to 120 vac (h7cr-a, h7cr-av) cp2 input cp1 input 2 (+) 12 to 24 vdc (h7cr-sal) (C) 200 to 240 vac (h7cr-a, h7cr-av) 24 vac (h7cr-a, h7cr-av) 100 to 120 vac (h7cr-as, h7cr-avs) (+) 12 to 24 vdc (h7cr-sasl) (C) 200 to 240 vac (h7cr-as, h7cr-avs) 24 vac (h7cr-as, h7cr-avs) cp2 input cp1 input reset input 6 (0.24) connections molded tab
17 h7cr h7cr n h7cr- n n b (standard) and h7cr n n -c (reversible +/C) series single preset contact output 6 7 8 10 9 12 12 34 5 (+) (C) (+) (C) key protect cp1 input cp2 input reset input 0v out 11 double preset contact output 100 to 240 vac, 24 vac 12 to 24 vdc applicable models include the following: h7cr-b h7cr-bg h7cr-sbl, -sb4l h7cr-bv h7cr-bvg h7cr-scl h7cr-c h7cr-cg h7cr-b4 h7cr-cv h7cr-cvg h7cr-b4g 11 (C) (+) (C) 6 78 910 12 1234 5 0v out (+) reset input 6 7 8 10 9 11 out 2 out 1 (C) (+) (C) (+) 0v 100 to 240 vac, 24 vac 12 to 24 vdc single preset transistor (npn) output double preset transistor (npn) output 11 (C) (+) (C) (+) 6 78 910 12 1234 5 0v out 1 out 2 n h7cr-8, h7cr-11 socket-mount standard types applicable models include the following: h7cr-bs h7cr-bsg h7cr-sbsl h7cr-bvs h7cr-bvsg H7CR-SCSL h7cr-cs h7cr-csg h7cr-cvs h7cr-cvsg applicable models include the following: h7cr-bws h7cr-bwsg h7cr-sbwsl h7cr-bwvs h7cr-bwvsg h7cr-scwsl h7cr-cws h7cr-cwsg h7cr-cwvs h7cr-cwvsg single preset h7cr-8, h7cr-84, h7cr-8s single preset with memory backup h7cr-11, h7cr-11s 100 to 240 vac, 24 vac 12 to 24 vdc 100 to 240 vac, 24 vac 12 to 24 vdc applicable models include the following: h7cr-bw h7cr-bwg h7cr-b4w h7cr-bwv h7cr-bwvg h7cr-b4wg h7cr-cw h7cr-cwg h7cr-cwv h7cr-cwvg 12 or 24 vdc sensor power supply 12 or 24 vdc sensor power supply 12 or 24 vdc sensor power supply 12 or 24 vdc sensor power supply reset input cp2 input cp1 input key protect cp2 input cp1 input key protect reset input key protect cp1 input cp2 input 1234 5 12 contact output contact output solid-state output solid-state output
18 h7cr h7cr n connections the inputs of the h7cr are non-voltage (short circuit or open) inputs and voltage inputs. (non-voltage inputs only h7cr-s, -8 a nd -11.) sensor cp1, cp2 (reset), etc. input use 0 v counter 12 or 24 vdc input signal ratings non-contact input high level when transistor is on residual voltage: 2 v max. impedance when on: 1 k w max. low level when transistor is off impedance when off: 100 k w max. contact input use contacts capable of switching 2 ma at 5 vdc non-voltage inputs solid-state input (npn transistor) voltage inputs solid-state input (npn output sensor powered by built-in dc power source) counter sensor cp1, cp2 (reset), etc. input use 0 v 12 or 24 vdc +v (30 v max.) 0 v contact input switch contact counter cp1, cp2 (reset), etc. input use 0 v solid-state input (npn transistor) solid-state input (pnp transistor) contact input 12 or 24 vdc cp1, cp2 (reset), etc. input use 0 v 0 v counter 12 or 24 vdc cp1, cp2 (reset), etc. input use 0 v +v (30 v max.) 0 v counter switch contact 0 v +v (30 v max.) cp1, cp2 (reset), etc. 12 or 24 vdc input use 0 v input signal ratings voltage input high level when transistor is on: 4.5 to 30 vdc low level when transistor is off: 0 to 2 vdc contact input use contacts capable of switching 2 ma at 5 vdc sensor sensor +v (30 v max.) rotary encoder input counter power supply a phase b phase 0 v
19 h7cr h7cr operation n nomenclature key description 1 power indicator 2 key protection indicator 3 control output indicator: displays "out" for single preset counters, displays "out1" or "out2" for double preset counters 4 present value display, leading zeroes suppressed 5 set value display indicates data in function setting mode 6 set value indicator identifies preset 1 or preset 2 7 increment keys 1 to 6 (1 to 4) change the corresponding digit of the set value when the counter is in the function setting mode. increment key 6 on h7cr-c and h7cr-sc also can be used to designate + or C value. 8 display key switches to the setting displays. for double preset counters, it switches between set values 1 and 2. 9 mode key switches from run mode to function setting mode. changes items in the function setting mode. 10 reset key resets the present value and outputs. present value, set value 1 present value, set value 2 press the display key output 2 time output 1 time count speed min. reset time decimal point prescale value key protection level press the mode key press the mode key press the mode key press the mode key press the mode key press the mode key press the mode key press the mode key press the mode key 2 3 4 5 7 9 8 1 6 10 1 2 3 6 10 4 5 7 8 9 n operational interview h7cr- n n 4 run mode press the mode key output mode input mode setting mode press the display key
20 h7cr h7cr model h7cr-a (economy type) h7cr-b (standard type) h7cr-c (+/C range type) h7cr-8, -11 (socket) present value 0 0 0 0 presets 0 0 0 0 input modes up up reversible c up (phase difference) output mode n n (hold outputs on preset 1 k n for double preset) output 2 time hold hold 500 ms hold output 1 time hold 500 ms counting speeds 30 cps 30 cps 30 cps 30 cps min. reset time 20 ms (not adjustable) 20 ms 20 ms 20 ms decimal point not applicable far right (no fractions) far right (no fractions) far right (no fractions) scale factor 1.000 (not adjustable) 1.000 1.000 1.000 key protection level kp-1 kp-1 kp-1 (h7cr-11 only) n factory settings the following settings are made at the factory. be sure to change any settings before operating the counter. settings and display are possible with or without power supplied, although power supply is required for inputs and outputs to operate. model h7cr-a (economy type) h7cr-b (standard type) h7cr-c (+/C range type) present value 0 0 0 presets 0 0 0 input modes up up reversible c (phase difference) output mode n n (hold outputs on preset 1 k for double preset) output 2 time hold hold 500 ms output 1 time hold 500 ms counting speeds 30 cps 30 cps 30 cps min. reset time 20 ms (not adjustable) 20 ms 20 ms decimal point not applicable far right (no fractions) far right (no fractions) scale factor 1.000 (not adjustable) 1.000 1.000 key protection level kp-1 kp-1 h7cr-a, h7cr-b, h7cr-c h7cr-s, h7cr-8, h7cr-11 outputs are not possible with the presets set to zero. the display and settings are powered by an internal battery so they are unaffected by external power interruptions.
21 h7cr h7cr item applicable counters description setting values input mode h7cr-a, h7cr-sa determines the input mode: increment keys 1 to 6 change the display. (default) h7cr-b, h7cr-sb up, down, reversible a, reversible b, h7cr-c, h7cr-sc reversible c h7cr-8, h7cr-11 press the up key until the desired mode is displayed. *there is no up or down mode for h7cr-c and h7cr-sc (+/C range) counters. output mode h7cr-a, h7cr-sa determines the operation of the increment keys 1 to 6 change output mode. and out 2 h7cr-b, h7cr-sb control outputs. refer to "output output time h7cr-c, h7cr-sc operations" tables for details. also h7cr-8, h7cr-11 determines the output time for control output (out2) in single preset counters. out 1 h7cr-b, h7cr-sb designates the output time for increment keys 1 to 6 change output time. output time h7cr-c, h7cr-sc output 1 (double preset models only). (double preset models only) press the increment keys to set the desired time for output 1. *hold mode is available only on h7cr-bw and h7cr-sbw counters. (applicable to output modes c, r, k, p, q, and a only.) counting speed h7cr-a, h7cr-sa changes the input filter for counting increment keys 1 to 6 change count speed. h7cr-b, h7cr-sb inputs. used to prevent counting h7cr-c, h7cr-sc errors caused by input interference. h7cr-8, h7cr-11 press the increment keys to set the desired speed. a "k" on the display indicates kilocycles (1000 cycles). minimum reset h7cr-b, h7cr-sb determines the minimum time increment keys 1 to 6 change reset time. times h7cr-c, h7cr-sc required for the reset input. h7cr-8, h7cr-11 press any increment key to switch between 1 and 20 ms. item applicable counters description setting values preset 1, h7cr-b, h7cr-sb determine the timing of the outputs in comparison to sequence when changing a digit preset 2 h7cr-c, h7cr-sc the present count value according to the output mode. using the increment keys (1 to 6). set value the display key switches between set value 1 and 2 in double preset models. use the increment keys (1 to 6) to change a digit. minus sign displayed for leftmost digit of h7cr-c and h7cr-sc (+/C range counters) by using increment key 6. n summary of setting procedures run mode settings and operation are easily achieved as shown below. the settings that are possible for each model vary. after changing m odes, the counter is ready to accept setting changes to default items. setting mode up down reversible a reversible b reversible c note : settings changed in the setting mode are effective only after returning to the run mode. 1 ms 20 ms
22 h7cr h7cr setting mode continued item applicable counters description setting values decimal point h7cr-b, h7cr-sb determines the position of the increment keys 1 to 6 move decimal point. h7cr-c, h7cr-sc decimal point on the display. h7cr-8, h7cr-11 press the increment keys 1 to 6 to move the decimal from left to right. scale factor h7cr-b, h7cr-sb used to convert counts to other increment keys 1 to 5 change the scaling h7cr-c, h7cr-sc units, (e.g., to display millimeters h7cr-8, h7cr-11 when each input pulse represents 0.02 mm, input a scale factor of 0.02). values from 0.001 to 99.999 are possible. press the increment keys to set the desired value. key protection h7cr-b, h7cr-sb blocks certain keys to prevent increment keys 1 to 4 change key level h7cr-c, h7cr-sc accidental operation. the key protection level. h7cr-11 protection level, kp-1 to kp-4, determines which keys are locked out when the key protection input is on. the locked keys are crossed out in the diagrams at right. note : settings changed in the setting mode are effective only after returning to the run mode. changing the set value when changing the set value while the counter is operating, an output will be produced if the set value ever equals the present value. to avoid triggering the output, begin by setting a higher digit to a larger number. 1. press the display key to change the displayed values for preset 1 and 2 during operation. the following table shows the delay from when the present value passes the set value until the output is produced. the delay is the result of output control time, signal transmission time, relay switching time etc. actual measurements in n and k modes: control max. counting output output speed delay* contact 30 cps 18 to 24 ms out1, 1 kcps 4.7 to 5.8 ms out2 5 kcps 4.4 to 5.4 ms transistor 30 cps 13.5 to 20 ms out1, 1 kcps 0.59 to 0.81 ms out2 5 kcps 0.29 to 0.44 ms * the variation in delays is due to different modes and conditions. for systems where the delay is a problem, take actual measurements under operating conditions. output delay 2. change the set value from 250 to 1,250. pressing increment keys 1 to 6 advances the corresponding column value by 1. nonsignificant zeros are not normally shown on the set value display. run mode n examples
23 h7cr h7cr setting mode changing setting in the function setting mode 1. press the mode key to switch from run mode to setting mode. the counter will continue operation if switched from run mode to function setting mode during operation. the mode key will be locked if the key protection function is enabled. settings changed in the function setting mode are not effective until run mode is entered. as the operating conditions will change in this case, always reset operation with the reset key or a reset input. 2. press the mode key to scroll successively through the items that can be set. release the mode key to select the desired item. 3. changing the counting speed or another selected item: press the mode key until the desired item appears. change the item setting by pressing increment keys 1 to 6. press the display key to return to run mode from setting mode. precautions 25 load (ma dc) 20 15 10 supply voltage (vdc) n external power supply the capacity of the counter's external power supply is 50 ma at 24 vdc or 100 ma at 12 vdc. for models with 24 vac/12 to 24 vdc specifications, loads must be established between the following limits. 12 vdc 24 vdc 10 20 50 100 0
24 h7cr h7cr display meaning outputs recovery C C C C present value not press reset key below minimum changed. for 1 second or ffffff present value reset input. above maximum e1 cpu error off press reset key e2 memory error for 1 second. n power supply n operating environment always isolate the counter from external circuits or short all terminals before measuring dielectric strength between electric circuits and non-charged metal parts or performing similar testing with the counter mounted in a control panel. this is to prevent internal circuit damage that might occur if the test voltage enters the counter interior due to withstand-voltage or insulation failure in control panel devices. the counter contains a lithium battery, and must never be incinerated. dispose of the counter as a noncombustible item. n other when the power turns off then on, the input signal may or may not be received. the diagram below shows when the input signal will be received, will not be received or will be unstable. the unstable period will vary with power supply voltage, and the load conditions on external power supplies. for 100 to 240 vac and 24 vac/12 to 24 vdc counters, be sure that the capacity of the external power supply is adequate, because the power supply may not provide a surge current sufficient to start the counter due to the switching regulator contained in the counter's internal circuitry. connect the power supply voltage through a relay or switch in such a way that the voltage reaches a fixed value immediately. received 0 to 0.9 s 10 ms 0 to 50 ms off on power supply not received input not received unstable n transistor output the transistor output in h7cr counters is optically isolated from the internal circuitry by a photocoupler, so either npn or pnp output is possible. C C C C: displayed for +/C range counters h7cr-c and h7cr-sc when max. negative value is exceeded. ffffff: displayed for +/C range counters h7cr-c and h7cr-sc when max. positive value is exceeded. although the front of the counter resists water and oils and can be used where subject to these, extended exposure to large amounts of either can adversely affect internal components. the counter, input signal lines, and the input device must be separated as far as possible from any sources of electrical noise, such as high-voltage power lines. shielded input signal lines can also be effective in suppressing noise. to prevent damage, the exterior of the counter must not be exposed to organic solvents (e.g., paint thinner or benzene), strong alkalis, or strong acids. n self diagnostic functions the displays at right appear when irregularities occur. when the problems causing these conditions have been cleared, the preset count value and all outputs will be reset in the same way as when the reset key is pressed.
25 h7cr h7cr applications of operating modes n single operating modes single operating modes are basic modes, among which, mode n is the most basic (input the reset signal to restart). mode n the displayed count-up value is on hold. example: cutting objects to specified size the object is advanced for a specified distance measured by encoder pulses to determine correct length for cutting. n repetitive operating modes modes r and c are typical of repetitive operating modes (the counter internally resets itself after each counting operation and then restarts). the counter begins the next counting operation after the present output is processed. mode r the displayed count-up value is on hold. example: portion control of material or ingredients the valve is closed when the supplied quantity of cookie batter or blended ingredient has reached a specified amount. mode a select mode a for a one-shot output of the count-up signal used in mode n. the displayed count-up value is on hold. mode a can be used for a start signal for sequence control equipment. mode f go to mode f to monitor the number of overrun objects. the process value is displayed normally. it is possible to monitor the number of overrun objects upon interruption of the operation after a specified number of objects are counted. mode k select mode k for the one-shot output of the count-up signal used in mode f. mode k can be used as a start signal for sequence control equipment. rotary encoder counter programmable controller wood mode q choose mode q to view the process value continuously. there is no difference in operation between mode r and mode q. mode c the counting operation restarts upon counting up. the process value is displayed continuously. example: marking material at regular intervals a roll of film being advanced is marked at regular intervals based on encoder input. cookie batter valve opening/ closing counter rotary encoder mode p choose mode p to put the count-up value on hold (display is on hold while the one-shot output is on). there is no difference in operation between mode c and mode p. rotary encoder counter ink cutter control
26 h7cr h7cr omron europe b.v. ema-isd, tel:+31 23 5681390, fax:+31 23 5681397, http://www.eu.omron.com/ema cat . n o . gc cn4a 6/98/26m specifications subject to change without notic e . p r inted in the u . s .a. n o te : dimensions sh o wn are in millimeters . t o co n ve r t millimete r s to inches , divide b y 25.4.


▲Up To Search▲   

 
Price & Availability of H7CR-SCSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X