Part Number Hot Search : 
BD546 SDMO07A T2N7002A B160A LBN70A62 1505D 10D20 74HC245N
Product Description
Full Text Search
 

To Download 2SD5702 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD5702 description ? ? with to-3p(h)is package ? built-in damper diode ? high voltage ,high speed applications ? for color display horizontal deflection output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 6 v i c collector current 6 a i cm collector current-peak 16 a p c collector power dissipation t c =25 ?? 60 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3p(h)is) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD5702 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =4a ;i b =0.8a 2.0 5.0 v v besat base-emitter saturation voltage i c =4a; i b =0.8a 1.5 v i cbo collector cut-off current v cb =800v; i e =0 10 | a i ebo emitter cut-off current v eb =4v; i c =0 40 200 ma h fe-1 dc current gain i c =1a ; v ce =5v 10 30 h fe-2 dc current gain i c =3a ; v ce =5v 5 15 f t transition frequency i c =1a ; v ce =10v 3 mhz v f diode forward voltage i f =6a 2.0 v t f fall time i c =4a ;i b1 =0.8a;i b2 =-1.6a v cc =200v; r l =50 |? 0.4 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SD5702 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SD5702

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X