Part Number Hot Search : 
MAX662 X323CS CTQ080 SMCJ26 DM8575N KIA494AP 20N60 SR606
Product Description
Full Text Search
 

To Download 2SC3482 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn power transistor 2SC3482 description high breakdown voltage- : v cbo = 1500v (min) high switching speed high reliability built-in damper diode applications designed for high definition crt display horizontal deflection output applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage 1500 v v ceo collector-emitter voltage 800 v v ebo emitter-base voltage 7 v i c collector current- continuous 6 a i cp collector current-pulse 16 a p c collector power dissipation @ t c =25 120 w t j junction temperature 150 t stg storage temperature range -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn power transistor 2SC3482 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = 5ma; r be = 800 v v (br)cbo collector-base breakdown voltage i c = 5ma; i e = 0 1500 v v (br)ebo emitter-base breakdown voltage i e = 200ma; i c = 0 7 v v ce (sat) collector-emitter saturation voltage i c = 5a; i b = 1.2a b 5.0 v v be (sat) base-emitter saturation voltage i c = 5a; i b = 1.2a b 1.5 v i cbo collector cutoff current v cb = 800v; i e = 0 10 a i ebo emitter cutoff current v eb = 4v; i c = 0 40 130 ma h fe dc current gain i c = 1a; v ce = 5v 8 v ecf c-e diode forward voltage i f = 6a 2.0 v f t current-gain?bandwidth product i c = 1a; v ce = 10v 3 mhz t stg storage time 3.0 s t f fall time i c = 5a, i b1 = 1a; i b2 = -2a; r l = 40 ; v cc = 200v 0.3 s isc website www.iscsemi.cn 2


▲Up To Search▲   

 
Price & Availability of 2SC3482

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X