Part Number Hot Search : 
UMTS200 LR120 3DD1300 ZVN2110A SD243 74AUP1G 2SC60 MB951
Product Description
Full Text Search
 

To Download 2SA794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA794 2SA794a d escription with to-126 package complement to type 2sc1567/1567a high collector-emitter voltage v c eo applications for low frequency output driver optimum for the driver stage of low frequency and 40w to 100w output amplifier pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SA794 -100 v cbo collector-base voltage 2SA794a open emitter -120 v 2SA794 -100 v ceo collector- emitter voltage 2SA794a open base -120 v v ebo emitter-base voltage open collector -5 v i c collector current -0.5 a i cm collector current-peak -1 a p c collector power dissipation t c =25 1.2* w t j junction temperature 150  t stg storage temperature -55~+150  * without heat sink
savantic semiconductor product specification 2 silicon pnp power transistors 2SA794 2SA794a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SA794 -100 v (br)ceo collector-emitter breakdown voltage 2SA794a i c =-100a ;i b =0 -120 v v (br)ebo emitter-base breakdown voltage i e =-1a ;i c =0 -5 v v cesat collector-emitter saturation voltage i c =-500ma ;i b =-50ma -0.2 -0.4 v v besat base-emitter saturation voltage i c =-500ma ;i b =-50ma -0.85 -1.2 v h fe-1 dc current gain i c =-150ma ; v ce =-10v 90 220 h fe-2 dc current gain i c =-500ma ; v ce =-5v 50 c ob collector output capacitance i e =0 ; v cb =-10v;f=1mhz 20 pf f t transition frequency v cb =-10v;i e =50ma;f=200mhz 120 mhz  h fe-1 classifications q r 90-155 130-220
savantic semiconductor product specification 3 silicon pnp power transistors 2SA794 2SA794a package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SA794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X