Part Number Hot Search : 
1N137 AO4498E Z90213 BA7745 AW56W 025PR LCA110 PA431807
Product Description
Full Text Search
 

To Download 2N6500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2N6500 description with to-66 package wide area of operation high sustaining voltage applications for high-speed switching and linear- amplifier applications pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 120 v v ceo collector-emitter voltage open base 90 v v ebo emitter-base voltage open collector 7 v i c collector current 4 a i cm collector current-peak 5 a i b base current 3 a p t total power dissipation t c =25 35 w t j junction temperature 150  t stg storage temperature -65~200  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 5.0 /w fig.1 simplified outline (to-66) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2N6500 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.2 a ; i b =0 90 v v cesat collector-emitter saturation voltage i c =3a; i b =0.3a 1.5 v v besat base -emitter saturation voltage i c =3a; i b =0.3a 2.5 v i cev collector cut-off current v ce =110v;v be(off) =-1.5v t c =150 5.0 10 ma i ceo collector cut-off current v ce =70v; i b =0 5.0 ma i ebo emitter cut-off current v eb =7v; i c =0 25 ma h fe dc current gain i c =3a ; v ce =2v 15 60 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 175 pf
savantic semiconductor product specification 3 silicon npn power transistors 2N6500 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N6500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X