Part Number Hot Search : 
FAN53418 1017000 RB3039 TA78012 AD5258 BC857C HJ1109 MV8411
Product Description
Full Text Search
 

To Download 18-225-B6R6C-C01-3T11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http://www.everlight.com rev 2 page: 1 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo technical data sheet chip led with bi-color(multi-color) 18-225/b6r6c-c01/3t features ? package in 8mm tape on 7 diameter reel. ? compatible with automatic placement equipment. ? compatible with infrared and vapor phase reflow solder process. ? multi-color type. ? pb-free. ? the product itself will remain within rohs compliant version. descriptions ? the 18-225 smd led is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. ? besides, lightweight makes them ideal for miniature applications. etc. applications ? backlighting in dashboard and switch. ? telecommunication: indicator and backlighting in telephone and fax. ? flat backlight for lcd, switch and symbol. ? general use. device selection guide chip resin color type material emitted color b6 ingan blue water clear r6 algainp brilliant red
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 2 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo package outline dimensions - + - + cathode mark 1 2 polarity recommend soldering pad red blue 0.8 1.6 0.4 0.8 0.4 0.32 0.32 0.15 0.5 4 3 0.5 0.7 0.5 0.4 0.3 1 2 4 3 2 1 3 4 0.4 note: the tolerances unless mentioned is 0.1mm ,unit = mm blue red
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 3 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo absolute maximum ratings (ta=25 ) parameter symbol rating unit reverse voltage v r 5 v forward current i f b6:25 r6:25 ma peak forward current (duty 1/10 @1khz) i fp b6:100 r6:60 ma power dissipation pd b6:110 r6:60 mw electrostatic discharge(hbm) esd b6:150 r6:2000 v operating temperature topr -40 ~ +85 storage temperature tstg -40 ~ +90 soldering temperature tsol reflow soldering : 260 for 10 sec. hand soldering : 350 for 3 sec.
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 4 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo electro-optical characteristics (ta=25 ) parameter symbol min. typ. max. unit condition luminous intensity iv b6 r6 18.0 18.0 28.5 28.5 ----- mcd i f =5ma viewing angle 2 1/2 ----- 120 ----- deg i f =5ma peak wavelength p b6 r6 ----- 468 632 ----- nm i f =5ma dominant wavelength d b6 r6 ----- 470 624 ----- nm i f =5ma spectrum radiation bandwidth b6 r6 ----- 35 20 ----- nm i f =5ma forward voltage v f b6 r6 2.7 1.7 3.3 2.0 3.7 2.4 v i f =5ma reverse current i r b6 r6 ----- ----- 50 10 a v r =5v
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 5 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo typical electro-optical characteristics curves b6 25 0 50 75 100 ta=25c forward voltage v (v) relative luminous intensity (%) -60 forward current derating curve ambient temperature ta (c) forward current f i (ma) 1 10 -20 -40 0 20 60 40 100 80 relative luminous intensity (%) 100 1000 forward current wavelength (nm) luminous intensity vs. ambient temperature i (ma) f spectrum distribution forward voltage f ta=25c forward current vs. 10 relative luminous intensity (%) 1 10 100 forward current i (ma) 10 10 f ta=25c luminous intensity vs. forward current 30 20 ta=25c 10 0 radiation diagram 40 60 50 90 80 0.6 70 0.2 0.1 0.5 0.3 0.4 1.0 0.8 0.9 0.7 ambient temperature ta (c) 400 550 450 500 600 2.6 0 10 25 20 40 30 50 4.2 3.4 3.0 3.8 4.5 1000 d u t y = 1 / 1 0 f = 1 k h z 1 2 0 10 0 20 30 25 40 50 40 20 60 100 85
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 6 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo typical electro-optical characteristics curves r6 relative luminous intensity (%) ambient temperature ta (c) ambient temperature ta (c) ta=25c radiation diagram forward current luminous intensity vs. ta=25c f forward voltage v (v) ta=25c forward voltage forward current vs. wavelength (nm) ta=25c spectrum distribution f i (ma) forward current ( ) % relative luminous intensity ambient temperature luminous intensity vs. ( ) % i (ma) f forward current forward current derating curve relative luminous intensity
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 7 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo label explanation cat: luminous intensity rank hue: dom. wavelength rank ref: forward voltage rank reel dimensions note: the tolerances unless mentioned is 0.1mm ,unit = mm rohs pb cpn : p n : xxxxxxxxxxxxx xxxxxxxxxxxxx qty : xxx lot no : xxxxxxxxxx reference : xxxxxxxx cat : xxx hue : xxx ref : xxx everlight made in taiwan
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 8 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo carrier tape dimensions: loaded quantity 3000 pcs per reel - + - + note: the tolerances unless mentioned is 0.1mm,unit = mm moisture resistant packaging label desiccant label aluminum moisture-proof bag
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 9 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo reliability test items and conditions the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. items test condition test hours/cycles sample size ac/re 1 reflow soldering temp. : 260 5 max. 10sec. 6 min. 22 pcs. 0/1 2 temperature cycle h : +100 15min 5 min l : -40 15min 300 cycles 22 pcs. 0/1 3 thermal shock h : +100 5min 10 sec l : -10 5min 300 cycles 22 pcs. 0/1 4 high temperature storage temp. : 100 1000 hrs. 22 pcs. 0/1 5 low temperature storage temp. : -40 1000 hrs. 22 pcs. 0/1 6 dc operating life i f = 20 ma 1000 hrs. 22 pcs. 0/1 7 high temperature / high humidity 85 / 85%rh 1000 hrs. 22 pcs. 0/1
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 10 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo precautions for use 1. over-current-proof customer must apply resistors for protection, ot herwise slight voltage shift will cause big current change ( burn out will happen ). 2. storage 2.1 do not open moisture proof bag before the products are ready to use. 2.2 before opening the package: the leds should be kept at 30 or less and 90%rh or less. 2.3 after opening the package: the led's floor life is 1 year under 30 or less and 60% rh or less. if unused leds remain, it should be stored in moisture proof packages. 2.4 if the moisture absorbent material (silica gel) has faded away or the leds have exceeded the storage time, baking treatment should be performed using the following conditions. baking treatment : 60 5 for 24 hours. 3. soldering condition 3.1 pb-free solder temperature profile pre-heating 150~200c 60~120sec. above 217c 60~150sec. 260c max. 10sec. max. 6c/sec.max. above255c 30sec.max. 3c/sec.max. 3.2 reflow soldering should not be done more than two times. 3.3 when soldering, do not put stress on the leds during heating. 3.4 after soldering, do not warp the circuit board.
18-225/b6r6c-c01/3t everlight electronics co., ltd. http://www.everlight.com rev 2 page: 11 of 11 device no:dse-00005365 prepared date: 05-jul-2011 prepared by: ashley kuo 4.soldering iron each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25w. leave two seconds and more intervals, and do soldering of each terminal. be careful because the da mage of the product is often started at the time of the hand solder. 5.repairing repair should not be done after the leds have been soldered. when repairing is unavoidable, a double-head soldering iron should be used (as below figure). it should be confirmed beforehand whether the characteristics of the leds will or will not be damaged by repairing. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http://www.everlight.com


▲Up To Search▲   

 
Price & Availability of 18-225-B6R6C-C01-3T11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X