Part Number Hot Search : 
7912ACT 7912ACT 1N4751 MAX17 KRC404E BU2099 UPD16502 TB0610A
Product Description
Full Text Search
 

To Download 17-215-S2C-AQ1R2B-3T11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 1 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian technical data sheet 0805 package chip led (0.8mm height) 17-215/s2c-aq1r2b/3t features ? package in 8mm tape on 7 diameter reel. ? compatible with automatic placement equipment. ? compatible with infrared and vapor phase reflow solder process. ? mono-color type. ? pb-free. ? the product itself will remain with in rohs complia nt version descriptions ? the 17-215 smd led is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. ? besides, lightweight makes them ideal for miniature applications. etc. applications ? backlighting in dashboard and switch. ? telecommunication: indicator and backlighting in telephone and fax. ? flat backlight for lcd, switch and symbol. ? general use. device selection guide part no. chip emitted color resin color material 17-215/s2c-aq1r2b/3t algainp brilliant orange water clear
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 2 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian package outline dimensions note: the tolerances unless mentioned are 0.1mm ,unit = mm
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 3 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian absolute maximum ratings (ta=25 ) parameter symbol rating unit reverse voltage v r 5 v forward current i f 25 ma peak forward current (duty 1/10 @1khz) i fp 60 ma power dissipation p d 60 mw electrostatic discharge(hbm) esd 2000 v operating temperature topr -40 ~ +85 storage temperature tstg -40 ~ +90 soldering temperature tsol reflow soldering : 260 for 10 sec. hand soldering : 350 for 3 sec. electro-optical characteristics (ta=25 ) parameter symbol min. typ. max. unit condition luminous intensity i v 72.0 ----- 180 mcd i f =20ma viewing angle 2 1/2 ----- 130 ---- deg peak wavelength p ---- 611 ---- nm dominant wavelength d 600.5 ---- 612.5 nm spectrum radiation bandwidth ----- 17 ---- nm forward voltage v f 1.75 ---- 2.35 v reverse current i r ---- ---- 10 a v r =5v notes: 1.tolerance of luminous intensity 11% 2.tolerance of dominant wavelength 1nm 3.tolerance of forward voltage 0.1v
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 4 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian bin range of luminous intensity bin min max unit condition q1 72.0 90.0 mcd i f =20ma q2 90.0 112 r1 112 140 r2 140 180 bin range of dom. wavelength group bin min max unit condition a d8 600.5 603.5 nm i f =20ma d9 603.5 606.5 d10 606.5 609.5 d11 609.5 612.5 bin range of luminous voltage group bin min max unit condition b 0 1.75 1.95 v i f =20ma 1 1.95 2.15 2 2.15 2.35 notes: 1.tolerance of luminous intensity 11% 2.tolerance of dominant wavelength 1nm 3.tolerance of forward voltage 0.1v
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 5 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian typical electro-optical characteristics curves
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 6 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian label explanation cat: luminous intensity rank hue: dom. wavelength rank ref: forward voltage rank reel dimensions note: the tolerances unless mentioned is 0.1mm ,unit = mm
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 7 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian carrier tape dimensions: loaded quantity 3000pcs pe r reel note: the tolerances unless mentioned is 0.1mm ,unit = mm moisture resistant packaging label aluminum moisture-proof bag desiccant label
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 8 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian reliability test items and conditions the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. items test condition test hours/cycles sample size ac/re 1 reflow soldering temp. : 260 5 min. 5sec. 6 min. 22 pcs. 0/1 2 temperature cycle h : +100 15min 5 min l : -40 15min 300 cycles 22 pcs. 0/1 3 thermal shock h : +100 5min 10 sec l : -10 5min 300 cycles 22 pcs. 0/1 4 high temperature storage temp. : 100 1000 hrs. 22 pcs. 0/1 5 low temperature storage temp. : -40 1000 hrs. 22 pcs. 0/1 6 dc operating life i f = 20 ma 1000 hrs. 22 pcs. 0/1 7 high temperature / high humidity 85 / 85% rh 1000 hrs. 22 pcs. 0/1
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 9 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian precautions for use 1. over-current-proof customer must apply resistors for protection, other wise slight voltage shift will cause big current change ( burn out will happen ). 2. storage 2.1 do not open moisture proof bag before the produ cts are ready to use. 2.2 before opening the package: the leds should be kept at 30 or less an d 90%rh or less. 2.3 after opening the package: the led's floor life is 1 year under 30 or less and 60% rh or less. if unused leds remain, it should be stored in moist ure proof packages. 2.4 if the moisture absorbent material (silica gel) has faded away or the leds have exceeded the storage time, baking treatment should be performed using the following conditions. baking treatment : 605 for 24 hours. 3. soldering condition 3.1 pb-free solder temperature profile 3.2 reflow soldering should not be done more than t wo times. 3.3 when soldering, do not put stress on the leds d uring heating. 3.4 after soldering, do not warp the circuit board.
17-215/s2c-aq1r2b/3t everlight electronics co., ltd. http:// www.everlight.com rev.1 page: 10 of 10 device no. : dse- prepared dat e: 1-july-2011 prepared by: chao daijian 4.soldering iron each terminal is to go to the tip of soldering iro n temperature less than 350 for 3 seconds within once in less than the soldering iron capacit y 25w. leave two seconds and more intervals, and do soldering of each terminal. be careful because the damage of the product is often started at the time of the hand solder. 5.repairing repair should not be done after the leds hav e been soldered. when repairing is unavoidable, a double-head soldering iron should be used (as below figure). it should be confirmed beforehand whether the characteristics of the leds will or will not be damaged by repairing. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, f ax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiwan, r.o.c http:// www.everlight.com


▲Up To Search▲   

 
Price & Availability of 17-215-S2C-AQ1R2B-3T11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X