Part Number Hot Search : 
600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1 5623A9
Product Description
Full Text Search
 

To Download UMD3N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual UMD3N npn-pnp built-in resistors multi-chip digital transistor http://www.secosgmbh.com elektronische bauelemente features * dta114e and dtc114e transistors are built-in a sot-363 package. * transistor elements are independent, eliminating interference. * mounting cost and area can be cut in half. electrical characteristics( tamb=25 o c unless otherwise specified) 01 -jan-2006 rev. b page 1 of 2 d t r 2 d t r 1 (3) (2) (4) (5) r 1 r r 2 r 1 =r 2 =10 k marking: d 3 para meter symbol limit s unit (1) (6) 2 r 1 supply voltage v cc 50 v input voltage v in -10~40 v i o 50 output current i c(max) 100 ma power dissipation pd 150(total) mw junction temperature tj 150 storage temperature tstg -55~150 electrical characteristics (ta=25 ) parameter symbol min. typ max. unit conditions v i(off) 0.5 v cc =5v ,i o =100 a input voltage v i(on) 3 v v o =0.3v ,i o =10ma output voltage v o(on) 0.3 v i o /i i =10ma/0.5ma input current i i 0.88 ma v i =5v output current i o(off) 0.5 a v cc =50v, v i =0 dc current gain g i 30 v o =5v,i o =5ma input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t 250 mhz v ce =10v ,i e =-5ma,f=100mhz sot-363 dimensions in inches and (millimeters) .014(0.35) .006(0.15) .087(2.20) .079(2.00) .055(1.40) .047(1.20) .026 t yp (0.65 t yp) .096(2.45) .085(2.15) .021ref (0.525)ref .018(0.46) .010(0.26) .006(0.15) .003(0.08) .053(1.35) .045(1.15) .043(1.10) .035(0.90) .039(1.00) .035(0.90) .004(0.10) .000(0.00) 8 o o 0 ? 1 2 3 4 5 6
any changing of specification will not be informed individual UMD3N npn-pnp built-in resistors multi-chip digital transistor http://www.secosgmbh.com ele k troni sche bauelemente 01 -j a n-200 6 rev. b page 2 of 2 dt r 1 (npn) input voltage : v i (on) (v) output current : i o (a) 100 200 500 1m 2m 5m 10m 20m 50m 100m 100 50 20 10 5 2 1 500m 200m 100m v o =0.3v ta= ? 40?c 25?c 100?c fig.1 input voltage vs. output current (on characteristics) input voltage : v i (off) (v) output current : io (a) 03 10m 1 2m 5m 1m 200 500 100 20 50 10 2 5 0.5 1 1.5 2 2.5 v cc =5v ta=100?c 25?c ? 40?c fig.2 output current vs. input voltage (off characteristics) output current : i o (a) dc current gain : g i 100 200 500 1m 2m 5m 10m 20m 50m 100m 1k 500 200 100 50 20 10 5 2 1 v o =5v ta=100?c 25?c ? 40?c fig.3 dc current gain vs. output current output current : i o (a) output voltage : v o (on) (v) 100 200 500 1m 2m 5m 10m 20m 50m 100m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m l o /l i =20 ta=100?c 25?c ? 40?c fig.4 output voltage vs. output current dt r 2 (pnp) v o = ? 0.3v input voltage : v i (on) (v) output current : i o (a) ? 100 ? 50 ? 20 ? 10 ? 200m ? 100m ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m ? 5 ? 2 ? 1 ? 500m 25?c 100?c ta= ? 40?c fig.5 input voltage vs. output current (on characteristics) v cc = ? 5v 0 ? 3 ? 10m ? 1 ? 2m ? 5m ? 1m ? 200 ? 500 ? 100 ? 20 ? 50 ? 10 ? 2 ? 5 ? 0.5 ? 1 ? 1.5 ? 2 ? 2.5 input voltage : v i (off) (v) output current : io (a) ta=100? c 25? c ? 40?c fig.6 output current vs. input voltage (off characteristics) v o = ? 5v ta=100? c 25? c ? 40?c dc current gain : g i output current : i o (a) 1k 500 200 100 50 20 10 5 2 1 ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m fig.7 dc current gain vs. output current l o /l i =20 ta=100?c 25?c ? 40?c ? 1 ? 500m ? 200m ? 100m ? 10m ? 50m ? 5m ? 20m ? 2m ? 1m output current : i o (a) output voltage : v o (on) (v) ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m fig.8 output voltage vs. output current


▲Up To Search▲   

 
Price & Availability of UMD3N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X