Part Number Hot Search : 
LTC36 ATMEGA 85C18 LTC36 WC302 VLL1592 PM8313 KSP10
Product Description
Full Text Search
 

To Download UF806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ultr afa st s wi tch ing re ct ifi er s ultr afa st s wi tch ing re ct ifi er s features plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound. exceeds environmental standards of mil- s-19500/228. low power loss, high efficiency.low forward voltage, high current capability. high surge capacity. ultra fast recovery times, high voltage. mechanical dat a case: to-220ac molded plastic t erminals: lead solderable per mil-std-202, method 208 polarity: as marked.mounting position: any weight: 0.08 ounces, 2.24 grams. c h e n g - y i c h e n g - y i el ec t r o n ic volt age range -50 to 800 vol ts current -8.0 amperes maximum recurrent peak reverse voltage typy number maximum rms voltage maximum dc blocking voltage u f 8 0 0 u f 8 0 1 u f 8 0 2 u f 8 0 3 u f 8 0 4 u f 8 0 6 u f 8 0 8 u n i t s 5 0 1 0 0 2 0 0 3 0 0 4 0 0 6 0 0 8 0 0 v v v v 3 5 7 0 1 4 0 2 1 0 2 8 0 4 2 0 5 6 0 5 0 1 0 0 2 0 0 3 0 0 4 0 0 6 0 0 8 0 0 m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 0 r a t i n g s a t 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e , h a l f w a v e , 6 0 h z , r e i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . typical junction capacitance (note 2) maximum reverse recovery time (note 1) maximum instantaneous forward voltage at 8.0a typical junction resistance (note 3) r ja operating and storage temperature ra nge t j , t stg peak forward surge current, 8.3 ms single half sine-wavesuperimposed on rated load (jedec method) maximum average forward rectified current 0 .375"(9.5mm) lead length @ t c =100 c 0 maximum d.c reverse current @ t a= 25 c 0 at rated d.c blocking voltage @ t a =125 c 0 c 0 c / w a p f n s a 1 0 5 0 0 - 5 0 t o + 1 5 0 1 5 8 0 5 0 5 0 1 0 0 8 . 0 1 . 0 1 . 3 1 . 7 1 2 5 notes : 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mh z and applied reverse voltage of 4.0v d.c. 3. thermal resistance from j unction to ambient and from j unction to lead length 0.375" (9.5mm) p .c.b. mounted. a a u f 8 0 0 t h r u u f 8 0 8 t o - 2 2 0 a c
fig. 1 - typical forward current derating curve fig. 2 - typical reverse characteristics fig. 1 - reverse recovery time characteristic and test circuit diagram 2 0 1 6 1 2 84 0 1 2 5 1 0 0 7 5 5 0 2 5 8 0 4 0 2 0 1 0 3 . 0 1 . 0 0 . 3 0 . 1 0 . 0 3 0 . 0 1 1 2 5 1 0 2 0 5 0 1 0 0 1 0 0 0 1 0 0 1 0 1 . 0 0 . 1 0 5 0 1 0 0 1 5 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 8 fig. 5 - typical forward characteristics o case temperature, c forward volt age, volts munber of cycles at 60 h z 50 noninductive 1 non-inductive notes:1. rise time=7ns max. input impedance=1 megohm. 22pf 2. rise time=10ns max. source impedance=50 ohms. 10 noninductive d.u.t. oscilloscope note 1 pulse generator note 2 25 vdc (approx) (+) (+) () () set time base for10ns/cm 1cm -1.0 -0.25 0 +0.5a t rr i n s t a n t a n e o u s r e c t i f i e d c u r r e n t , m i c r o a m p e r e s . i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) percent of rated peak reverse vol tage p e a k f o r w a r d c u r r e n t . a m p e r e s p e a k f o r w a r d c u r r e n t . a m p e r e s 0 t = 25c j 0 t = 12 5 c j 0 t j =25 c 8.3ms single half since-wavejedec method fig. 3 - maximum non-repetitive forward surge current 2 1 0 2 0 0 1 6 0 1 2 0 8 0 4 0 0 1 2 5 1 0 2 0 5 0 1 0 0 2 0 0 5 0 0 fig. 4 - typicl junction capa citance reverse volt age, volts c a p a c i t a n c e . ( p f ) uf800 uf808 uf808 uf800 rating and characteristics curves uf800 thru uf808 c h e n g - y i c h e n g - y i el ec t r o n ic ultr afa st s wi tch ing re ct ifi er s ultr afa st s wi tch ing re ct ifi er s u f 8 0 0 t h r u u f 8 0 8


▲Up To Search▲   

 
Price & Availability of UF806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X