Part Number Hot Search : 
MT8986 THAT120 N1N759A SMD1812 1N4739 1N4739 MAX4052 DN004
Product Description
Full Text Search
 

To Download U74LVC1G00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd U74LVC1G00 cmos ic www.unisonic.com.tw 1 of 6 copyright ? 2011 unisonic technologies co., ltd qw-r502-401.b single 2-input nand gate ? description the U74LVC1G00 is a 2-input nand gate device which provides the function ? y=a b or + b in positive logic. this device has power-down protective circuit preventing device from destruction when it is powered down. ? features * operate from 1.65v to 5.5v * inputs accept voltages to 5.5v * high noise immunity * low power dissipation * max t pd of 3.8 ns at 3.3v ? ordering information ordering number package packing lead free halogen free U74LVC1G00l-af5-r U74LVC1G00g-af5-r sot-25 tape reel U74LVC1G00l-al5-r U74LVC1G00g-al5-r sot-353 tape reel ? marking
U74LVC1G00 cmos ic unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-401.b ? pin configuration ? function table input ( a ) input ( b ) output ( y ) h h l h l h l h h l l h note: h: high voltage level; l: low voltage level. ? logic diagram (positive logic) logic symbol iec logic symbol
U74LVC1G00 cmos ic unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-401.b ? absolute maximum rating (unless otherwise specified) parameter symbol ratings unit supply voltage v cc -0.5 ~ +6.5 v input voltage v in -0.5 ~ +6.5 v output voltage output in the high or low state v out -0.5 ~ +0.5 v output in the high-impedance or power-off state -0.5 ~ +6.5 v v cc or gnd current (output in the power-off state ) i cc 100 ma continuous output current ( v out =0 to v cc) i out 50 ma input clamp current ( v in <0 ) i ik -50 ma output clamp current ( v out <0 ) i ok -50 ma storage temperature range t stg -65 ~ +150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device operation is not implied. ? thermal data parameter symbol ratings unit junction to ambient sot-25 ja 230 c/w sot-353 350 ? recommended operating conditions parameter symbol test conditions min typ max unit supply voltage v cc operating 1.65 5.5 v data retention only 1.5 v input voltage v in 0 5.5 v output voltage v out high or low state 0 v cc v high-level output current i oh v cc =1.65v -4 ma v cc =2.3v -8 ma v cc =3v -16 ma v cc =3v -24 ma v cc =4.5v -32 ma low-level output current i ol v cc =1.65v 4 ma v cc =2.3v 8 ma v cc =3v 16 ma v cc =3v 24 ma v cc =4.5v 32 ma operating temperature t a -40 85 c input transition rise or fall rate t r / t f v cc =1.8v0.15v,2.5v0.2v 20 ns/v v cc =3.3v0.3v 10 ns/v v cc =5v0.5v 5 ns/v
U74LVC1G00 cmos ic unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-401.b ? electrical characteristics (t a =25c , unless otherwise specified) parameter symbol test conditions min typ max unit high-level input voltage v ih v cc =1.65v ~ 1.95v 0.65*v cc v v cc =2.3v ~ 2.7v 1.7 v v cc =3v ~ 3.6v 2 v v cc =4.5v ~ 5.5v 0.7*v cc v low-level input voltage v il v cc =1.65v ~ 1.95v 0.35*v cc v v cc =2.3v ~ 2.7v 0.7 v v cc =3v ~ 3.6v 0.8 v v cc =4.5v ~ 5.5v 0.3*v cc v high-level output voltage v oh i oh =-100 a v cc =1.65 ~ 5.5v v cc -0.1 v i oh =-4ma v cc =1.65v 1.2 v i oh =-8ma v cc =2.3v 1.9 v i oh =-16ma v cc =3.0v 2.4 v i oh =-24ma v cc =3.0v 2.3 v i oh =-32ma v cc =4.5v 3.8 v low-level output voltage v ol i ol =100 a v cc =1.65 ~ 5.5v 0.1 v i ol =4ma v cc =1.65v 0.45 v i ol =8ma v cc =2.3v 0.3 v i ol =16ma v cc =3.0v 0.4 v i ol =24ma v cc =3.0v 0.55 v i ol =32ma v cc =4.5v 0.55 v input leakage current i i ( leak ) v in =5.5v or gnd, v cc =0 ~ 5.5v 5 a power off leakage current i off v in or v out =5.5v, v cc =0v 10 a quiescent supply current i q v in =v cc or gnd,i out =0, v cc =1.65~5.5v 10 a additional quiescent supply current per input pin i q v cc =3 ~ 5.5v, one input at v cc -0.6v, other inputs at v cc or gnd 500 a input capacitance c i v cc =3.3v, v in =v cc or gnd 4 pf ? switching characteristics (t a =25 ) parameter symbol test conditions min typ max unit propagation delay from input (a or b) to output(y) t plh / t phl v cc =1.80.15v c l =15pf r l =1m ? 2.2 7.2 ns v cc =2.50.2v 0.9 4.4 ns v cc =3.30.3v 0.8 3.8 ns v cc =50.5v 0.8 3.4 ns v cc =1.80.15v, r l =1k ? c l =30pf 3.1 9 ns v cc =2.50.2v, r l =500 ? 1.3 5.5 ns v cc =3.30.3v, r l =500 ? 1 4.7 ns v cc =50.5v, r l =500 ? 1 4 ns ? operating characteristics (t a =25 ) parameter symbol test conditions min typ max unit power dissipation capacitance c pd v cc =1.8v f=10mh z 22 pf v cc =2.5v 22 v cc =3.3v 23 v cc =5.0v 25
U74LVC1G00 cmos ic unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-401.b ? test circuit and waveforms from output c l r l note: c l includes probe and jig capacitance. all input pulses are supplied by generators having the following characteristics: p rr 10mhz, z o = 50 ? . v cc inputs v m c l r l v in t r , t f 1.8v0.15v v cc 2ns v cc /2 15pf 1m ? 2.5v0.2v v cc 2ns v cc /2 15pf 1m ? 3.3v0.3v 3v 2.5ns 1.5v 15pf 1m ? 5v0.5v v cc 2.5ns v cc /2 15pf 1m ?
U74LVC1G00 cmos ic unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-401.b ? test circuit and waveforms(cont.) from output c l r l note: c l includes probe and jig capacitance. all input pulses are supplied by generators having the following characteristics: p rr 10mhz, z o = 50 ? . utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. v cc inputs v m c l r l v in t r , t f 1.8v0.15v v cc 2ns v cc /2 30pf 1k ? 2.5v0.2v v cc 2ns v cc /2 30pf 500 ? 3.3v0.3v 3v 2.5ns 1.5v 50pf 500 ? 5v0.5v v cc 2.5ns v cc /2 50pf 500 ?


▲Up To Search▲   

 
Price & Availability of U74LVC1G00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X