Part Number Hot Search : 
4000A LM32K10 MSZ52 HCF40208 NME0524D Y7C13 SSM2142P TWN6201
Product Description
Full Text Search
 

To Download SUD50N02-12P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  trenchfet  power mosfet  175  c junction temperature  pwm optimized for high efficiency applications  high-side synchronous buck dc/dc conversion - desktop - server SUD50N02-12P vishay siliconix document number: 72095 s-31269?rev. b, 16-jun-03 www.vishay.com 1 n-channel 20-v (d-s) 175  c mosfet product summary v ds (v) r ds(on) (  ) i d (a) a 20 0.012 @ v gs = 10 v 40 c 20 0.026 @ v gs = 4.5 v 27 c d g s n-channel mosfet to-252 s gd top view drain connected to tab order number: SUD50N02-12P absolute maximum ratings (t a = 25  c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 20 v gate-source voltage v gs  20 v continuous drain current a t c = 25  c i d 40 c continuous drain current a t c = 100  c i d 28 c a pulsed drain current i dm 90 a continuous source current (diode conduction) a i s 4 maximum power dissipation t c = 25  c p d 33.3 w maximum power dissipation t a = 25  c p d 6 a w operating junction and storage temperature range t j , t stg - 55 to 175  c thermal resistance ratings parameter symbol typical maximum unit maximum junction to ambient a t  10 sec r 20 25 maximum junction-to-ambient a steady state r thja 40 50  c/w maximum junction-to-case r thjc 3.7 4.5 c/w notes a. surface mounted on fr4 board, t  10 sec. b. limited by package c. based on maximum allowable junction temperature. package limitation current is 30 a.
SUD50N02-12P vishay siliconix www.vishay.com 2 document number: 72095 s-31269?rev. b, 16-jun-03 specifications (t j = 25  c unless otherwise noted) parameter symbol test condition min typ a max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 20 v gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 0.8 3.0 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na zero gate voltage drain current i dss v ds = 16 v, v gs = 0 v 1  a zero gate voltage drain current i dss v ds = 16 v, v gs = 0 v, t j = 125  c 50  a on-state drain current b i d(on) v ds = 5 v, v gs = 10 v 50 a v gs = 10 v, i d = 20 a 0.0095 0.012 drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 20 a, t j = 125  c 0.0143  drain source on state resistance r ds(on) v gs = 4.5 v, i d = 15 a 0.021 0.026  forward transconductance b g fs v ds = 15 v, i d = 20 a 10 s dynamic a input capacitance c iss 1000 output capacitance c oss v gs = 0 v, v ds = 10 v, f = 1 mhz 370 pf reverse transfer capacitance c rss 180 p gate resistance r g 3.0  total gate charge c q g 7.5 12 gate-source charge c q gs v ds = 10 v, v gs = 4.5 v, i d = 50 a 3.5 nc gate-drain charge c q gd v ds 10 v, v gs 4.5 v, i d 50 a 2.6 nc turn-on delay time c t d(on) 11 20 rise time c t r v dd = 10 v, r l = 0.2  10 15 ns turn-off delay time c t d(off) v dd = 10 v , r l = 0 . 2  i d  50 a, v gen = 10 v, r g = 2.5  24 35 ns fall time c t f 9 15 source-drain diode ratings and characteristic (t c = 25  c) pulsed current i sm 100 a diode forward voltage b v sd i f = 50 a, v gs = 0 v 1.1 1.5 v source-drain reverse recovery time t rr i f = 50 a, di/dt = 100 a/  s 20 40 ns notes a. guaranteed by design, not subject to production testing. b. pulse test; pulse width  300  s, duty cycle  2%. c. independent of operating temperature. typical characteristics (25  c unless noted) 0 15 30 45 60 75 90 0246810 0 15 30 45 60 75 90 01234567 output characteristics transfer characteristics v ds - drain-to-source voltage (v) - drain current (a) i d v gs - gate-to-source voltage (v) - drain current (a) i d 25  c 125  c t c = - 55  c 3 v 4 v 5 v 6 v v gs = 10 thru 7 v
SUD50N02-12P vishay siliconix document number: 72095 s-31269?rev. b, 16-jun-03 www.vishay.com 3 typical characteristics (25  c unless noted) 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 0.040 0 153045607590 0 2 4 6 8 10 0 4 8 12 16 0 300 600 900 1200 1500 048121620 capacitance gate charge transconductance on-resistance vs. drain current - gate-to-source voltage (v) - on-resistance ( q g - total gate charge (nc) i d - drain current (a) v ds - drain-to-source voltage (v) c - capacitance (pf) r ds(on)  ) v gs - transconductance (s) g fs v ds = 10 v i d = 50 a v gs = 10 v v gs = 4.5 v c rss 125  c c iss i d - drain current (a) c oss (normalized) - on-resistance ( r ds(on)  ) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 - 50 - 25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage t j - junction temperature (  c) v sd - source-to-drain voltage (v) - source current (a) i s 100 1 0.3 0.6 0.9 1.2 1.5 v gs = 10 v i d = 30 a t j = 25  c t j = 150  c 0 10 0 10 20 30 40 50 0 1020304050 25  c t c = - 55  c
SUD50N02-12P vishay siliconix www.vishay.com 4 document number: 72095 s-31269?rev. b, 16-jun-03 thermal ratings 0 4 8 12 16 20 0 25 50 75 100 125 150 175 safe operating area v ds - drain-to-source voltage (v) - drain current (a) i d 1000 10 0.01 0.1 1 10 100 1 100 t a = 25  c single pulse normalized thermal transient impedance, junction-to-ambient square wave pulse duration (sec) 2 1 0.1 0.01 10 -4 10 -3 10 -2 10 -1 110 normalized effective transient thermal impedance maximum drain current vs. ambiemt t emperature t a - ambient temperature (  c) - drain current (a) i d 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 1 ms 10 ms 100 ms dc 10, 100  s 1 s 1000 100 0.1 10 s 100 s limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of SUD50N02-12P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X