Part Number Hot Search : 
2SB744 SIM900A 2SK3136 WK090850 EF100 PRODUCT BCV62215 B597XX
Product Description
Full Text Search
 

To Download STK412-090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ordering number : enn7249 20703as (ot) no. 7249-1/4 overview the stk412-000 series are class h audio power amplifier hybrid ics that feature a built-in shift power supply circuit. these ics provide high efficiency audio power amplification by controlling (switching) the supply voltage supplied to the power transistors according to the detected level of the input audio signal. features ? pin compatible ic series that covers power ratings from 50 w 2 channels to 180 w 2 channels at 0.7 or 0.8% thd, 20 hz to 20 khz. this allows the use of a common pcb for all output classes. ? the pin arrangement is also unified with that of the three-channel stk413-000 series. this means that pcbs designed for three-channel models can also be used for two-channel models. ? miniature package 50 w/ch to 120 w/ch (thd = 0.8%, f = 20 hz to 20 khz): 64 36.5 8.5 mm* 150 w/ch to 180 w/ch (thd = 0.7%, f = 20 hz to 20 khz): 78 14044 9 mm* * not including the ic pins. ? allowable load shorted time: 0.3 s package dimensions unit: mm 4196-sip18 1 18 64.0 55.6 18.7 36.5 (6.21) 17 2.54=43.18 3.6 0.5 2.54 8.5 4.0 0.4 5.5 25.8 2.9 sanyo: sip18 [STK412-090] STK412-090 sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan two-channel shift power supply audio power amplifier ics 50w + 50 w thick-film hybrid ic any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircrafts control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein.
no. 7249- 2 /4 STK412-090 parameter type no. STK412-090 stk412-000 stk412-010 stk412-020 stk412-030 stk412-040 stk412-150 stk412-170 output (20 hz to 20 khz) 50 w + 50 w 60 w + 60 w 70 w + 70 w 80 w +80 w 100 w + 100 w 120 w + 120 w 150 w + 150 w 180 w + 180 w [thd] [0.8 %] [0.8 %] [0.8 %] [0.8 %] [0.8 %] [0.8 %] [0.7 %] [0.7 %] maximum supply voltage, v h 60 v 65 v 69 v 73 v 80 v 84 v 95 v 95 v (no signal) maximum supply voltage, v l 41 v 42 v 44 v 45 v 46 v 51 v 61 v 60 v (no signal) recommended supply voltage, 37 v 39 v 43 v 45 v 51 v 54 v 57 v 54 v v h recommended supply voltage, 27 v 29 v 30 v 32 v 34 v 36 v 38 v 37 v v l recommended load impedance 8 6 4 package 64 mm 36.5 mm 8.5 mm 78 mm 44 mm 9 mm series organization parameter symbol conditions ratings unit v h : maximum supply voltage 1 (no signal) v h max(1) 60 v v h : maximum supply voltage 2 (signal present) v h max(2) r l = 8, 6 53 v v h : maximum supply voltage 3 (signal present) v h max(3) r l = 4 43 v v l : maximum supply voltage 1 (no signal) v l max(1) 41 v v l : maximum supply voltage 2 (signal present) v l max(2) r l = 8, 6 36 v v l : maximum supply voltage 3 (signal present) v l max(3) r l = 4 29 v v h -v l : maximum supply voltage * 4 v h-l max no load 60 v thermal resistance q j-c per power transistor 2.2 c/w junction temperature tj max both the tjmax and tcmax conditions must be met. 150 c operating ic substrate temperature tc max 125 c storage temperature tstg C30 to +125 c allowable load shorted time * 3 ts v h = 37 v, v l = 27 v, r l = 8 , f = 50 hz, p o = 50w, 0.3 s one channel operating specifications maximum ratings at ta = 25 c these products are organized into a series based on their output power. parameter symbol test conditions * 1 standard value unit v cc (v) f (hz) p o (w) thd (%) min typ max p o (1) v h = 37 20 to 20 k 0.8 50 w output power v l = 27 p o (2) v h = 30 1 k 0.8 r l = 4 50 w v l = 23 total harmonic distortion thd v h = 37 20 to 20 k 50 0.4 % v l = 27 frequency characteristics f l , f h v h = 37 1.0 +0 C3 db 20 to 50 k hz v l = 27 input impedance ri v h = 37 1 k 1.0 55 k v l = 27 output noise voltage * 2 v no v h = 45 rg = 2.2 k 1.0 mvrms v l = 30 quiescent current i cco v h = 45 no load 30 ma v l = 30 no load 100 ma midpoint voltage v n v h = 45 C70 0 +70 mv v l = 30 operating characteristics at ta = 25 c, r l = 8 , rg = 600 , vg = 40 db, v z = 15 v, r l must be a non- inductive load. notes: * 1. unless otherwise specified, a constant-voltage power supply must be used during inspection. * 2. the output noise voltage rating gives the peak value read by an averaging vtvm. however, to eliminate the influence of flicker noise from the ac primary side line, use an ac stabilized power supply (50 hz).
no. 7249- 3 /4 STK412-090 internal equivalent circuit tr3 tr6 tr2 tr1 r2 tr7 r7 r3 c2 c1 r6 r1 tr5 tr4 13 15 9 16 12 8 1 1 10 17 18 tr9 tr10 r4 r5 tr8 d1 d2 tr13 tr16 tr12 tr1 1 tr41 r12 r41 r13 r14 r15 c12 c1 1 tr17 r17 r16 r1 1 tr15 tr51 tr14 tr18 tr19 tr20 d12 d41 d51 d53 d52 d42 d43 1 2 5 4 6 14 comparator r51 comparator 3 sub 7 10000 f 10000 f dba40c 500 500 +v h - -v h + + 10000 f 10000 f dba40c 500 500 +v l - -v l + + specified transformer power supply (mg-250 equivalent) specified transformer power supply (mg-200 equivalent) * 3. use the transformer power supply specified in the figure below for allowable load shorted time and output noise voltage measure ments. * 4. design circuits so that (|v h | - |v l |) is always less than 40 v when switching the power supply with the load connected. * 5. set up the v l power supply with an offset voltage at power supply switching (v l - l o ) of about 8 v as an initial target.
ps no. 7249- 4 /4 STK412-090 this catalog provides information as of february, 2003. specifications and information herein are subject to change without notice. specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customers products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customers products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the delivery specification for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. sample application circuit 33k 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 stk412-000 ser ies gnd gnd 560 100 f /100v 100 f /100v 100 f /50v 100 f /50v 100 f /63v 100 f /63v 2.2 f /50v 2.2 f /50v 470pf 100pf 100pf 470pf 0.1 f 560 100 f /10v 100 f /10v 3pf * 1 * 1 * 1 * 1 56k 1.5k /1w 1.5k /1w gza 15x gza 15x 100 /1w 100 /1w 3pf 56k 1k 1k ch.2 in 56k 56k ch.1 in ch.1 out ch.2 out 3 h 3 h 4.7 4.7 4.7 /1w 0.1 f 4.7 /1w sub .gnd - -v l +v h - -v h +v l gnd * 1: cement resistor, 0.22 , 10% (5 w)


▲Up To Search▲   

 
Price & Availability of STK412-090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X