Part Number Hot Search : 
HEF40 3120A PIC16C5 SN54L 2SC5888 2TZ15 KBPC2500 030K1F
Product Description
Full Text Search
 

To Download SOT-363RF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav99s 250mw high speed switching array small signal diode ? high reverse breakdown voltage rating ? moisture sensitivity level 1 ? matte tin(sn) lead finish with nickel(ni) underplate ? pb free version and rohs compliant ? green compound (halogen free) with suffix "g" on min max min max 1.80 2.00 0.071 0.079 1.15 1.35 0.045 0.053 0.15 0.30 0.006 0.012 ? case : sot-363 small outline plastic package - 1.10 - 0.043 0.25 0.40 0.010 0.016 0.02 0.10 0.001 0.004 orderin g information part no. package packing code packing marking sot-363 bav99s 3k / 7" reel rf k1 sot-363 bav99s 3k / 7" reel rfg k1 maximum ratings and electrical characteristics maximum ratings notes:1. pulse width=1 sec &1 sec unit (mm) unit (inch) g d e f 0.017 1.30 bsc 0.051 bsc 2.10 bsc c j i fsm 0.5 ma i frm . -65 to + 150 . 450 mw units 0.004 bsc ? case material-ul flammability rating 94v-0 features mechanical data h ? high temperature soldering guaranteed: 260c/10s packing code and prefix "g" on date code dimensions a b c ? weight : 0.008 qram(approx.) symbol pin confi g utation ? marking code : k1 non-repetitive peak forward surge current(note1) junction and storage temperature range p d t j , t stg repetitive peak reverse voltage type number rating at 25c ambient temperature unless otherwise specified. power dissipation 250 sot-363 repetitive peak forward current value v rrm 85 ? terminal: matte tin plated, lead free,solderable per mil-std-202, method 208 guaranteed ? fast switching speed mean forward current i o 200 ma 4.5 0.42 a 0.083 bsc 0.1 bsc i v i j h version : b11
bav99s 250mw high speed switching array small signal diode electrical characteristics i r = 2.5 a i f = 1.0ma i f = 10ma i f = 50ma i f = 100ma i f = 150ma v r = 75ma junction capacitance vr=0, f=1.0mhz - notes:2. reverse recovery test conditions: i =i =10ma, r =100 ? tape & reel specification sprocke hole position e 1.75 0.10 w 8.10 0.20 p0 4.00 0.10 punch hole position sprocke hole pitch tape width 3.15 0.10 55 min feed hole width 2.77 0.10 d2 13.0 0.20 item symbol reel inner diameter carrier depth c d1 carrier length b reel outside diameter sprocket hole dimension ( mm ) carrier width a f 3.50 0.05 1.22 0.10 1.50 0.10 d 178 1 d reel width embossment center overall tape thickness 12.30 0.20 2.00 0.05 0.229 0.013 w1 p1 t units reverse breakdown voltage v (br) 75 - v type number symbol min max v f - 0.715 1.250 v forward voltage - 0.855 - 1.000 - 1.200 - reverse leakage current i r -1 ua c j - 1.5 pf 4ns reverse recovery time (note 2 ) trr to p cover ta p e carieer tape a ny additional label (if required ) tsc label w1 d1 d2 d t c d p1 p0 a b f w e direction of feed version : b11
bav99s 250mw high speed switching array small signal diode rating and sharacteristic curves forward current(ma) fig 3 admissible power dissipation curve power dissipation(mw) instantaneous forward volatge (v) reverse volatge (v) td=i pp /2 a mbient tempeatature ( o c) fig 1 typical forward characteristics reverse voltage (v) ta=75c ta=25c ta=75c ta=25c fig 2 reverse current vs reverse voltage fig 4 typical junction capacitance version : b11


▲Up To Search▲   

 
Price & Availability of SOT-363RF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X