Part Number Hot Search : 
FM203 M29LV GJ88L02 63245 MRF9030 MCP79510 052418 CBC3105
Product Description
Full Text Search
 

To Download SI2302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vds= 20v rds(on), vgs@ 4.5v, ids@ ? rds(on), vgs@ 2.5v, ids@ 2.0a features advanced trench process technology high density cell design for ultra low on-resistance package dimensions s g d maximum ratings and thermal characterist ics (ta = 25oc unless otherwise noted) ? 115m parameter symbol limit unit drain-source voltage v ds 20 gate-source voltage v gs 8 v continuous drain current i d 2.3 pulsed drain current 1) i dm 8 a ta = 25 o maximum power dissipation ta = 75 o c p d 0.8 w operating junction and storage temperature range t j , t stg -55 to 150 o c junction-to-ambient thermal resistance (pcb mounted) 3) 166 o c/w 1.25 2) junction-to-ambient thermal resistance (pcb mounted) 2) 100 r r thja notes pulse width limited by maximum junction temperature. surface mounted on fr4 board, t  5 sec. surface mounted on fr4 board. 1) 3.6a 2) 3) millimeter ref. min. max. ref. min. max. a 2.70 3.10 g 1.90 ref. b 2.40 2.80 h 1.00 1.30 c 1.40 1.60 k 0.10 0.20 d 0.35 0.50 j 0.40 - e 0 0.10 l 0.85 1.15 f 0.45 0.55 m 0 10 millimeter 85m 20v n-channel enhancement mode mosfet SI2302 1 date:2011/05 www.htsemi.com semiconductor jinyu sot-23
electrical characteristics parameter test condition static drain-source breakdown voltage bv dss v gs = 0v, i d = 10ua 20 v drain-source on-state resistance v gs = 4.5v, i d = 3.6a 70 r ds(on) v gs = 2.5v, i d = 3.1a m ? gate threshold voltage v gs(th) v ds =v gs , i d = 250ua 0.6 v zero gate voltage drain current 0 v ds = 16v, v gs = 0v 1 gate body leakage i gss v gs = 8v, v ds = 0v 100 na forward transconductance g fs v ds = 5v, i d = 3.6a 10 s dynamic total gate charge q g 5.4 10 gate-source charge q gs 0.65 gate-drain charge q gd v ds = 10v, i d = 3.6a v gs = 4.5v 1.6 nc turn-on delay time t d(on) 12 25 turn-on rise time t r 36 60 turn-off delay time t d(off) 34 60 turn-off fall time t f v dd = 10v, rl=5.5 ? i d 3.6a,v gen = 4.5v r g = 6 10 25 ns input capacitance c iss 340 output capacitance c oss 115 reverse transfer capacitance c rss v ds = 10v, v gs = 0v f = 1.0 mhz 33 pf source-drain diode max. diode forward current i s diode forward voltage v sd i s = 1.6a, v gs = 0v pulse test: pulse width <= 300us, duty cycle<= 2% i dss ds = 20v, v gs = 0v tj=55 o c v 10 ua ? 85 85 115  1) 1) 1) symbol min. typ. miax. unit 1 . 2 v 1 . 6 a 2 date:2011/05 www.htsemi.com semiconductor jinyu 20v n-channel enhancement mode mosfet SI2302
0 2 4 6 8 10 0 0.5 1.0 1.5 2.0 2.5 on-resistance vs. drain current output characteristics transfer characteristics v ds drain-to-source voltage (v) drain current (a) i d v gs gate-to-source voltage (v) drain current (a) i d 0 2 4 6 8 10 012345 t c = 125  c 55  c 0, 0.5, 1 v v gs = 5 thru 2.5 v 1.5 v 2 v 0 200 400 600 800 1000 0 4 8 12 16 20 0.6 0.8 1.0 1.2 1.4 1.6 1.8 50 0 50 100 150 0 1 2 3 4 5 01234567 0 0.03 0.06 0.09 0.12 0.15 0246810 gate charge gate-to-source voltage (v) q g total gate charge (nc) v ds drain-to-source voltage (v) c capacitance (pf) v gs c rss c oss c iss v ds = 10 v i d = 3.6 a on-resistance ( r ds(on)  ) i d drain current (a) capacitance on-resistance vs. junction temperature v gs = 4.5 v i d = 3.6 a t j junction temperature (  c) (normalized) on-resistance ( r ds(on)  ) v gs = 2.5 v v gs = 4.5 v 25  c 3 date:2011/05 www.htsemi.com semiconductor jinyu 20v n-channel enhancement mode mosfet SI2302
0.2 0.4 0.6 0.8 1.0 1.2 power (w) 0.4 0.3 0.2 0.1 0.0 0.1 0.2 50 0 50 100 150 0 0.04 0.08 0.12 0.16 0.20 02468 source-drain diode forward voltage on-resistance vs. gate-to-source voltage threshold voltage single pulse power normalized thermal transient impedance, junction-to-ambient square wave pulse duration (sec) 2 1 0.1 0.01 10 4 10 3 10 2 10 1 1 normalized effective transient thermal impedance 30 on-resistance ( r ds(on)  ) v sd source-to-drain voltage (v) v gs gate-to-source voltage (v) source current (a) i s t j temperature (  c) variance (v) v gs(th) 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 i d = 3.6 a i d = 250  a 10 1 10 t j = 25  c t j = 150  c 0.01 0.10 1.00 10.00 time (sec) t c = 25  c single pulse 14 12 8 4 0 2 6 10 4 date:2011/05 www.htsemi.com semiconductor jinyu 20v n-channel enhancement mode mosfet SI2302


▲Up To Search▲   

 
Price & Availability of SI2302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X