Part Number Hot Search : 
14D151 AD9752 GL8U100 B3762 C1104 100CT BUL382D 74VHC14T
Product Description
Full Text Search
 

To Download RTBV1111S02ANNZS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k rotary kC 24 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com rtbv series 1-2 pole coded rotary switches features/benefits ? totally sealed ? detent angles, 15 , 22.5 , 30 and 36 ? multi pole ? coding functions ? robust construction typical applications ? telecommunications ? military ? instrumentation ? heavy-duty industrial equipment electrical data silver gold switching mode: bbm* bbm* max. switching power: 5va 0.2va max. switching current : 250 ma 20 ma min. switching current: 10 ma 1 ma max. carrying current: 5a 1a max. voltage: 25v 25v min. voltage: 5v 1v bounce: <5ms <5ms contact resistance after life: <100m <100m dialectric strength between contacts or contacts and frame: 500 v rms 500 v rms insulation resistance between contacts or contacts and frame: >10 9 >10 9 mechanical data number of banks: 1 to 10 operating torque: 5 ncm?0% (with 1 module) mechanical stop resistance: >70 ncm bushing mounting torque: 100 ncm materials housing: pbt thermoplastic and pc thermoplastic stationary contacts & terminals: nickel plated brass with additional gold or silver plating, insert molded in pbt thermoplastic. rotor: printed cir cuit, gold or silver plated. actuator: steel bushing: brass hardw are: stop pin and spring: stainless steel all models are rohs compliant and compatible. note: specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center. build-a-switch t o or der , simply select desired option from each category and place in the appropriate box. available options are shown and described on pages k-25 thru k-29. for additional options not shown in catalog, consult customer service center. designation rtbv indexing 1 1524 positions max. 2 22.5 16 positions max. 3 3012 positions max. 4 3610 positions max. number of banks**1 1 bank 2 2 banks 3 3 banks 4 4 banks switch function number of poles or code (binary code = b, complement = c, direct +complement = bc) (first digit), stop (with=s, without=w), maximum position (thir d & fourth digit) 1s02 sp, 02 positions with stop 1s03 sp, 03 positions with stop 1s04 sp , 04 positions with stop 1s05 sp , 05 positions with stop 1s06 sp, 06 positions with stop 1s07 sp, 07 positions with stop 1s10 sp , 10 positions with stop 1w10 sp, 10 positions without stop 1s11 sp , 11 positions with stop 1s12 sp , 12 positions with stop 1w12 sp, 12 positions without stop shaft diameter & style*** n metric shaft .236 (6,0) p standard shaft .250 (6,35) f metric shaft with flat .236 (6,0) g standard shaft with flat .250 (6,35) s metric shaft with slot .236 (6,0) t standard shaft with slot .250 (6,35) actuator length z (.984) 25 mm contact material s silver plated, matte-tin terminal p gold plated, matte-tin terminal seal a standard bushing for panel mount d sealed bushing for panel mount * other angles available by request ** several functions can be combined. for mor e information consult us. actuator option angle* n none for actuators without a flat 0 0 angle 3 30 angle 6 60 angle 9 90 angle 2 120 angle 8 180 angle 7 270 angle environmental data operating temperature: -25 0 c to +70 0 c storage temperature: -40 0 c to +85 0 c tot ally sealed: immersion test acc. to mil r22.097 f and nfc 20631/qf * bbm= break before make (non-starting) 1s14 sp, 14 positions with stop 1s16 sp , 16 positions with stop 1w16 sp, 16 positions without stop 1s24 sp, 24 positions with stop 1w24 sp, 24 positions without stop 2s04 dp , 4 positions with stop 2s05 dp, 5 positions with stop 2s06 dp, 6 positions with stop gs_ _ gray code with stop (indicate position) gw_ _ gray code without stop (indica te position) only can be 10,12, 16, 24 based on indexing bs_ _ binary code with stop (indicate position) bw_ _ binar y code without stop (indica te position) only can be 10,12, 16, 24 based on indexing cs_ _ complement with stop (indicate position) cw_ _ complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing es_ _ direct+ complement with stop (indica te position) ew_ _ direct+complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing ***note: metric diameter shafts ar e only available with metric diameter bushings, standar d 1.250 inch diameter shafts ar e only available with standar d 3/8 diameter bushings. note: s&t shaft diameter and style are only available with actuator option angle 0, 6, 9, 2.
kC5 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary .940 (23,88) 1.02 4 (26,0) 1.02 4 (26,0) .335 (8,5) .126 dia. (3, 2?) .039 (1,0) b a l .047 (1,2) .190 (4,82) .200 (5,08) .200 (5,08) .200 (5,08) .161 (4,08) .067 (1,7) .098 (2,5) m10 x .03 0 (m10 x 0,75 ) .354 (9,0) third angle projection rtbv series 1-2 pole coded rotary switches designation indexing rtbv dimensional drawings 1 15oindex/24 positions 4 36oindex/10 positions 3 30oindex/12 positions 2 22.5oindex/16 positions 1 module 2 module 3 module 4 module 5 x 2, 5 4 (5 x 0.1) ?1 (?.039 4 ) .945 typ (24) 1 0.419 10.65 2 0.619 15.73 3 0.819 20.81 4 1.02 25.89 number modules inch mm a: (standard) 0.984 inch (25 mm) 0.236 or 0.250 inch (?6 or 6.35 mm) l dimensions l dimensions a dimensions b
k rotary kC 26 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com third angle projection rtbv series 1-2 pole coded rotary switches number of banks switch function 1s10 1s12 1s16 8 9 10 c c 5 4 3 1 2 3cc8 76 1 2 3cc98 7 10 11 12 c c 6 5 4 15 16 cc 8 7 1 2 3c c11109 4 5 6 c c 14 13 12 1s24 19 21 cc 8 7 1 2 3 c c 15 14 13 4 5 6 c c 18 17 16 20 9 22 23 24 c c 12 11 10 note: several functions can be combined. for more information consult customer service. 2 2 banks 1 1 bank 4 4 banks 3 3 banks 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 c 1 2 3 4 5 6 7 8 9 10 1 1 12 13 14 15 16 17 18 19 2 0 21 22 23 24 1 single pole function 1s10, 1s12, 1s16, 1s24 1s02 sp, 02 positions with stop 1s03 sp, 03 positions with stop 1s04 sp, 04 positions with stop 1s05 sp, 05 positions with stop 1s06 sp, 06 positions with stop 1s07 sp , 07 positions with stop 1s10 sp , 10 positions with stop 1w10 sp, 10 positions without stop 1s11 sp, 11 positions with stop 1s12 sp , 12 positions with stop 1w12 sp, 12 positions without stop 1s14 sp , 14 positions with stop 1s16 sp , 16 positions with stop 1w16 sp, 16 positions without stop 1s24 sp, 24 positions with stop 1w24 sp, 24 positions without stop 2s04 dp, 4 positions with stop 2s05 dp, 5 positions with stop 2s06 dp, 6 positions with stop gs_ _ gray code with stop (indica te position) gw_ _ gray code without stop (indica te position) only can be 10,12, 16, 24 based on indexing bs_ _ binary code with stop (indica te position) bw_ _ binary code without stop (indica te position) only can be 10,12, 16, 24 based on indexing cs_ _ complement with stop (indica te position) cw_ _ complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing es_ _ direct+ complement with stop (indica te position) ew_ _ direct+ complement without stop (indica te position) only can be 10,12, 16, 24 based on indexing switch function number of poles or code (binary code = b, complement = c, direct +complement = bc) (first digit), stop (with=s, without=w), maximum position (third & fourth digit)
kC7 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary third angle projection rtbv series 1-2 pole coded rotary switches switch function 2s 0 6 2 1 c 1 4 1 6 1 1 1 3 1 c 1 5 1 5 2 c 2 3 2 1 2 6 2 4 2 c 2 2 2 bs10 bs12 bs16 bs24 cs10 cs12 cs16 cs24 es10 es12 es16 es24 2 double pole function e direct and complement binar y code c complement binar y code b binar y direct code g gra y code gs10 gs12 gs16 gs24 1 2 3 c 4 c 5 3 1 c 2 4
k rotary kC 28 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com third angle projection rtbv series 1-2 pole coded rotary switches seal .047 (1,2) .354 (9,0) a .236 dia. (6,0? m10x.030 (m10x0,75) 3/8-32 unef-2a a .047 (1,2) .354 (9,0) .250 dia. (6,35? .047 (1,2) .354 (9,0) a .236 dia. (6,0? m10x.030 (m10x0,75) o-ring seal a .047 (1,2) .354 (9,0) .236 dia. (6,0? m10x.030 (m10x0,75) p st andard shaft 0.250( 6,35) n metric shaft 0.236 (6,0) g st andard shaft with fla t 0.250 (6,35) f metric shaft with fla t 0.236 (6,0) t standard shaft with slot 0.250 (6,35) s metric shaft with slot 0.236 (6,0) d sealed bushing for panel mount a standard bushing for panel mount shaft diameter & style ***note: metric diameter shafts ar e only available with metric diameter bushings, standard 1.250 inch diameter shafts are only available with standard 3/8 diameter bushings. .343 (8,7) ?.402 (10,2) .343 (8,7) ?.383 (9,73) ? .2 3 6 6, 0 () .3 9 4 10 , 0 () .1 9 7 5, 0 () m1 0 x 0 ,7 5 .3 94 10,0 () ? .2 50 6, 35 () .1 97 5, 0 () 3/ 8 - 32 u nef - 2a .343 (8,7) ?.402 (10,2) .343 (8,7) ?.383 (9,73) .0 3 9 1, 0 () .0 7 9 2, 0 () .2 3 6 6, 0 () m1 0 x 0 ,7 5 .0 79 2, 0 ( ) .0 39 1, 0 () .2 50 6, 35 () 3/ 8 - 32 u nef - 2a .343 (8,7) ?.383 (9,73) .343 (8,7) ?.402 (10,2)
kC9 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k rotary third angle projection rtbv series 1-2 pole coded rotary switches actuator option angle actua tor length contact material 0 0 angle 7 270o 8 180o 2 120o 9 90o 6 60o 2 120o 9 90o 6 60o 0 0 angle shaft with fla t options shaft with slot options z (.984) 0,25 mm st andard shaft other lengths available by request. * note: see technical data section of this catalog for rohs compliant and compatible definition and specifications. * note: s&t shaft diameter and style are only available with actuator option angle 0, 6, 9, 2. co n t ac t an d option co d e te rmin al mater ial ra ti n g s sw it ch : 250 ma , p ow e r: 5 va ; c ar r y: 5 a m ps p si l ver sw it ch : 20 ma, p ow e r: 0.2 va ; ca rr y: 1 a m p go ld 10 5 0 10 0 150 20 0 250 ma current v 25 20 15 10 5 5 w 1 5 8 10 15 2 0 ma v 25 20 15 10 5 1 0, 2 w switching power: 0.2 w max. voltage: 25 v min. voltage: 1 v max. switching current: 20 ma min. switching current: 1 ma switching power: 5 w max. voltage: 25 v min. voltage: 5 v max. switching current: 250 ma min. switching curr ent: 10 ma s (silver contacts) p (gold cont acts) switching power n (none) for actuators without a flat


▲Up To Search▲   

 
Price & Availability of RTBV1111S02ANNZS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X