Part Number Hot Search : 
PSD751S HMC43206 NTE0505M M1101 1N4687 MAA4868K D5N50 FBR610
Product Description
Full Text Search
 

To Download RJK0365DPA-02-J0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rej03g1938-0110 rev.1.10 page 1 of 6 may 21, 2010 preliminary datasheet rjk0365dpa-02 silicon n channel power mos fet power switching features ? high speed switching ? capable of 4.5 v gate drive ? low drive current ? high density mounting ? low on-resistance r ds(on) = 6.3 m ? typ. (at v gs = 10 v) ? pb-free ? halogen-free outline renesas package code: pwsn0008dc-a (package name: wpak(2)) g d sss ddd 4 123 5678 1, 2, 3 source 4 gate 5, 6, 7, 8 drain 876 5 2 1 34 absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss 30 v gate to source voltage v gss 20 v drain current i d 30 a drain peak current i d(pulse) note1 120 a body-drain diode reverse drain current i dr 30 a avalanche current i ap note 2 12 a avalanche energy e ar note 2 14.4 mj channel dissipation pch note3 30 w channel to case thermal impedance ? ch-c note3 4.17 ?c/w channel temperature tch 150 ?c storage temperature tstg ?55 to +150 ?c notes: 1. pw ? 10 ? s, duty cycle ? 1% 2. value at tch = 25 ?c, rg ? 50 ? 3. tc = 25 ?c rej03g1938-0110 rev.1.10 may 21, 2010
rjk0365dpa-02 preliminary rej03g1938-0110 rev.1.10 page 2 of 6 may 21, 2010 electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 30 ? ? v i d = 10 ma, v gs = 0 gate to source leak current i gss ? ? 0.1 ? a v gs = 20 v, v ds = 0 zero gate voltage drain current i dss ? ? 1 ? a v ds = 30 v, v gs = 0 gate to source cutoff voltage v gs(off) 1.2 ? 2.5 v v ds = 10 v, i d = 1 ma r ds(on) ? 6.3 8.4 m ? i d = 15 a, v gs = 10 v note4 static drain to source on state resistance r ds(on) ? 8.9 12.7 m ? i d = 15 a, v gs = 4.5 v note4 forward transfer admittance |y fs | ? 60 ? s i d = 15 a, v ds = 10 v note4 input capacitance ciss ? 1180 ? pf output capacitance coss ? 230 ? pf reverse transfer capacitance crss ? 80 ? pf v ds = 10 v v gs = 0 f = 1 mhz gate resistance rg ? 0.8 ? ? total gate charge qg ? 7.6 ? nc gate to source charge qgs ? 3.0 ? nc gate to drain charge qgd ? 1.7 ? nc v dd = 10 v v gs = 4.5 v i d = 30 a turn-on delay time t d(on) ? 5.4 ? ns rise time t r ? 4.0 ? ns turn-off delay time t d(off) ? 34 ? ns fall time t f ? 4.3 ? ns v gs = 10 v, i d = 15 a v dd ? 10 v r l = 0.66 ? rg = 4.7 ? body?drain diode forward voltage v df ? 0.87 1.13 v i f = 30 a, v gs = 0 note4 body?drain diode reverse recovery time t rr ? 20 ? ns i f =30 a, v gs = 0 di f / dt = 100 a/ ? s notes: 4. pulse test
rjk0365dpa-02 preliminary rej03g1938-0110 rev.1.10 page 3 of 6 may 21, 2010 main characteristics drain to source voltage v ds (v) drain current i d (a) typical output characteristics drain current i d (a) gate to source voltage v gs (v) drain to source saturation voltage v ds (on) (mv) drain to source saturation voltage vs. gate to source voltage gate to source voltage v gs (v) typical transfer characteristics drain current i d (a) static drain to source on state resistance vs. drain current 50 40 30 20 10 0 246810 50 40 30 20 10 0 12 34 5 tc = 75 c 25c ?25c v ds = 10 v pulse test v gs = 2.6 v pulse test 10 3 1 30 300 1 10 100 1000 3 200 150 100 50 0 4 8 12 16 20 pulse test i d = 10 a 5 a 100 30 v gs = 4.5 v 10 v 2.8 v 3.0 v 10 v 3.2 v 4.5 v pulse test 2 a channel dissipation pch (w) case temperature tc (c) power vs. temperature derating 80 60 40 20 0 50 100 150 200 drain current i d (a) drain to source voltage v ds (v) maximum safe operation area 0.1 1 10 100 10 100 1000 1 0.1 dc operation pw = 10 ms 1 ms operation in this area is limited by r ds(on) tc = 25 c 1 shot pulse
rjk0365dpa-02 preliminary rej03g1938-0110 rev.1.10 page 4 of 6 may 21, 2010 case temperature tc ( c) static drain to source on state resistance vs. temperature 25 20 15 10 5 ?25 0 25 50 75 100 125 150 0 i d = 2 a, 5 a, 10 a v gs = 4.5 v 10 v pulse test 2 a, 5 a, 10 a channel temperature tch ( c) repetitive avalanche energy e ar (mj) maximum avalanche energy vs. channel temperature derating 20 16 12 8 4 25 50 75 100 125 150 0 source to drain voltage v sd (v) reverse drain current i dr (a) reverse drain current vs. source to drain voltage 50 40 30 20 10 0 0.4 0.8 1.2 1.6 2.0 pulse test 5 v v gs = 0, ?5 v 10 v capacitance c (pf) drain to source voltage v ds (v) typical capacitance vs. drain to source voltage 01 0 30 20 10000 3000 1000 300 100 30 10 v gs = 0 f = 1 mhz crss coss ciss gate charge qg (nc) drain to source voltage v ds (v) gate to source voltage v gs (v) dynamic input characteristics 50 40 30 20 10 0 20 16 12 8 4 10 20 30 40 50 0 0 i d = 30 a v gs v ds v dd = 25 v 10 v v dd = 25 v 10 v
rjk0365dpa-02 preliminary rej03g1938-0110 rev.1.10 page 5 of 6 may 21, 2010 d . u. t rg i ap monitor v ds monitor v dd 50  v in 15 v 0 i d v ds i ap v (br)dss l v dd e ar = l ? i ap 2 ? 2 1 v dss v dss ? v dd ava lanche t est circuita v a lanche waveform pulse width pw (s) normalized transient thermal impedance vs. pulse width normalized transient thermal impedance  s (t) v in monitor d .u.t. v in 10 v r l v ds = 10 v t r t d(on) v in 90% 90% 10% 10% vout t d(off) vout monitor 90% 10% t f switching ti me t est circuit switching ti me waveform rg 3 1 0.3 0.1 0.03 0.01 1 m 10 m100 m1 10 d = 1 0.5 0.2 0.1 0.05 0.02 0.01 1shot pulse 10 100 tc = 25c p dm pw t d = pw t ch ? c (t) =  s (t) ? ch ? c ch ? c = 4.17c/w, tc = 25c
rjk0365dpa-02 preliminary rej03g1938-0110 rev.1.10 page 6 of 6 may 21, 2010 package dimensions 4.21typ 5.9 0.2typ 0.8max 6.1 1.27typ 0.7typ 0.04min +0.1 -0.2 +0.1 -0.3 1.27typ 0.05max 0min 0.545typ stand-off 5.1 0.2 4.90 0.1 0.5 0.15 3.6 0.2 0.5 0.15 0.4 0.06 3.9 0.2  pwsn0008dc-a wpak(2)v 0.07g mass[typ.] renesas code jeita package code previous code (ni/pd/au plating) notice:the reverse pattern of die-pad support lead described above exists. unit: mm package name wpak(2) ordering information part no. quantity shipping container RJK0365DPA-02-J0 2500 pcs taping
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also, please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part. 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", and "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. further, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended where you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electronics data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 7f, no. 363 fu shing north road taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2010 renesas electronics corporation. all rights reserved. colophon 1.0


▲Up To Search▲   

 
Price & Availability of RJK0365DPA-02-J0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X